Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P0300Q12ALRP Datasheet(PDF) 1 Page - Littelfuse

Part # P0300Q12ALRP
Description  Q2L Series 3x3 QFN are low capacitance SIDACtor짰 devices designed to protect
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P0300Q12ALRP Datasheet(HTML) 1 Page - Littelfuse

  P0300Q12ALRP Datasheet HTML 1Page - Littelfuse P0300Q12ALRP Datasheet HTML 2Page - Littelfuse P0300Q12ALRP Datasheet HTML 3Page - Littelfuse P0300Q12ALRP Datasheet HTML 4Page - Littelfuse P0300Q12ALRP Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SIDACtor® ProtectionThyristors
58
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Broadband OptimizedProtection
Q2L Series - 3x3 QFN
Electrical Characteristics
Description
Features and Benefits
Part Number
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
I
H
I
S
I
T
V
T@ IT =
2.2Amps
Capacitance
@1MHz, 2V bias
V min
V max
mA min mA max
A max
V max
pF min pF max
P0080Q12ALRP
P-8A
6
25
50
800
2.2
5
25
55
P0300Q12ALRP
P03A
25
40
50
800
2.2
5
15
35
P0640Q12ALRP
P06A
58
77
150
800
2.2
5
40
60
P0720Q12ALRP
P07A
65
88
150
800
2.2
5
40
60
P0900Q12ALRP
P09A
75
98
150
800
2.2
5
35
55
P1100Q12ALRP
P11A
90
130
150
800
2.2
5
30
50
P1300Q12ALRP
P13A
120
160
150
800
2.2
5
25
45
P1500Q12ALRP
P15A
140
180
150
800
2.2
5
25
40
P1800Q12ALRP
P18A
170
220
150
800
2.2
5
25
35
P2300Q12ALRP
P23A
190
260
150
800
2.2
5
25
35
P2600Q12ALRP
P26A
220
300
150
800
2.2
5
25
35
P3100Q12ALRP
P31A
275
350
150
800
2.2
5
20
35
P3500Q12ALRP
P35A
320
400
150
800
2.2
5
20
30
Pinout Designation
Agency Approvals
Agency
Agency File Number
E133083
Schematic Symbol
Not Applicable
surged in excess of ratings
Q2L Series 3x3 QFN are low capacitance SIDACtor® de-
vices designed to protect high density broadband equip-
ment from damaging overvoltage transients.
The series provides a low profile, chip scale surface
mount solution that enables broadband equipment to
comply with global regulatory standards while limiting the
impact to broadband signals and board space.
Applicable Global Standards
Level*
* A/B-Rated parts require series resistance
Notes:
- Absolute maximum ratings measured at T
A= 25ºC (unless otherwise noted).
- Devices are bi-directional (unless otherwise noted).
Table continues on next page.


Similar Part No. - P0300Q12ALRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0300Q12ALRP LITTELFUSE-P0300Q12ALRP Datasheet
421Kb / 4P
   Q2L Series SIDACtor Device
More results

Similar Description - P0300Q12ALRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0080Q22CLRP LITTELFUSE-P0080Q22CLRP_11 Datasheet
135Kb / 4P
   Q2L Series 3.3x3.3 QFN are low capacitance SIDACtor짰 devices designed to protect
P0080ECMCLXXX LITTELFUSE-P0080ECMCLXXX Datasheet
147Kb / 4P
   MC Series TO-92 are low capacitance SIDACtor짰 devices designed to protect
P0080SAMCLRP LITTELFUSE-P0080SAMCLRP Datasheet
135Kb / 4P
   MC Series DO-214 are low capacitance SIDACtor짰 devices designed to protect
T10A060BXX LITTELFUSE-T10A060BXX Datasheet
129Kb / 4P
   T10A Series are SIDACtor짰 devices designed protect baseband
T10B080BXX LITTELFUSE-T10B080BXX Datasheet
121Kb / 4P
   T10B Series are SIDACtor짰 devices designed protect baseband equipment
logo
DONGGUAN YOU FENG WEI E...
P0080SA-SMB YFWDIODE-P0080SA-SMB Datasheet
768Kb / 5P
   SIDACtor짰 Series DO-214AA are designed to protect
logo
Littelfuse
P0642SALRP LITTELFUSE-P0642SALRP Datasheet
142Kb / 5P
   TwinChip??Series DO-214 are very low capacitance SIDACtor짰 devices designed
P0084UCMCLXX LITTELFUSE-P0084UCMCLXX Datasheet
152Kb / 5P
   MC Multiport Series MS-013 are low capacitance SIDACtor짰 devices designed
P0080EALXXX LITTELFUSE-P0080EALXXX Datasheet
157Kb / 5P
   SIDACtor짰 Series TO-92 are designed to protect baseband equipment
P0602AALXX LITTELFUSE-P0602AALXX Datasheet
145Kb / 5P
   The SIDACtor짰 Series Modified TO-220 are designed to protect baseband
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com