Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QXX25RH5TP Datasheet(PDF) 2 Page - Littelfuse

Part # QXX25RH5TP
Description  25 Amp bi-directional solid state switch series is designed for AC switching
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX25RH5TP Datasheet(HTML) 2 Page - Littelfuse

  QXX25RH5TP Datasheet HTML 1Page - Littelfuse QXX25RH5TP Datasheet HTML 2Page - Littelfuse QXX25RH5TP Datasheet HTML 3Page - Littelfuse QXX25RH5TP Datasheet HTML 4Page - Littelfuse QXX25RH5TP Datasheet HTML 5Page - Littelfuse QXX25RH5TP Datasheet HTML 6Page - Littelfuse QXX25RH5TP Datasheet HTML 7Page - Littelfuse QXX25RH5TP Datasheet HTML 8Page - Littelfuse QXX25RH5TP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
118
Revised: May 10, 2010 09:33 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
25 Amp Standard & Alternistor (High Commutation) Triacs
Qxx25xx & Qxx25xHx Series
Absolute Maximum Ratings – Standard Triac
Symbol
Parameter
Test Conditions
Value
Unit
I
T(RMS)
RMS on-state current
Qxx25R5
Qxx25N5
T
C = 85°C
25
A
Qxx25P5
T
C = 57°C
I
TSM
Peak non-repetitive surge current
Qxx25R5
Qxx25N5
single half cycle; f = 50Hz;
T
J (initial) = 25°C
167
A
single half cycle; f = 60Hz;
T
J (initial) = 25°C
200
Qxx25P5
single half cycle; f = 50Hz;
T
J (initial) = 25°C
220
single half cycle; f = 60Hz;
T
J (initial) = 25°C
250
I2tI2t Value for fusing
Qxx25R5
Qxx25N5
t
p = 8.3ms
166
A2s
Qxx25P5
260
di/dt
Critical rate-of-rise of on-state current
f = 60Hz; T
J =125°C
100
A/μs
I
GTM
Peak gate current
T
J = 125°C
2A
P
G(AV)
Average gate power dissipation
T
J = 125°C
0.5
W
T
stg
Storage temperature range
-40 to 125
°C
T
J
Operating junction temperature range
Qxx25R5
Qxx25N5
-40 to 125
°C
Qxx25P5
-25 to 125
Absolute Maximum Ratings – Alternistor Triac
Symbol
Parameter
Test Conditions
Value
Unit
I
T(RMS)
RMS on-state current
Qxx25LH5
Qxx25L6
T
C = 65°C
25
A
Qxx25K6
Qxx25J6
T
C = 85°C
Qxx25RH5
Qxx25NH5
Qxx25R6
Qxx25NH6
T
C = 95°C
I
TSM
Peak non-repetitive surge current
single half cycle; f = 50Hz;
T
J (initial) = 25°C
208
A
single half cycle; f = 60Hz;
T
J (initial) = 25°C
250
I2tI2t Value for fusing
t
p = 8.3ms
260
A2s
di/dt
Critical rate-of-rise of on-state current
f = 60Hz; T
J =125°C
100
A/μs
I
GTM
Peak gate current
T
J = 125°C
2
A
P
G(AV)
Average gate power dissipation
T
J = 125°C
0.5
W
T
stg
Storage temperature range
-40 to 125
°C
T
J
Operating junction temperature range
-40 to 125
°C
Note: xx = voltage


Similar Part No. - QXX25RH5TP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
QXX25RH5TP LITTELFUSE-QXX25RH5TP Datasheet
278Kb / 11P
   Teccor brand Thyristors
QXX25RH5TP LITTELFUSE-QXX25RH5TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
More results

Similar Description - QXX25RH5TP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
LX08L6 LITTELFUSE-LX08L6 Datasheet
435Kb / 14P
   8 Amp bi-directional solid state switch series is designed for AC switching and phase
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com