Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QXX25LH5TP Datasheet(PDF) 3 Page - Littelfuse

Part # QXX25LH5TP
Description  25 Amp bi-directional solid state switch series is designed for AC switching
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX25LH5TP Datasheet(HTML) 3 Page - Littelfuse

  QXX25LH5TP Datasheet HTML 1Page - Littelfuse QXX25LH5TP Datasheet HTML 2Page - Littelfuse QXX25LH5TP Datasheet HTML 3Page - Littelfuse QXX25LH5TP Datasheet HTML 4Page - Littelfuse QXX25LH5TP Datasheet HTML 5Page - Littelfuse QXX25LH5TP Datasheet HTML 6Page - Littelfuse QXX25LH5TP Datasheet HTML 7Page - Littelfuse QXX25LH5TP Datasheet HTML 8Page - Littelfuse QXX25LH5TP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
119
©2010 Littelfuse, Inc
Revised: May 10, 2010 09:33 PM
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Teccor® brand Thyristors
Qxx25xx & Qxx25xHx Series
25 Amp Standard & Alternistor (High Commutation) Triacs
Electrical Characteristics (T
J = 25°C, unless otherwise specified) — Standard Triac
Symbol
Test Conditions
Quadrant
Value
Unit
Qxx25R5
Qxx25N5
Qxx25P5
I
GT
V
D = 12V; RL = 60
I – II – III
MAX.
50
mA
IV
TYP.
120
V
GT
I – II – III
MAX.
1.3
V
IV
TYP.
2.5
V
GD
V
D = VDRM; RL = 3.3 k
; T
J = 125°C
ALL
MIN.
0.2
V
I
H
I
T = 400mA (initial)
MAX.
100
50
mA
dv/dt
V
D = VDRM; Gate Open; TJ = 125°C
400V
MIN.
275
V/μs
600V
225
475
800V
200
400
V
D = VDRM; Gate Open; TJ = 100°C
1000V
200
(dv/dt)c
(di/dt)c = 13.3 A/ms; T
J = 125°C
MIN.
5
V/μs
t
gt
I
G = 2 x IGT; PW = 15μs; IT = 35.4 A
TYP.
4
3
μs
Symbol
Test Conditions
Quadrant
Value
Unit
Qxx25RH5
Qxx25LH5
Qxx25NH5
Qxx25R6
Qxx25L6
Qxx25NH6
Qxx25K6
Qxx25J6
I
GT
V
D = 12V; RL = 60
I – II – III
MAX.
50
80
mA
V
GT
I – II – III
MAX.
1.3
V
V
GD
V
D = VDRM; RL = 3.3 k
; T
J = 125°C
I – II – III
MIN.
0.2
V
I
H
I
T = 400mA (initial)
MAX.
50
100
mA
dv/dt
V
D = VDRM; Gate Open; TJ = 125°C
400V
MIN.
575
600
V/μs
600V
500
600
800V
400
475
V
D = VDRM; Gate Open; TJ = 100°C
1000V
400
(dv/dt)c
(di/dt)c = 13.3 A/ms; T
J = 125°C
MIN.
20
30
V/μs
t
gt
I
G = 2 x IGT; PW = 15μs; IT = 35.4 A
TYP.
3
5
μs
Electrical Characteristics (T
J = 25°C, unless otherwise specified) — Alternistor Triac
Symbol
Test Conditions
Value
Unit
Qxx25R5
Qxx25N5
Qxx25xH5
Qxx25x6
Qxx25NH6
Qxx25P5
V
TM
I
T = 35.4A; tp = 380 μs
MAX.
1.8
1.4
V
I
DRM / IRRM
V
DRM / VRRM
T
J = 25°C
600 – 800V
MAX.
10
100
μA
1000V
20
T
J = 100°C
600 – 800V
500
1000V
1000
T
J = 125°C
600 – 800V
2000
5000
Note: xx = voltage, x = package
Static Characteristics


Similar Part No. - QXX25LH5TP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
QXX25LH5TP LITTELFUSE-QXX25LH5TP Datasheet
278Kb / 11P
   Teccor brand Thyristors
QXX25LH5TP LITTELFUSE-QXX25LH5TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
More results

Similar Description - QXX25LH5TP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
LX08L6 LITTELFUSE-LX08L6 Datasheet
435Kb / 14P
   8 Amp bi-directional solid state switch series is designed for AC switching and phase
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com