Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM3252 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SPM3252
Description  SPDT Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SPM3252 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SPM3252 Datasheet HTML 1Page - Sanyo Semicon Device SPM3252 Datasheet HTML 2Page - Sanyo Semicon Device SPM3252 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPM3252
No.6356-2/3
0
0.5
1.0
1.5
2.0
2.5
30
25
20
15
10
5
--5
--10
--15
--20
--25
--30
10
15
20
25
30
5
10
15
20
25
30
5
10
15
20
25
30
5
ANT
RX on
ANT
TX on
Input Power (dBm)
Insertion -- Input Power
Vctl+3 / 0V, f=1.9GHz
ANT
RX
on
ANT
TX
on
Input Power (dBm)
Output Power -- Input Power
Vctl+3 / 0V, f=1900MHz
Input Power (dBm)
Isolation -- Input Power
Vctl+3 / 0V, f=1.9GHz
ANT / TX Isolation at ANT
RX on
ANT / RX Isolation at ANT
TX on
0
0.5
1.0
1.5
2.0
2.5
1.0
1.5
2.0
2.5
3.0
0.5
ANT
RX
on
ANT
TX on
Frequency (GHz)
Frequency (GHz)
Insertion Loss -- Frequency
Vctl+3 / 0V, Pin=+10dBm
Vctl+3 / 0V, Pin=+10dBm
--5
--10
--15
--20
--25
--30
1.0
1.5
2.0
2.5
3.0
0.5
Isolation -- Frequency
ANT
/ TX
Isolation
at
ANT
RX
on
ANT
/ RX
Isolation
at
ANT
TX
on
IT01403
IT01404
IT01405
IT01407
IT01406


Similar Part No. - SPM3252

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SPM3255 SANYO-SPM3255 Datasheet
30Kb / 3P
   Single Power Supply Operation RF Switch MMIC
More results

Similar Description - SPM3252

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SPM3205 SANYO-SPM3205 Datasheet
16Kb / 3P
   SPDT Switch
logo
Mini-Circuits
MSP2T-18 MINI-MSP2T-18 Datasheet
84Kb / 1P
   SPDT Switch
logo
BeRex Corporation
BSW841 BEREX-BSW841_16 Datasheet
766Kb / 5P
   SPDT Switch
logo
Pasternack Enterprises,...
PE71S6096 PASTERNACK-PE71S6096 Datasheet
438Kb / 4P
   SPDT Switch
PE71S6111 PASTERNACK-PE71S6111 Datasheet
427Kb / 4P
   SPDT Switch
PE71S6112 PASTERNACK-PE71S6112 Datasheet
413Kb / 4P
   SPDT Switch
logo
Mini-Circuits
MSP2T-18XL MINI-MSP2T-18XL Datasheet
533Kb / 4P
   SPDT Switch
MSP2T-26XL MINI-MSP2T-26XL Datasheet
537Kb / 4P
   SPDT Switch
logo
ON Semiconductor
NLAS9041 ONSEMI-NLAS9041 Datasheet
171Kb / 9P
   SPDT, Switch
April, 2007 ??Rev. 0
logo
Pasternack Enterprises,...
PE71S6101 PASTERNACK-PE71S6101 Datasheet
431Kb / 4P
   SPDT Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com