Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QXX06LTTP Datasheet(PDF) 7 Page - Littelfuse

Part # QXX06LTTP
Description  The Quadrac is an internally triggered Triac designed for AC switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX06LTTP Datasheet(HTML) 7 Page - Littelfuse

  QXX06LTTP Datasheet HTML 1Page - Littelfuse QXX06LTTP Datasheet HTML 2Page - Littelfuse QXX06LTTP Datasheet HTML 3Page - Littelfuse QXX06LTTP Datasheet HTML 4Page - Littelfuse QXX06LTTP Datasheet HTML 5Page - Littelfuse QXX06LTTP Datasheet HTML 6Page - Littelfuse QXX06LTTP Datasheet HTML 7Page - Littelfuse QXX06LTTP Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
161
Revised: November 1, 2010 05:04 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
4 / 6 / 8 / 10 / 15 Amp Quadracs
QxxxxLTx Series
Product Selector
Part Number
Voltage
Type
Package
400V
600V
800V
1000V
Qxx04LT
X
X
Quadrac
TO-220L
Qxx06LT
X
X
Quadrac
TO-220L
Qxx06LTH
X
X
Alternistor Quadrac
TO-220L
Qxx08LT
X
X
Quadrac
TO-220L
Qxx08LTH
X
X
Alternistor Quadrac
TO-220L
Qxx10LT
X
X
Quadrac
TO-220L
Qxx10LTH
X
X
Alternistor Quadrac
TO-220L
Qxx15LT
X
X
Quadrac
TO-220L
Qxx15LTH
X
X
Alternistor Quadrac
TO-220L
Note: xx = Voltage
Dimensions — TO-220AB (L-Package) — Isolated Mounting Tab
Dimension
Inches
Millimeters
Min
Max
Min
Max
A
0.380
0.420
9.65
10.67
B
0.105
0.115
2.67
2.92
C
0.230
0.250
5.84
6.35
D
0.590
0.620
14.99
15.75
E
0.142
0.147
3.61
3.73
F
0.110
0.130
2.79
3.30
G
0.540
0.575
13.72
14.61
H
0.025
0.035
0.64
0.89
J
0.195
0.205
4.95
5.21
K
0.095
0.105
2.41
2.67
L
0.060
0.075
1.52
1.91
M
0.085
0.095
2.16
2.41
N
0.018
0.024
0.46
0.61
O
0.178
0.188
4.52
4.78
P
0.045
0.060
1.14
1.52
R
0.038
0.048
0.97
1.22
K
J
A
H
G
B
F
E
C
D
L
R
T
C MEASURING POINT
MT2
O
P
N
M
MT1
T (Trigger)
AREA (REF.)
0.17 in2
.320
8.13
.526
13.36
.276
7.01
Note: Maximum torque
to be applied to mounting tab
is 8 in-lbs. (0.904 Nm).


Similar Part No. - QXX06LTTP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
QXX06L4 LITTELFUSE-QXX06L4 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
QXX06L5 LITTELFUSE-QXX06L5 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
QXX06LH4 LITTELFUSE-QXX06LH4 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
More results

Similar Description - QXX06LTTP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
QXXXXLTX LITTELFUSE-QXXXXLTX Datasheet
762Kb / 8P
   The Quadrac is an internally triggered Triac designed for AC switching and phase control applications
logo
NTE Electronics
NTE5646 NTE-NTE5646 Datasheet
18Kb / 2P
   TRIAC - Internally Triggered
logo
Littelfuse
Q2004LT LITTELFUSE-Q2004LT Datasheet
139Kb / 6P
   Quadrac - Internally Triggered Triacs (4 A to 15 A)
HQ6025RH5 LITTELFUSE-HQ6025RH5 Datasheet
237Kb / 8P
   25Amp bi-directional Alternistor Triac is designed for AC switching and phase
logo
PHOENIX CONTACT
2702495 PHOENIX-2702495 Datasheet
92Kb / 4P
   The terminal is designed for use within an Inline station.
2702792 PHOENIX-2702792 Datasheet
92Kb / 5P
   The terminal is designed for use within an Inline station.
2702825 PHOENIX-2702825 Datasheet
95Kb / 5P
   The terminal is designed for use within an Inline station.
2702498 PHOENIX-2702498 Datasheet
101Kb / 5P
   The terminal is designed for use within an Inline station.
2702793 PHOENIX-2702793 Datasheet
94Kb / 5P
   The terminal is designed for use within an Inline station.
2701162 PHOENIX-2701162 Datasheet
85Kb / 4P
   The terminal is designed for use within an Inline station.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com