Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SXX10RS2 Datasheet(PDF) 11 Page - Littelfuse

Part # SXX10RS2
Description  Excellent unidirectional switches for phase control and general switching
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SXX10RS2 Datasheet(HTML) 11 Page - Littelfuse

Back Button SXX10RS2 Datasheet HTML 3Page - Littelfuse SXX10RS2 Datasheet HTML 4Page - Littelfuse SXX10RS2 Datasheet HTML 5Page - Littelfuse SXX10RS2 Datasheet HTML 6Page - Littelfuse SXX10RS2 Datasheet HTML 7Page - Littelfuse SXX10RS2 Datasheet HTML 8Page - Littelfuse SXX10RS2 Datasheet HTML 9Page - Littelfuse SXX10RS2 Datasheet HTML 10Page - Littelfuse SXX10RS2 Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
251
©2010 Littelfuse, Inc
Revised: July 29, 2010 09:54 AM
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Sxx10xSx & Sxx10x Series
10 Amp Sensitive & Standard SCRs
Packing Options
Part Number
Marking
Weight
Packing Mode
Base Quantity
Sxx10L/Ryy
Sxx10L/Ryy
2.2 g
Bulk
500
Sxx10L/RyyTP
Sxx10L/Ryy
2.2 g
Tube
500 (50 per tube)
Sxx10DyyTP
Sxx10Dyy
0.3 g
Tube
750 (75 per tube)
Sxx10DyyRP
Sxx10Dyy
0.3 g
Embossed Carrier
2500
Sxx10VyyTP
Sxx10Vyy
0.4 g
Tube
750 (75 per tube)
Sxx10L/R
Sxx10L/R
2.2 g
Bulk
500
Sxx10L/RTP
Sxx10L/R
2.2 g
Tube
500 (50 per tube)
Sxx10DTP
Sxx10D
0.3 g
Tube
750 (75 per tube)
Sxx10DRP
Sxx10D
0.3 g
Embossed Carrier
2500
Sxx10VTP
Sxx10V
0.4 g
Tube
750 (75 per tube)
Note: xx = Voltage; yy = Sensitivity
0.512 (13.0) Arbor
Hole Dia.
Gate
Cathode
Anode
0.63
(16.0)
0.157
(4.0)
0.64
(16.3)
12.99
(330.0)
0.524
(13.3)
0.315
(8.0)
0.059
Dia
(1.5)
*
* Cover tape
Direction of Feed
Dimensions
are in inches
(and millimeters).
TO-252 Embossed Carrier Reel Pack (RP) Specifications
Meets all EIA-481-2 Standards
Part Numbering System
Part Marking System
CURRENT
10: 10A
SENSITIVITY & TYPE
Sensitive SCR:
S2: 200μA
Standard SCR:
(blank): 15mA
PACKAGE TYPE
L : TO-220 Isolated
R : TO-220 Non-Isolated
V : TO-251 (VPAK)
D : TO-252 (DPAK)
VOLTAGE RATING
40 : 400V
60 : 600V
80 : 800V
K0 : 1000V
LEAD FORM DIMENSIONS
xx : Lead Form Option
S 60 10 L S2 56
DEVICE TYPE
S : SCR
S3: 500μA
TO-252AA – (D Package )
TO-251AA – (V Package)
Sxx10L
TO-220AB - (R & L Packages)
yxxxx
®


Similar Part No. - SXX10RS2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Sxx12D LITTELFUSE-Sxx12D Datasheet
738Kb / 9P
   RoHS compliant
SXX12DRP LITTELFUSE-SXX12DRP Datasheet
351Kb / 8P
   Excellent unidirectional switches for phase control applications
Sxx12DRP LITTELFUSE-Sxx12DRP Datasheet
738Kb / 9P
   RoHS compliant
SXX12DTP LITTELFUSE-SXX12DTP Datasheet
351Kb / 8P
   Excellent unidirectional switches for phase control applications
Sxx12DTP LITTELFUSE-Sxx12DTP Datasheet
738Kb / 9P
   RoHS compliant
More results

Similar Description - SXX10RS2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SXX08XSX LITTELFUSE-SXX08XSX Datasheet
793Kb / 11P
   Excellent unidirectional switches for phase control
SXX15L LITTELFUSE-SXX15L Datasheet
988Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX04DS1 LITTELFUSE-SXX04DS1 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08RS2 LITTELFUSE-SXX08RS2 Datasheet
411Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX20L LITTELFUSE-SXX20L Datasheet
1,003Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX35K LITTELFUSE-SXX35K Datasheet
195Kb / 7P
   Excellent unidirectional switches for phase control applications
SXX55R LITTELFUSE-SXX55R Datasheet
257Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX65K LITTELFUSE-SXX65K Datasheet
207Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX06RS2 LITTELFUSE-SXX06RS2 Datasheet
417Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX12R LITTELFUSE-SXX12R Datasheet
351Kb / 8P
   Excellent unidirectional switches for phase control applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com