Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SXX08V Datasheet(PDF) 10 Page - Littelfuse

Part # SXX08V
Description  Excellent unidirectional switches for phase control applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SXX08V Datasheet(HTML) 10 Page - Littelfuse

Back Button SXX08V Datasheet HTML 3Page - Littelfuse SXX08V Datasheet HTML 4Page - Littelfuse SXX08V Datasheet HTML 5Page - Littelfuse SXX08V Datasheet HTML 6Page - Littelfuse SXX08V Datasheet HTML 7Page - Littelfuse SXX08V Datasheet HTML 8Page - Littelfuse SXX08V Datasheet HTML 9Page - Littelfuse SXX08V Datasheet HTML 10Page - Littelfuse SXX08V Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
238
Revised: July 29, 2010 09:54 AM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
8 Amp Sensitive & Standard SCRs
Sxx08xSx & Sxx08x Series
Product Selector
Part Number
Voltage
Gate Sensitivity
Type
Package
400V
600V
800V
1000V
Sxx08RS2
X
X
0.2mA
Sensitive SCR
TO-220R
Sxx08LS2
X
X
0.2mA
Sensitive SCR
TO-220L
Sxx08VS2
X
X
0.2mA
Sensitive SCR
TO-251
Sxx08DS2
X
X
0.2mA
Sensitive SCR
TO-252
Sxx08RS3
X
X
0.5mA
Sensitive SCR
TO-220R
Sxx08LS3
X
X
0.5mA
Sensitive SCR
TO-220L
Sxx08VS3
X
X
0.5mA
Sensitive SCR
TO-251
Sxx08DS3
X
X
0.5mA
Sensitive SCR
TO-252
Sxx08R
XXXX
15mA
Standard SCR
TO-220R
Sxx08L
XXXX
15mA
Standard SCR
TO-220L
Sxx08V
XXXX
15mA
Standard SCR
TO-251
Sxx08D
XXXX
15mA
Standard SCR
TO-252
Note: xx = Voltage
Packing Options
Part Number
Marking
Weight
Packing Mode
Base Quantity
Sxx08L/Ryy
Sxx08L/Ryy
2.2 g
Bulk
500
Sxx08L/RyyTP
Sxx08L/Ryy
2.2 g
Tube
500 (50 per tube)
Sxx08DyyTP
Sxx08Dyy
0.3 g
Tube
750 (75 per tube)
Sxx08DyyRP
Sxx08Dyy
0.3 g
Embossed Carrier
2500
Sxx08VyyTP
Sxx08Vyy
0.4 g
Tube
750 (75 per tube)
Sxx08L/R
Sxx08L/R
2.2 g
Bulk
500
Sxx08L/RTP
Sxx08L/R
2.2 g
Tube
500 (50 per tube)
Sxx08DTP
Sxx08D
0.3 g
Tube
750 (75 per tube)
Sxx08DRP
Sxx08D
0.3 g
Embossed Carrier
2500
Sxx08VTP
Sxx08V
0.4 g
Tube
750 (75 per tube)
Note: xx = Voltage; yy = Sensitivity


Similar Part No. - SXX08V

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Sxx08V LITTELFUSE-Sxx08V Datasheet
793Kb / 11P
   Excellent unidirectional switches for phase control
Sxx08VS2 LITTELFUSE-Sxx08VS2 Datasheet
793Kb / 11P
   Excellent unidirectional switches for phase control
Sxx08VS3 LITTELFUSE-Sxx08VS3 Datasheet
793Kb / 11P
   Excellent unidirectional switches for phase control
More results

Similar Description - SXX08V

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SXX15L LITTELFUSE-SXX15L Datasheet
988Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX04DS1 LITTELFUSE-SXX04DS1 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX20L LITTELFUSE-SXX20L Datasheet
1,003Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX35K LITTELFUSE-SXX35K Datasheet
195Kb / 7P
   Excellent unidirectional switches for phase control applications
SXX55R LITTELFUSE-SXX55R Datasheet
257Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX65K LITTELFUSE-SXX65K Datasheet
207Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX06RS2 LITTELFUSE-SXX06RS2 Datasheet
417Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX12R LITTELFUSE-SXX12R Datasheet
351Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX40R LITTELFUSE-SXX40R Datasheet
906Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08XSX LITTELFUSE-SXX08XSX Datasheet
793Kb / 11P
   Excellent unidirectional switches for phase control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com