Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19-213-B7C-AQ2S1B2-3T Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # 19-213-B7C-AQ2S1B2-3T
Description  0603 Package Chip LED (0.6mm Height)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

19-213-B7C-AQ2S1B2-3T Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  19-213-B7C-AQ2S1B2-3T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 19-213-B7C-AQ2S1B2-3T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 19-213-B7C-AQ2S1B2-3T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 19-213-B7C-AQ2S1B2-3T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 19-213-B7C-AQ2S1B2-3T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 19-213-B7C-AQ2S1B2-3T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 19-213-B7C-AQ2S1B2-3T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 19-213-B7C-AQ2S1B2-3T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 19-213-B7C-AQ2S1B2-3T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2008-09-20 00:16:11.0
EVERLIGHT ELECTRONICS CO.,LTD.
19-213/B7C-AQ2S1B2/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 4 of 10
Device No:SZDSE-193-B39
Prepared date:24-Oct -2007
Prepared by: Yuan Shaoxiang
Bin Range Of Dom. Wavelength
Group
Bin
Min
Max
Unit
Condition
A9
464.5
467.5
A10
467.5
470.5
A11
470.5
473.5
A
A12
473.5
476.5
nm
IF =20mA
Bin Range Of Luminous Intensity
Bin
Min
Max
Unit
Condition
Q2
90.0
112
R1
112
140
R2
140
180
S1
180
225
mcd
IF =20mA
Bin Range Of Luminous Voltage
Group
Bin
Min
Max
Unit
Condition
36
2.90
3.00
37
3.00
3.10
38
3.10
3.20
39
3.20
3.30
40
3.30
3.40
41
3.40
3.50
B2
42
3.50
3.60
V
IF =20mA
Notes:
1.Tolerance of Luminous Intensity ±11%
2.Tolerance of Dominant Wavelength ±1nm
3.Tolerance of Forward Voltage ±0.05 V


Similar Part No. - 19-213-B7C-AQ2S1B2-3T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-213-B7C-AQ2S1B2-3T EVERLIGHT-19-213-B7C-AQ2S1B2-3T Datasheet
249Kb / 10P
   0603 Package Chip LED (0.6mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-213-B7C-AQ2S1B2-3T TO-GRACE-19-213-B7C-AQ2S1B2-3T Datasheet
884Kb / 10P
   0603 Package Chip LED (0.6mm Height)
logo
Everlight Electronics C...
19-213-B7C-AQ2S1B2-3T EVERLIGHT-19-213-B7C-AQ2S1B2-3T_11 Datasheet
249Kb / 10P
   0603 Package Chip LED (0.6mm Height)
More results

Similar Description - 19-213-B7C-AQ2S1B2-3T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-213-G6C-AP1Q2-3T EVERLIGHT-19-213-G6C-AP1Q2-3T Datasheet
205Kb / 10P
   0603 Package Chip LED(0.6mm Height)
19-213-Y2C-AP1Q2B-3T EVERLIGHT-19-213-Y2C-AP1Q2B-3T Datasheet
159Kb / 10P
   0603 Package Chip LED (0.6mm Height)
19-213-Y2C-CQ1R2-3T EVERLIGHT-19-213-Y2C-CQ1R2-3T Datasheet
131Kb / 10P
   0603 Package Chip LED (0.6mm Height)
19-213-R6C-AP1Q2B-3T EVERLIGHT-19-213-R6C-AP1Q2B-3T Datasheet
206Kb / 10P
   0603 Package Chip LED (0.6mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-213-Y2C-CP1Q2L-3T TO-GRACE-19-213-Y2C-CP1Q2L-3T Datasheet
1Mb / 10P
   0603 Package Chip LED (0.6mm Height)
19-213-Y2C-AP1Q2B-3T TO-GRACE-19-213-Y2C-AP1Q2B-3T Datasheet
902Kb / 10P
   0603 Package Chip LED (0.6mm Height)
logo
Everlight Electronics C...
19-213A-T1D-CP2Q2HY-3T EVERLIGHT-19-213A-T1D-CP2Q2HY-3T Datasheet
149Kb / 12P
   0603 Package Chip LED (0.6mm Height)
19-213-S2C-AN1P2B-3T EVERLIGHT-19-213-S2C-AN1P2B-3T Datasheet
140Kb / 10P
   0603 Package Chip LED(0.6mm Height)
19-213-Y2C-CN1P2-3T EVERLIGHT-19-213-Y2C-CN1P2-3T Datasheet
156Kb / 10P
   0603 Package Chip LED (0.6mm Height)
logo
TAITRON Components Inco...
TSP1-BF1608H6-L1M2Y TAITRON-TSP1-BF1608H6-L1M2Y Datasheet
385Kb / 9P
   0603 PACKAGE CHIP LED (0.6mm HEIGHT)
logo
Everlight Electronics C...
60-21-R6C-AQ1R1B-3T EVERLIGHT-60-21-R6C-AQ1R1B-3T Datasheet
152Kb / 11P
   0603 Package Chip LED (0.6mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com