Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SXX10L Datasheet(PDF) 1 Page - Littelfuse

Part # SXX10L
Description  Excellent unidirectional switches for phase control and general switching
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SXX10L Datasheet(HTML) 1 Page - Littelfuse

  SXX10L Datasheet HTML 1Page - Littelfuse SXX10L Datasheet HTML 2Page - Littelfuse SXX10L Datasheet HTML 3Page - Littelfuse SXX10L Datasheet HTML 4Page - Littelfuse SXX10L Datasheet HTML 5Page - Littelfuse SXX10L Datasheet HTML 6Page - Littelfuse SXX10L Datasheet HTML 7Page - Littelfuse SXX10L Datasheet HTML 8Page - Littelfuse SXX10L Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
241
©2010 Littelfuse, Inc
Revised: July 29, 2010 09:54 AM
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Sxx10xSx & Sxx10x Series
10 Amp Sensitive & Standard SCRs
Sxx10xSx & Sxx10x Series
Description
Excellent unidirectional switches for phase control and
general switching applications such as heating and motor
speed controls.
Sensitive gate SCRs are easily triggered with microAmps
of current as furnished by sense coils, proximity switches,
and microprocessors.
Standard phase control SCRs are triggered with few
milliamperes of current at less than 1.5V potential.
Features & Benefits
junctions
to 1000 V
to 100 A
Main Features
Symbol
Value
Unit
I
T(RMS)
10
A
V
DRM /VRRM
400 to 1000
V
I
0.2 to 15
mA
Schematic Symbol
Agency Approval
Agency
Agency File Number
®
TO-220L Package : E71639
Applications
Typical applications are capacitive discharge systems for
strobe lights, nailers, staplers and gas engine ignition. Also
controls for power tools, home/brown goods and white
goods appliances.
Internally constructed isolated packages are offered for
ease of heat sinking with highest isolation voltage.
A
K
G
®


Similar Part No. - SXX10L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Sxx12D LITTELFUSE-Sxx12D Datasheet
738Kb / 9P
   RoHS compliant
SXX12DRP LITTELFUSE-SXX12DRP Datasheet
351Kb / 8P
   Excellent unidirectional switches for phase control applications
Sxx12DRP LITTELFUSE-Sxx12DRP Datasheet
738Kb / 9P
   RoHS compliant
SXX12DTP LITTELFUSE-SXX12DTP Datasheet
351Kb / 8P
   Excellent unidirectional switches for phase control applications
Sxx12DTP LITTELFUSE-Sxx12DTP Datasheet
738Kb / 9P
   RoHS compliant
More results

Similar Description - SXX10L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SXX08XSX LITTELFUSE-SXX08XSX Datasheet
793Kb / 11P
   Excellent unidirectional switches for phase control
SXX15L LITTELFUSE-SXX15L Datasheet
988Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX04DS1 LITTELFUSE-SXX04DS1 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08RS2 LITTELFUSE-SXX08RS2 Datasheet
411Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX20L LITTELFUSE-SXX20L Datasheet
1,003Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX35K LITTELFUSE-SXX35K Datasheet
195Kb / 7P
   Excellent unidirectional switches for phase control applications
SXX55R LITTELFUSE-SXX55R Datasheet
257Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX65K LITTELFUSE-SXX65K Datasheet
207Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX06RS2 LITTELFUSE-SXX06RS2 Datasheet
417Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX12R LITTELFUSE-SXX12R Datasheet
351Kb / 8P
   Excellent unidirectional switches for phase control applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com