Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T10A068XX Datasheet(PDF) 1 Page - Littelfuse

Part # T10A068XX
Description  T10A Series are SIDACtor짰 devices designed protect baseband
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

T10A068XX Datasheet(HTML) 1 Page - Littelfuse

  T10A068XX Datasheet HTML 1Page - Littelfuse T10A068XX Datasheet HTML 2Page - Littelfuse T10A068XX Datasheet HTML 3Page - Littelfuse T10A068XX Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SIDACtor® ProtectionThyristors
176
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
T10A Series - DO-15
Electrical Characteristics
T10A Series are SIDACtor® devices designed protect
baseband equipment such as modems, line cards, CPE
and DSL from damaging overvoltage transients.
The series provides a cost effective through-hole
solution that enables equipment to comply with global
regulatory standards.
Description
Features and Benefits
Low voltage overshoot
Low on-state voltage
Does not degrade with
use
Fails short circuit when
surged in excess of
ratings
Low Capacitance
Agency Approvals
Agency
Agency File Number
E128662
Schematic Symbol
Pinout Designation
Part Number
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
I
H
I
S
I
T
V
T
@I
T=2.2 Amp
Capacitance
@ 1MHz, 2V Bias
V Min
V Max
mA Min mA Max A Max
V Max
pF Typ
T10A060Bxx
T10A060B
50
84
120
800
2.2
4
50
T10A060Exx
T10A060E
50
84
180
800
2.2
4
50
T10A062xx
T10A062
56
86
150
800
2.2
4
50
T10A068xx
T10A068
61
94
150
800
2.2
4
50
T10A080Bxx
T10A080B
70
125
120
800
2.2
4
43
T10A080Exx
T10A080E
70
125
180
800
2.2
4
43
T10A100xx
T10A100
90
140
150
800
2.2
4
43
T10A110Bxx
T10A110B
100
142
120
800
2.2
4
38
T10A110Exx
T10A110E
100
142
180
800
2.2
4
38
T10A120xx
T10A120
108
168
150
800
2.2
4
38
T10A130xx
T10A130
117
178
150
800
2.2
4
38
T10A140Bxx
T10A140B
120
178
120
800
2.2
4
34
T10A140Exx
T10A140E
120
178
180
800
2.2
4
34
T10A180xx
T10A180
170
220
150
800
2.2
4
34
T10A180Bxx
T10A180B
170
220
120
800
2.2
4
32
T10A180Exx
T10A180E
170
220
180
800
2.2
4
32
T10A200xx
T10A200
180
275
150
800
2.2
4
30
T10A220xx
T10A220
200
275
150
800
2.2
4
30
Applicable Global Standards
TIA-968-A
TIA-968-B
ITU K.20/21 Enhanced
Level*
ITU K.20/21 Basic Level
GR 1089 Inter-building*
GR 1089 Intra-building
IEC 61000-4-5
YD/T 1082
YD/T 993
YD/T 950
*A-rated parts require series resistance
Not Applicable
Table continues on next page.


Similar Part No. - T10A068XX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
T10A068 LITTELFUSE-T10A068 Datasheet
68Kb / 1P
   Glass passivated junction
T10A068 LITTELFUSE-T10A068 Datasheet
143Kb / 2P
   SIDACtor Devices
More results

Similar Description - T10A068XX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
T10B080BXX LITTELFUSE-T10B080BXX Datasheet
121Kb / 4P
   T10B Series are SIDACtor짰 devices designed protect baseband equipment
P0080EALXXX LITTELFUSE-P0080EALXXX Datasheet
157Kb / 5P
   SIDACtor짰 Series TO-92 are designed to protect baseband equipment
P0602AALXX LITTELFUSE-P0602AALXX Datasheet
145Kb / 5P
   The SIDACtor짰 Series Modified TO-220 are designed to protect baseband
P0084UALXX LITTELFUSE-P0084UALXX Datasheet
155Kb / 5P
   SIDACtor짰 Multiport Series MS-013 are designed to protect baseband equipment
logo
DONGGUAN YOU FENG WEI E...
P0080SA-SMB YFWDIODE-P0080SA-SMB Datasheet
768Kb / 5P
   SIDACtor짰 Series DO-214AA are designed to protect
logo
Littelfuse
P0080Q22CLRP LITTELFUSE-P0080Q22CLRP_11 Datasheet
135Kb / 4P
   Q2L Series 3.3x3.3 QFN are low capacitance SIDACtor짰 devices designed to protect
P0080Q12ALRP LITTELFUSE-P0080Q12ALRP_11 Datasheet
143Kb / 5P
   Q2L Series 3x3 QFN are low capacitance SIDACtor짰 devices designed to protect
P0080ECMCLXXX LITTELFUSE-P0080ECMCLXXX Datasheet
147Kb / 4P
   MC Series TO-92 are low capacitance SIDACtor짰 devices designed to protect
P0080SAMCLRP LITTELFUSE-P0080SAMCLRP Datasheet
135Kb / 4P
   MC Series DO-214 are low capacitance SIDACtor짰 devices designed to protect
P0642SALRP LITTELFUSE-P0642SALRP Datasheet
142Kb / 5P
   TwinChip??Series DO-214 are very low capacitance SIDACtor짰 devices designed
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com