Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SXX70WTP Datasheet(PDF) 8 Page - Littelfuse

Part # SXX70WTP
Description  Excellent unidirectional switches for phase control applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SXX70WTP Datasheet(HTML) 8 Page - Littelfuse

  SXX70WTP Datasheet HTML 1Page - Littelfuse SXX70WTP Datasheet HTML 2Page - Littelfuse SXX70WTP Datasheet HTML 3Page - Littelfuse SXX70WTP Datasheet HTML 4Page - Littelfuse SXX70WTP Datasheet HTML 5Page - Littelfuse SXX70WTP Datasheet HTML 6Page - Littelfuse SXX70WTP Datasheet HTML 7Page - Littelfuse SXX70WTP Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
312
Revised: May 10, 2010 09:33 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
65 / 70 Amp Standard SCRs
Sxx65x & Sxx70x Series
Part Numbering System
Part Marking System
81
DEVICE TYPE
S: SCR
xx: Lead Form Option
PACKAGE TYPE
K: TO-218AC (Isolated)
W: TO-218X (Non-isolated)
J: TO-218X (Isolated)
CURRENT RATING
Lead Form Dimensions
65: 65A
70: 70A
VOLTAGE RATING
40: 400V
60: 600V
80: 800V
K0: 1000V
SENSITIVITY & TYPE
S60 65 K
[blank]: 50mA
TO-218AC - (K Package)
TO-218X - (W Package)
TO-218X - (J Package)
®
yxxxx
S6065K


Similar Part No. - SXX70WTP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SXX70W LITTELFUSE-SXX70W Datasheet
207Kb / 8P
   Sxx65x Sxx70x Series
More results

Similar Description - SXX70WTP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SXX15L LITTELFUSE-SXX15L Datasheet
988Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX04DS1 LITTELFUSE-SXX04DS1 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08RS2 LITTELFUSE-SXX08RS2 Datasheet
411Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX20L LITTELFUSE-SXX20L Datasheet
1,003Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX35K LITTELFUSE-SXX35K Datasheet
195Kb / 7P
   Excellent unidirectional switches for phase control applications
SXX55R LITTELFUSE-SXX55R Datasheet
257Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX06RS2 LITTELFUSE-SXX06RS2 Datasheet
417Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX12R LITTELFUSE-SXX12R Datasheet
351Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX40R LITTELFUSE-SXX40R Datasheet
906Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08XSX LITTELFUSE-SXX08XSX Datasheet
793Kb / 11P
   Excellent unidirectional switches for phase control
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com