Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SXX55MTP Datasheet(PDF) 3 Page - Littelfuse

Part # SXX55MTP
Description  Excellent unidirectional switches for phase control applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SXX55MTP Datasheet(HTML) 3 Page - Littelfuse

  SXX55MTP Datasheet HTML 1Page - Littelfuse SXX55MTP Datasheet HTML 2Page - Littelfuse SXX55MTP Datasheet HTML 3Page - Littelfuse SXX55MTP Datasheet HTML 4Page - Littelfuse SXX55MTP Datasheet HTML 5Page - Littelfuse SXX55MTP Datasheet HTML 6Page - Littelfuse SXX55MTP Datasheet HTML 7Page - Littelfuse SXX55MTP Datasheet HTML 8Page - Littelfuse SXX55MTP Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
297
Revised: December 9, 2010 02:31 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
55 Amp Standard SCRs
Sxx55x Series
Figure 1: Normalized DC Gate Trigger Current
vs. Junction Temperature
Figure 2: Normalized DC Gate Trigger Voltage
vs. Junction Temperature
125
0.0
0.5
1.0
1.5
2.0
-40
-15
10
35
60
85
110
Junction Temperature (T
J) -- (°C)
Figure 5: Power Dissipation (Typical)
vs. RMS On-State Current
Figure 6: Maximum Allowable Case Temperature
vs. RMS On-State Current
Figure 3: Normalized DC Holding Current
vs. Junction Temperature
Figure 4: On-State Current vs. On-State Voltage
(Typical)
125
0.0
0.5
1.0
1.5
2.0
-40
-15
10
35
60
85
110
Junction Temperature (T
J) -- (°C)
125
0.0
0.5
1.0
1.5
2.0
-40
-15
10
35
60
85
110
Junction Temperature (T
J) -- (°C)
T
J = 25°C
0
20
40
60
80
100
120
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Instantaneous On-state Voltage (v
T) – Volts
0
10
20
30
40
50
60
0
5
10
15
20
25
30
35
40
45
50
55
RMS On-State Current [I
T(RMS)] - (Amps)
70
75
80
85
90
95
100
105
110
115
120
125
130
0
5
10
15
20
25
30
35
40
45
50
55
60
RMS On-State Current [I
T(RMS)] - Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180°
The "R" or "M" package rating is intended
for high surge condition use only and not
recommended for >50A rms continuous
current use since narrow pin leads depend-
ing on lead length can exceed PCB solder
melting temperature. "W" package is
recommended for >50A rms continuous
current requirements.
Note: xx = voltage


Similar Part No. - SXX55MTP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SXX04DS1 LITTELFUSE-SXX04DS1 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX04DS2 LITTELFUSE-SXX04DS2 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX04VS1 LITTELFUSE-SXX04VS1 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX04VS2 LITTELFUSE-SXX04VS2 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX06D LITTELFUSE-SXX06D Datasheet
417Kb / 11P
   Excellent unidirectional switches for phase control applications
More results

Similar Description - SXX55MTP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SXX15L LITTELFUSE-SXX15L Datasheet
988Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX04DS1 LITTELFUSE-SXX04DS1 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08RS2 LITTELFUSE-SXX08RS2 Datasheet
411Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX20L LITTELFUSE-SXX20L Datasheet
1,003Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX35K LITTELFUSE-SXX35K Datasheet
195Kb / 7P
   Excellent unidirectional switches for phase control applications
SXX65K LITTELFUSE-SXX65K Datasheet
207Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX06RS2 LITTELFUSE-SXX06RS2 Datasheet
417Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX12R LITTELFUSE-SXX12R Datasheet
351Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX40R LITTELFUSE-SXX40R Datasheet
906Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08XSX LITTELFUSE-SXX08XSX Datasheet
793Kb / 11P
   Excellent unidirectional switches for phase control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com