Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T10B180EXX Datasheet(PDF) 4 Page - Littelfuse

Part # T10B180EXX
Description  T10B Series are SIDACtor짰 devices designed protect baseband equipment
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

T10B180EXX Datasheet(HTML) 4 Page - Littelfuse

  T10B180EXX Datasheet HTML 1Page - Littelfuse T10B180EXX Datasheet HTML 2Page - Littelfuse T10B180EXX Datasheet HTML 3Page - Littelfuse T10B180EXX Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SIDACtor® ProtectionThyristors
183
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
Part Marking
Packing Options
Tape and Reel Specification — DO-201AD
Part Numbering
Dimensions — DO-201AD
Package
Type
Description
Quantity
Added
Suffix
Industry
Standard
T10B
DO-201AD Tape
and Reel Pack
1000
RP
EIA-RS-296-D
DO-201AD Bulk
Pack
500
N/A
N/A
Direction of Feed
2.0
2.55
0.35
2.7
0.085
3.4
0.6
14
Recess Depth Max. 0.75 (19.55)
Off Center
Both Side
0.84 (21.33)
Dimensions are in
inches/mm
Top View
Front View
Label
0.24
64.8
8.99
50.8
6.1
21.6
68.6
355.6
86.36
15.24
MEDIAN VOLTAGE
PACKING OPTIONS
TYPE
T10B: SIDACtor T10B series
T10B xxx x xx
HOLDING CURRENT
B: 120mA
E: 180mA
Blank: Bulk Pack
RP: Reel Pack
Part Marking Code
(Refer to Electrical CharacteristicsTable)
Date Code
L
L
G
D
B
Dimension
Inches
Millimeters
MIN
MAX
MIN
MAX
B
0.028
0.042
0.711
1.067
D
0.190
0.205
4.826
5.207
G
0.360
0.375
9.146
9.527
L
1
25.4


Similar Part No. - T10B180EXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
T10B180E LITTELFUSE-T10B180E Datasheet
143Kb / 2P
   SIDAtor Device
More results

Similar Description - T10B180EXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
T10A060BXX LITTELFUSE-T10A060BXX Datasheet
129Kb / 4P
   T10A Series are SIDACtor짰 devices designed protect baseband
P0080EALXXX LITTELFUSE-P0080EALXXX Datasheet
157Kb / 5P
   SIDACtor짰 Series TO-92 are designed to protect baseband equipment
P0084UALXX LITTELFUSE-P0084UALXX Datasheet
155Kb / 5P
   SIDACtor짰 Multiport Series MS-013 are designed to protect baseband equipment
P0602AALXX LITTELFUSE-P0602AALXX Datasheet
145Kb / 5P
   The SIDACtor짰 Series Modified TO-220 are designed to protect baseband
logo
DONGGUAN YOU FENG WEI E...
P0080SA-SMB YFWDIODE-P0080SA-SMB Datasheet
768Kb / 5P
   SIDACtor짰 Series DO-214AA are designed to protect
logo
Littelfuse
P0080Q22CLRP LITTELFUSE-P0080Q22CLRP_11 Datasheet
135Kb / 4P
   Q2L Series 3.3x3.3 QFN are low capacitance SIDACtor짰 devices designed to protect
P0080Q12ALRP LITTELFUSE-P0080Q12ALRP_11 Datasheet
143Kb / 5P
   Q2L Series 3x3 QFN are low capacitance SIDACtor짰 devices designed to protect
P0080ECMCLXXX LITTELFUSE-P0080ECMCLXXX Datasheet
147Kb / 4P
   MC Series TO-92 are low capacitance SIDACtor짰 devices designed to protect
P0080SAMCLRP LITTELFUSE-P0080SAMCLRP Datasheet
135Kb / 4P
   MC Series DO-214 are low capacitance SIDACtor짰 devices designed to protect
P0642SALRP LITTELFUSE-P0642SALRP Datasheet
142Kb / 5P
   TwinChip??Series DO-214 are very low capacitance SIDACtor짰 devices designed
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com