Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68160CFB Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC68160CFB
Description  ENHANCED ETHERNET INTERFACE TRANSCEIVER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68160CFB Datasheet(HTML) 5 Page - Motorola, Inc

  MC68160CFB Datasheet HTML 1Page - Motorola, Inc MC68160CFB Datasheet HTML 2Page - Motorola, Inc MC68160CFB Datasheet HTML 3Page - Motorola, Inc MC68160CFB Datasheet HTML 4Page - Motorola, Inc MC68160CFB Datasheet HTML 5Page - Motorola, Inc MC68160CFB Datasheet HTML 6Page - Motorola, Inc MC68160CFB Datasheet HTML 7Page - Motorola, Inc MC68160CFB Datasheet HTML 8Page - Motorola, Inc MC68160CFB Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
MC68160 MC68160B MC68160C
5
MOTOROLA ANALOG IC DEVICE DATA
Table 1. Pin Function Description (continued)
Pin(s)
Symbol
Type
Name/Function
OSCILLATOR AND FREQUENCY MULTIPLIER
12
MFILT
C
Frequency Multiplier Filter Connection Point: An external resistor capacitor filter must be
attached to this pin.
16
X1
I/C
CMOS
Oscillator Inverter Input and Crystal Connection Point: When connected for crystal
oscillator operation, the frequency of the clock which appears at TCLK is half that of the
crystal oscillator. As an option, instead of connecting to a crystal, X1 may be driven from an
external 20 MHz CMOS compatible clock generator.
17
X2
O/C
CMOS
Oscillator Inverter Output and Crystal Connection Point: This pin is used only for the
connection of an external crystal and capacitor. It must be left unconnected if X1 is driven by
an external CMOS Clock generator.
MODE SELECT
3
4
5
CS0
CS1
CS2
I
TTL
Mode Select: The logic states applied to these pins select the appropriate interface for the
desired IEEE–802.3 controller or enable the standby mode. When the standby mode is
selected, the MC68160, B and C power supply current is greatly reduced. Additionally, in the
standby mode, all of the controller inputs and outputs are driven to the high impedance state.
6
LOOP
I
TTL
Diagnostic Loopback: Asserting this function causes serial NRZ data at the TX input to be
Manchester encoded and then looped back through the Manchester decoder, appearing at
the RX output. This diagnostic loopback function operates independent of Twisted Pair (TP)
or Access Unit Interface (AUI) port connectivity or activity. Neither the TP port nor the AUI
port transmits data from the controller while diagnostic loopback is selected. Likewise, the
controller interface receives data neither from the TP nor the AUI receivers while in this
mode. The polarity fault detection and link integrity functions are not inhibited by the
diagnostic loopback mode. If otherwise enabled, they continue to function. If the twisted pair
port is selected, and TPSQEL is driven to the low logic state, a collision detect pulse is
delivered following each transmission to simulate the twisted pair SQE test.
9
APORT
I
TTL
Automatic Port Selection Enable: When high, MC68160, B and C will automatically select
the TP or AUI port based on the presence or absence of valid link beats or frames at the TP
receive input. If the AUI port is automatically selected, the MC68160, B and C will continue to
produce link pulses for the TP port. Changing ports requires approximately 1.0 ms to allow
the circuitry
for the new port to resume normal operation. The power consumption is minimized in the
circuitry associated with the unselected port.
27
TPSQEL
I
TTL
Twisted Pair Signal Quality Error Test Enable: Forcing this pin low enables testing of the
internal TP collision detect circuitry after each transmit operation to the TP media. This
function provides a simulated collision to as much of the MC68160, B and C collision detect
circuitry as possible without affecting the attached twisted pair channel. A normal SQE test
results in a high logic state at the CLSN controller interface pin which begins 6 to 16–bit
times after the last transition of a transmitted signal and continues for 5 to 15–bit times.
(When the AUI port is selected, SQE test signals are generated by the coaxial cable
transceiver and delivered to the controller via the MC68160, B and C ACX+/– receive inputs)
28
TPFULDL
I
TTL
Twisted Pair Full Duplex Mode Select: Forcing this pin low allows simultaneous transmit
and receive operation on the twisted pair port without an indicated collision. This pin is not to
be asserted with LOOP as a test mode is enabled that disrupts normal operation.
29
TPAPCE
I
TTL
Twisted Pair Automatic Polarity Correction Enable: When TPAPCE is high, automatic
polarity correction is enabled, and MC68160, B and C will internally correct for a polarity fault
on the receive circuit. Additionally, when TPAPCE is high, the presence of a polarity fault is
indicated on TPPLR.
46
TPEN
I/O
TTL
(TTL/CMOS)
Twisted Pair Port Enable: If APORT is low, TPEN is an input which determines whether the
AUI port (TPEN low) or TP port (TPEN high) will be manually selected. If the AUI port is
manually selected, the MC68160, B and C will not produce link pulses for the TP port.
If APORT is high, TPEN is an output which will indicate which port has been automatically
selected by driving TPEN low (for AUI) or high (for TP). In its output mode TPEN can sink
10 mA in the low output state and source 10 mA in the high output state. (See Pin 9
Description.)
Changing ports requires approximately 1.0 ms to allow the circuitry for the new port to
resume normal operation. The power consumption is minimized in the circuitry associated
with the unselected port. In the standby mode, this pin is driven to the high impedance state.


Similar Part No. - MC68160CFB

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
MC68160 PULSE-MC68160 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Motorola, Inc
MC68160A MOTOROLA-MC68160A Datasheet
355Kb / 32P
   ENHANCED ETHERNET INTERFACE TRANSCEIVER
logo
Integrated Device Techn...
MC68160A IDT-MC68160A Datasheet
577Kb / 30P
   Enhanced Ethernet Transceiver
MC68160AFB IDT-MC68160AFB Datasheet
577Kb / 30P
   Enhanced Ethernet Transceiver
More results

Similar Description - MC68160CFB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68160A MOTOROLA-MC68160A Datasheet
355Kb / 32P
   ENHANCED ETHERNET INTERFACE TRANSCEIVER
logo
Integrated Device Techn...
MC68160A IDT-MC68160A Datasheet
577Kb / 30P
   Enhanced Ethernet Transceiver
logo
NXP Semiconductors
NE83Q93 PHILIPS-NE83Q93 Datasheet
90Kb / 11P
   Enhanced coaxial Ethernet transceiver
1995 May 1
NE8392C PHILIPS-NE8392C Datasheet
73Kb / 9P
   Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
logo
MUSIC Semiconductors
MU9C8328 MUSIC-MU9C8328 Datasheet
96Kb / 16P
   Ethernet Interface
MU9C8328A MUSIC-MU9C8328A Datasheet
93Kb / 16P
   Ethernet Interface
logo
Texas Instruments
TLK1221 TI-TLK1221 Datasheet
854Kb / 23P
[Old version datasheet]   ETHERNET TRANSCEIVER
logo
Cirrus Logic
CS8904 CIRRUS-CS8904 Datasheet
1Mb / 34P
   ETHERNET TRANSCEIVER
logo
Melexis Microelectronic...
TH8082 MELEXIS-TH8082 Datasheet
648Kb / 26P
   Enhanced SoloLIN Transceiver
MLX80020 MELEXIS-MLX80020 Datasheet
781Kb / 26P
   Enhanced LIN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com