Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68160CFB Datasheet(PDF) 9 Page - Motorola, Inc

Part # MC68160CFB
Description  ENHANCED ETHERNET INTERFACE TRANSCEIVER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68160CFB Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MC68160CFB Datasheet HTML 5Page - Motorola, Inc MC68160CFB Datasheet HTML 6Page - Motorola, Inc MC68160CFB Datasheet HTML 7Page - Motorola, Inc MC68160CFB Datasheet HTML 8Page - Motorola, Inc MC68160CFB Datasheet HTML 9Page - Motorola, Inc MC68160CFB Datasheet HTML 10Page - Motorola, Inc MC68160CFB Datasheet HTML 11Page - Motorola, Inc MC68160CFB Datasheet HTML 12Page - Motorola, Inc MC68160CFB Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
MC68160 MC68160B MC68160C
9
MOTOROLA ANALOG IC DEVICE DATA
DC ELECTRICAL CHARACTERISTICS (TA = 25°C, VCC = 5.0 V ± 5%. Unless otherwise noted, minimum and maximum
limits apply over the recommended ambient operating temperature and power supply voltage ranges for each MC68160, B, C except where
noted.)
Characteristic
Symbol
Test Conditions
Min
Max
Unit
TTL COMPATIBLE INPUTS
TTL Compatible Input Voltage
Low State
High State
VIL(TTL)
VIH(TTL)
2.0
0.8
V
Input Current TTL Compatible Input Pins (Note 1)
Input Current TENA TTL Compatible Input Pin:
with Pull–Down Resistor
IIH
IIL
with Pull–Down Resistor removed in Standby Mode
IIH
IIL
IIH & IIL
0 V < VI < VDD
±10
+200
–20
±10
µA
CMOS COMPATIBLE INPUTS
CMOS Compatible Input Voltage
Low State
High State
VIL(CMOS)
VIH(CMOS)
3.0
1.0
V
Input Current (Pin X1)
IIH & IIL
0 V < VI < VDD
±100
µA
TTL/CMOS COMPATIBLE OUTPUTS
TTL/CMOS Compatible Output Voltage
Low State (Note 2)
Low State (Note 3)
VOL
IOL = 4.0 mA
IOL = 10 mA
0.45
0.45
V
TTL/CMOS Compatible Output Voltage
High State (Note 4)
High State (Note 5)
High State (Note 2)
VOH
IOH = – 500 µA
IOH = – 10 mA
IOH = – 4.0 mA
3.9
3.9
2.4
V
Three State Output Leakage Current
IOZ
0 V
≤ VOZ ≤ VDD
±10
µA
Characteristic
Symbol
Test Conditions
Min
Max
Unit
TWISTED PAIR RECEIVER INPUTS
Input Voltage Range (DC + AC)
VITP
1.5
4.3
V
Differential Input Squelch Threshold Voltage (MC68160,
MC68160C)
VITPSQ
Note 10
270
390
mV
Differential Input Squelch Threshold Voltage
(MC68160B)
VITPSQ
Note 10
260
400
mV
Common Mode Bias Generator Voltage
VBCMTP
Note 9
1.8
3.2
V
Common Mode Input Resistance
RCMTP
1000
Differential Input Resistance
RDIFFTP
2.5
k
TWISTED PAIR TRANSMITTER OUTPUTS
Differential Output Voltage
Pre–Emphasis Level
Signal Level (MC68160, MC68160C)
Signal Level (MC68160B)
VODFTPP
VODFTPS
VODFTPS
Note 7
±2.2
±1.56
±1.38
±2.8
±1.98
±1.98
V
Common Mode Output Voltage Range
VOCMTP
Note 6
0
4.0
V
Common Mode Output Voltage in Standby Mode
VOCMTPSB
IOH = –100 µA
VDD – 1.0
VDD
V
NOTES: 1. APORT, TPAPCE, CS0, CS1, CS2, TX, LOOP, TPFULDL, TPSQEL and TPEN (In Input Mode).
2. TCLK, RX, RCLK, RENA and CLSN.
3. TPPLR, TPLIL, TPJABB, TXLED, RXLED, CLLED and TPEN (In Output Mode).
4. TPPLR, TPLIL, CLLED, TXLED and RXLED.
5. TPJABB and TPEN (In Output Mode).
6. Measured with Test Load B1 (shown in Figure 3), applied directly to the TPTX+/– pins of the device.
7. Measured differentially with Test Load B2 (shown in Figure 4), applied directly to the TPTX+/– pins of the device.
8. Measured directly on the TPTX+/– pins of the device.
9. Measured with Test Load B3 (shown in Figure 5), applied directly to the TPRX+/– pins of the device.
10. The Common Mode Input Voltage is between 1.8 V and 3.2 V.


Similar Part No. - MC68160CFB

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
MC68160 PULSE-MC68160 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Motorola, Inc
MC68160A MOTOROLA-MC68160A Datasheet
355Kb / 32P
   ENHANCED ETHERNET INTERFACE TRANSCEIVER
logo
Integrated Device Techn...
MC68160A IDT-MC68160A Datasheet
577Kb / 30P
   Enhanced Ethernet Transceiver
MC68160AFB IDT-MC68160AFB Datasheet
577Kb / 30P
   Enhanced Ethernet Transceiver
More results

Similar Description - MC68160CFB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68160A MOTOROLA-MC68160A Datasheet
355Kb / 32P
   ENHANCED ETHERNET INTERFACE TRANSCEIVER
logo
Integrated Device Techn...
MC68160A IDT-MC68160A Datasheet
577Kb / 30P
   Enhanced Ethernet Transceiver
logo
NXP Semiconductors
NE83Q93 PHILIPS-NE83Q93 Datasheet
90Kb / 11P
   Enhanced coaxial Ethernet transceiver
1995 May 1
NE8392C PHILIPS-NE8392C Datasheet
73Kb / 9P
   Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
logo
MUSIC Semiconductors
MU9C8328 MUSIC-MU9C8328 Datasheet
96Kb / 16P
   Ethernet Interface
MU9C8328A MUSIC-MU9C8328A Datasheet
93Kb / 16P
   Ethernet Interface
logo
Texas Instruments
TLK1221 TI-TLK1221 Datasheet
854Kb / 23P
[Old version datasheet]   ETHERNET TRANSCEIVER
logo
Cirrus Logic
CS8904 CIRRUS-CS8904 Datasheet
1Mb / 34P
   ETHERNET TRANSCEIVER
logo
Melexis Microelectronic...
TH8082 MELEXIS-TH8082 Datasheet
648Kb / 26P
   Enhanced SoloLIN Transceiver
MLX80020 MELEXIS-MLX80020 Datasheet
781Kb / 26P
   Enhanced LIN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com