Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFK98N50P3 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFK98N50P3
Description  Polar3 HiPerFET Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFK98N50P3 Datasheet(HTML) 2 Page - IXYS Corporation

  IXFK98N50P3 Datasheet HTML 1Page - IXYS Corporation IXFK98N50P3 Datasheet HTML 2Page - IXYS Corporation IXFK98N50P3 Datasheet HTML 3Page - IXYS Corporation IXFK98N50P3 Datasheet HTML 4Page - IXYS Corporation IXFK98N50P3 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXFK98N50P3
IXFX98N50P3
Note 1. Pulse test, t ≤ 300μs, duty cycle, d ≤ 2%.
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
98
A
I
SM
Repetitive, Pulse Width Limited by T
JM
390
A
V
SD
I
F = IS , VGS = 0V, Note 1
1.5
V
t
rr
250
ns
Q
RM
1.6
μC
I
RM
15.4
A
I
F = 49A, -di/dt = 100A/μs
V
R = 100V, VGS = 0V
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 10V, ID = 0.5 • ID25, Note 1
58
96
S
C
iss
13.1
nF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
1300
pF
C
rss
4.0
pF
R
Gi
Gate Input Resistance
1.0
Ω
t
d(on)
35
ns
t
r
8
ns
t
d(off)
65
ns
t
f
6
ns
Q
g(on)
197
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
60
nC
Q
gd
52
nC
R
thJC
0.096
°C/W
R
thCS
0.15
°C/W
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
R
G = 1Ω (External)
ADVANCE TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived
from a subjective evaluation of the design, based upon prior knowledge and experience, and constitute a
"considered reflection" of the anticipated result. IXYS reserves the right to change limits, test
conditions, and dimensions without notice.
Terminals:
1 - Gate
2 - Drain
3 - Source
PLUS 247TM Outline
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.83
5.21
.190
.205
A
1
2.29
2.54
.090
.100
A
2
1.91
2.16
.075
.085
b
1.14
1.40
.045
.055
b
1
1.91
2.13
.075
.084
b
2
2.92
3.12
.115
.123
C
0.61
0.80
.024
.031
D
20.80
21.34
.819
.840
E
15.75
16.13
.620
.635
e
5.45 BSC
.215 BSC
L
19.81
20.32
.780
.800
L1
3.81
4.32
.150
.170
Q
5.59
6.20
.220 0.244
R
4.32
4.83
.170
.190
Terminals:
1 - Gate
2 - Drain
3 - Source
4 - Drain
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.82
5.13
.190
.202
A1
2.54
2.89
.100
.114
A2
2.00
2.10
.079
.083
b
1.12
1.42
.044
.056
b1
2.39
2.69
.094
.106
b2
2.90
3.09
.114
.122
c
0.53
0.83
.021
.033
D
25.91
26.16
1.020
1.030
E
19.81
19.96
.780
.786
e
5.46 BSC
.215 BSC
J
0.00
0.25
.000
.010
K
0.00
0.25
.000
.010
L
20.32
20.83
.800
.820
L1
2.29
2.59
.090
.102
P
3.17
3.66
.125
.144
Q
6.07
6.27
.239
.247
Q1
8.38
8.69
.330
.342
R
3.81
4.32
.150
.170
R1
1.78
2.29
.070
.090
S
6.04
6.30
.238
.248
T
1.57
1.83
.062
.072
Dim.
TO-264 AA Outline


Similar Part No. - IXFK98N50P3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFK98N50P3 IXYS-IXFK98N50P3 Datasheet
139Kb / 6P
   Power MOSFET
IXFK98N50P3 IXYS-IXFK98N50P3_V01 Datasheet
139Kb / 6P
   Power MOSFET
More results

Similar Description - IXFK98N50P3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN110N60P3 IXYS-IXFN110N60P3 Datasheet
130Kb / 5P
   Polar3 HiPerFET Power MOSFET
IXFT50N60P3 IXYS-IXFT50N60P3 Datasheet
173Kb / 5P
   Polar3 HiperFET Power MOSFET
IXFN132N50P3 IXYS-IXFN132N50P3 Datasheet
130Kb / 5P
   Polar3 HiPerFET Power MOSFET
IXFB132N50P3 IXYS-IXFB132N50P3 Datasheet
148Kb / 5P
   Polar3 HiPerFET Power MOSFET
IXFK78N50P3 IXYS-IXFK78N50P3 Datasheet
138Kb / 5P
   Polar3 HiPerFET Power MOSFET
IXFN80N60P3 IXYS-IXFN80N60P3 Datasheet
136Kb / 5P
   Polar3 HiPerFET Power MOSFET
IXFL132N50P3 IXYS-IXFL132N50P3 Datasheet
192Kb / 6P
   Polar3 HiPerFET Power MOSFET
IXFB110N60P3 IXYS-IXFB110N60P3 Datasheet
148Kb / 5P
   Polar3 HiPerFET Power MOSFET
IXFH42N60P3 IXYS-IXFH42N60P3 Datasheet
122Kb / 5P
   Polar3 HiperFET Power MOSFET
IXFK80N60P3 IXYS-IXFK80N60P3 Datasheet
137Kb / 5P
   Polar3 HiPerFET Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com