Electronic Components Datasheet Search |
|
DF005S Datasheet(PDF) 1 Page - HY ELECTRONIC CORP. |
|
DF005S Datasheet(HTML) 1 Page - HY ELECTRONIC CORP. |
1 / 2 page FEATURES ● Rating to 1000V PRV ● Ideal for printed circuit board ● Low forward voltage drop,high current capability ● Reliable low cost construction utilizing molded plastic technique results in inexpensive product ● The plastic material has UL flammability classification 94V-0 MECHANICAL DATA ● Polarit:As marked on Body ● Weight:0.02 ounces,0.38 grams ● mounting position:Any MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25℃ ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20% CHARACTERISTICS SYMBOL DF005S DF01S DF02S DF04S DF06S DF08S DF10S UNIT Maximum Recurrent Peak Reverse Voltage VRRM 50 100 200 400 600 800 1000 V Maximum RMS Voltage VRMS 35 70 140 280 420 560 700 V Maximum DC Blocking Voltage VDC 50 100 200 400 600 800 1000 V Maximum Average Forward Rectified Current @TA=40℃ Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load Maximum Forward Voltage at 1.0A DC VF V Maximum DC Reverse Current @TJ=25℃ at Rated DC Bolcking Voltage @TJ=125℃ I2t Rating for Fusing(t<8.3ms) I2t A2s Typical Junction Capacitance Per Element (Note1) CJ pF Typical Thermal Resistance (Note2) RθJA ℃ /W Operating Temperature Range TJ ℃ Storage Temperature Range TSTG ℃ DF005S thru DF10S SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE - 50 to 1000Volts . FORWARD CURRENT - 1.0 Ampere Dimensions in inches and (millimeters) I(AV) 1.0 A IFSM 30 A 1.1 IR 10 μA 500 10.4 25 40 -55 to +150 -55 to +150 Note:1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC 2.Thermal resistance from junction to ambient mounted on P.C.B with 0.5*0.5"(13*13mm) copper pads. ~ 376 ~ DFS .037(0.95) .047(1.2) .031(0.8) .023(0.6) .256(6.5) .244(6.2) .307(7.8) .335(8.5) .315(8.0) .323(8.2) .391(10.0) .406(10.3) .055(1.4) .063(1.6) .197(5.0) .205(5.2) .102(2.6) .089(2.2) .140(0.35) .008(0.2) |
Similar Part No. - DF005S_1 |
|
Similar Description - DF005S_1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |