Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2302SBLRP Datasheet(PDF) 5 Page - Littelfuse

Part # P2302SBLRP
Description  TwinChip??Series DO-214 are very low capacitance SIDACtor짰 devices designed
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P2302SBLRP Datasheet(HTML) 5 Page - Littelfuse

  P2302SBLRP Datasheet HTML 1Page - Littelfuse P2302SBLRP Datasheet HTML 2Page - Littelfuse P2302SBLRP Datasheet HTML 3Page - Littelfuse P2302SBLRP Datasheet HTML 4Page - Littelfuse P2302SBLRP Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SIDACtor® ProtectionThyristors
48
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Broadband OptimizedProtection
Packing Options
Tape and Reel Specification — DO-214AA
PackageType
Description
Quantity
Added
Suffix
Industry
Standard
S
DO-214AA Tape & Reel
2500
RP
EIA-481-D
0.472
(12.0) 0.36
(9.2)
0.315
(8.0)
0.157
(4.0)
0.49
(12.4)
0.512 (13.0)
Arbor Hole Dia.
12.99
(330.0)
Dimensions are in inches
(and millimeters).
Direction of Feed
0.059 DIA
(1.5)
Cover tape
Dimensions — DO-214AA
0.079
(2.0)
0.110
(2.8)
0.079
(2.0)
Pad Outline
H
K
E
F
G
A
C
B
D
Case
Temperature
Measurement
Point
inch
(millimeter)
Dimensions
Inches
Millimeters
Min
Max
Min
Max
A
0.130
0.156
3.30
3.95
B
0.201
0.220
5.10
5.60
C
0.077
0.087
1.95
2.20
D
0.159
0.181
4.05
4.60
E
0.030
0.063
0.75
1.60
F
0.075
0.096
1.90
2.45
G
0.002
0.008
0.05
0.20
H
0.077
0.104
1.95
2.65
K
0.006
0.016
0.15
0.41
Part Numbering
CONSTRUCTION
VARIABLE
REEL PACK
I
PP RATING
RoHS COMPLIANT
TYPE
SIDACtor
P
x LRP
MEDIAN VOLTAGE
PACKAGE TYPE
xxx 2S


Similar Part No. - P2302SBLRP

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
P2302SB SOCAY-P2302SB Datasheet
355Kb / 5P
   Thyristor Surge Suppressors (TSS)
More results

Similar Description - P2302SBLRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P2602GALRP LITTELFUSE-P2602GALRP Datasheet
140Kb / 4P
   TwinChip??Series DO-15 are very low capacitance SIDACtor짰 devices
P0080SAMCLRP LITTELFUSE-P0080SAMCLRP Datasheet
135Kb / 4P
   MC Series DO-214 are low capacitance SIDACtor짰 devices designed to protect
P0084UCMCLXX LITTELFUSE-P0084UCMCLXX Datasheet
152Kb / 5P
   MC Multiport Series MS-013 are low capacitance SIDACtor짰 devices designed
P0080Q22CLRP LITTELFUSE-P0080Q22CLRP_11 Datasheet
135Kb / 4P
   Q2L Series 3.3x3.3 QFN are low capacitance SIDACtor짰 devices designed to protect
logo
DONGGUAN YOU FENG WEI E...
P0080SA-SMB YFWDIODE-P0080SA-SMB Datasheet
768Kb / 5P
   SIDACtor짰 Series DO-214AA are designed to protect
logo
Littelfuse
P0080Q12ALRP LITTELFUSE-P0080Q12ALRP_11 Datasheet
143Kb / 5P
   Q2L Series 3x3 QFN are low capacitance SIDACtor짰 devices designed to protect
P0080ECMCLXXX LITTELFUSE-P0080ECMCLXXX Datasheet
147Kb / 4P
   MC Series TO-92 are low capacitance SIDACtor짰 devices designed to protect
T10A060BXX LITTELFUSE-T10A060BXX Datasheet
129Kb / 4P
   T10A Series are SIDACtor짰 devices designed protect baseband
T10B080BXX LITTELFUSE-T10B080BXX Datasheet
121Kb / 4P
   T10B Series are SIDACtor짰 devices designed protect baseband equipment
P1553ACMCLXX LITTELFUSE-P1553ACMCLXX Datasheet
1Mb / 4P
   Balanced MC Series Modified TO-220 are low capacitance SIDACtor짰 devices
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com