Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK311-110 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # STK311-110
Description  RDS Demodulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK311-110 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  STK311-110 Datasheet HTML 1Page - Sanyo Semicon Device STK311-110 Datasheet HTML 2Page - Sanyo Semicon Device STK311-110 Datasheet HTML 3Page - Sanyo Semicon Device STK311-110 Datasheet HTML 4Page - Sanyo Semicon Device STK311-110 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STK311-110
SANYO Electric Co., Ltd. Semiconductor Business Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
60597HA (ID) / 32495TH (ID) No. 4588—1/5
Ordering number: EN 4588A
Thick Film Hybrid IC
RDS Demodulator
Overview
The STK311-110 is an RDS demodulator hybrid IC for
the Radio Data System (RDS), or multiplexed FM broad-
casting of various kinds of data, introduced within the
European Broadcasting Union (EBU). It demodulates the
multiplexed data modulating signal to recover the RDS
signal. In combination with an LC7070 series LSI (for
sync handling, error detection and correction), a low-cost
high-performance RDS data decode system can be con-
structed. Further, low-profile packaging is realized using
Sanyo’s insulated metal substrate technology (IMST) for
the base, SC system and photoresist technologies and
folded board construction.
Applications
• Car stereos
• Home stereos
Features
• 57kHz BPF built-in for adjustment-free operation
• Few external components required for a complete RDS
data demodulation system
• ARI-SK/DK decoder built-in
Package Dimensions
unit: mm
4142
[STK311-110]
Specifications
Maximum Ratings at Ta = 25
°C
Recommended Operating Voltages at Ta = 25
°C
Parameter
Symbol
Ratings
Unit
Maximum supply voltage
VCC max
6.3
V
Operating temperature
Topr
−30 to +85
°C
Storage temperature
Tstg
−40 to +100
°C
Parameter
Symbol
Ratings
Unit
Supply voltage
VCC
5V
Operating supply voltage range
VCCOP
4.7 to 5.5
V


Similar Part No. - STK311-110

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK311-120 SANYO-STK311-120 Datasheet
97Kb / 6P
   RDS Demodulator
More results

Similar Description - STK311-110

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK311-120 SANYO-STK311-120 Datasheet
97Kb / 6P
   RDS Demodulator
LA2231 SANYO-LA2231 Datasheet
259Kb / 6P
   RDS Signal Demodulator
logo
Princeton Technology Co...
PT2579 PTC-PT2579 Datasheet
158Kb / 4P
   RDS Demodulator IC
PT2579 PTC-PT2579_10 Datasheet
477Kb / 21P
   RDS Demodulator IC
logo
Samsung semiconductor
S1A0905 SAMSUNG-S1A0905 Datasheet
54Kb / 6P
   RDS DEMODULATOR IC
logo
NXP Semiconductors
SAA6581T PHILIPS-SAA6581T Datasheet
75Kb / 16P
   RDS/RBDS demodulator
2001 May 07
SAA6581HN NXP-SAA6581HN Datasheet
81Kb / 15P
   RDS/RBDS demodulator
2003 Oct 10
logo
STMicroelectronics
TDA7478 STMICROELECTRONICS-TDA7478_11 Datasheet
151Kb / 11P
   Single chip RDS demodulator
logo
NEC
UPC2539 NEC-UPC2539 Datasheet
65Kb / 8P
   RDS DATA DEMODULATOR IC
logo
STMicroelectronics
TDA7478 STMICROELECTRONICS-TDA7478 Datasheet
168Kb / 8P
   SINGLE CHIP RDS DEMODULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com