Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A7001AGHN3 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # A7001AGHN3
Description  Secure authentication microcontroller 100 kbit/s I2C slave interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

A7001AGHN3 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button A7001AGHN3 Datasheet HTML 6Page - NXP Semiconductors A7001AGHN3 Datasheet HTML 7Page - NXP Semiconductors A7001AGHN3 Datasheet HTML 8Page - NXP Semiconductors A7001AGHN3 Datasheet HTML 9Page - NXP Semiconductors A7001AGHN3 Datasheet HTML 10Page - NXP Semiconductors A7001AGHN3 Datasheet HTML 11Page - NXP Semiconductors A7001AGHN3 Datasheet HTML 12Page - NXP Semiconductors A7001AGHN3 Datasheet HTML 13Page - NXP Semiconductors A7001AGHN3 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
A7001AG_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary short data sheet
COMPANY PUBLIC
Rev. 1.1 — 18 March 2011
202011
10 of 16
NXP Semiconductors
A7001AG
Secure authentication microcontroller
8.
Memory
8.1 Available memory space
8.2 Garbage collection
Garbage collection is fully implemented (see Ref. 1): Deleted objects, applets, and
packages are fully reclaimed (incl. compactification) and the space can be used for other
purposes after deletion.
9.
Limiting values
[1]
MIL Standard 883-D method 3015; human body model; C = 100 pF, R = 1.5 k
Ω; T
amb = −25 °C to +85 °C.
[2]
Depending on appropriate thermal resistance of the package.
[3]
Depending on delivery type, refer to NXP Semiconductors General Specification for 8” Wafers and to NXP
Semiconductors Contact & Dual Interface Chip Card Module Specification.
10. Application information
Figure 4 shows a typical application diagram. It shows how the pins of the A7001AG shall
be applied in order to operate the IC in an I2C system as I2C slave device. In this system
an individual reset control is not supported. The hardware reset will be executed at
power-up time (power-on reset).
Table 5.
A7001AG Memory Map
Product
type
Transient Heap
(RAM)
Persistent Heap
(EEPROM)
Free ROM for
Applets
APDU Buffer
A7001AG
3550 bytes
79900 bytes
133648 bytes
1462 bytes
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to
VSS (ground = 0 V).
Symbol Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
+6.0
V
VI
input voltage
any signal pad
−0.5
VDD + 0.5
V
II
input current
pad IO1, IO2 or
IO3
-
±15.0
mA
IO
output current
pad IO1, IO2 or
IO3
-
±15.0
mA
Ilu
latch-up current
VI <0V
or VI >VDD
-
±100
mA
VESD
electrostatic discharge voltage
pads VDD, VSS,
CLK, RST_N, IO1,
IO2, IO3
[1] -
±4.0
kV
pads LA, LB
[1] -
±2.0
kV
Ptot
total power dissipation
[2] -1
W
Tstg
storage temperature
[3] --
°C


Similar Part No. - A7001AGHN3

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A700 KEMET-A700 Datasheet
849Kb / 19P
   A700 Polymer Aluminum, 2 – 35 VDC
7/26/2022
A700D107M006ATE015 KEMET-A700D107M006ATE015 Datasheet
1Mb / 12P
   ALUMINUM ORGANIC CAPACITORS
A700D107M006ATE015 KEMET-A700D107M006ATE015 Datasheet
1Mb / 4P
   (Low ESR, Surge Robust) 10 pcs.
A700D107M006ATE018 KEMET-A700D107M006ATE018 Datasheet
1Mb / 12P
   ALUMINUM ORGANIC CAPACITORS
A700D127M004ATE015 KEMET-A700D127M004ATE015 Datasheet
1Mb / 12P
   ALUMINUM ORGANIC CAPACITORS
More results

Similar Description - A7001AGHN3

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DI2CS DCD-DI2CS Datasheet
140Kb / 4P
   I2C Bus Interface - Slave
logo
Synaptics Incorporated.
CX20745 CONEXANT-CX20745 Datasheet
612Kb / 2P
   Control Interface: I2C slave only
logo
Digital Core Design
DI2CMS DCD-DI2CMS Datasheet
153Kb / 6P
   I2C Bus Interface - Master/Slave
DI2CSB DCD-DI2CSB Datasheet
136Kb / 4P
   I2C Bus Interface Slave - Base version
logo
Intel Corporation
UPI-41AH INTEL-UPI-41AH Datasheet
273Kb / 20P
   UNIVERSAL PERIPHERAL INTERFACE 8-BIT SLAVE MICROCONTROLLER
logo
ATMEL Corporation
AT90SC6464C-USB ATMEL-AT90SC6464C-USB Datasheet
55Kb / 4P
   Secure Microcontroller
logo
List of Unclassifed Man...
SCS200 ETC2-SCS200 Datasheet
168Kb / 2P
   Secure Shell (SSH) access provides strong authentication and secure communications
logo
Intel Corporation
UPI-C42 INTEL-UPI-C42 Datasheet
345Kb / 25P
   UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
logo
Maxim Integrated Produc...
REFD5822 MAXIM-REFD5822 Datasheet
556Kb / 6P
   Alcatraz (MAXREFDES34#): SHA-256 Secure Authentication Design
Feb 12, 2014
logo
Intel Corporation
EG87C42 INTEL-EG87C42 Datasheet
295Kb / 25P
   UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com