Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFU760F Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BFU760F
Description  NPN wideband silicon germanium RF transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BFU760F Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BFU760F Datasheet HTML 3Page - NXP Semiconductors BFU760F Datasheet HTML 4Page - NXP Semiconductors BFU760F Datasheet HTML 5Page - NXP Semiconductors BFU760F Datasheet HTML 6Page - NXP Semiconductors BFU760F Datasheet HTML 7Page - NXP Semiconductors BFU760F Datasheet HTML 8Page - NXP Semiconductors BFU760F Datasheet HTML 9Page - NXP Semiconductors BFU760F Datasheet HTML 10Page - NXP Semiconductors BFU760F Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
BFU760F
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 29 April 2011
7 of 12
NXP Semiconductors
BFU760F
NPN wideband silicon germanium RF transistor
VCE =1V; IC =8mA; Tamb =25 °C.
VCE =1V; IC =50 mA; Tamb =25 °C.
Fig 7.
Gain as a function of frequency; typical values
Fig 8.
Gain as a function of frequency; typical values
VCE =2V; Tamb =25 °C.
(1) f = 5.8 GHz
(2) f = 2.4 GHz
(3) f = 1.8 GHz
(1) f = 1.5 GHz
IC =12 mA; VCE =2V; Tamb =25 °C.
Fig 9.
Minimum noise figure as a function of
collector current; typical values
Fig 10. Minimum noise figure as a function of
frequency; typical values
f (GHz)
010
8
46
2
001aam868
20
10
30
40
G
(dB)
0
MSG
Gp(max)
IS21I2
f (GHz)
010
8
46
2
001aam869
20
10
30
40
G
(dB)
0
MSG
Gp(max)
IS21I2
001aam870
IC (mA)
030
20
10
0.4
0.8
1.2
NFmin
(dB)
0
(1)
(2)
(4)
(3)
f (GHz)
010
8
46
2
001aam871
0.4
0.6
0.2
0.8
1.0
NFmin
(dB)
0


Similar Part No. - BFU760F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFU760F NXP-BFU760F Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BFU760F PHILIPS-BFU760F_15 Datasheet
131Kb / 12P
   NPN wideband silicon germanium RF transistor
Rev. 1-29 April 2011
More results

Similar Description - BFU760F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ON5088 PHILIPS-ON5088_15 Datasheet
74Kb / 9P
   NPN wideband silicon germanium RF transistor
Rev. 3-12 December 2012
BFU790F PHILIPS-BFU790F_15 Datasheet
129Kb / 12P
   NPN wideband silicon germanium RF transistor
Rev. 1-22 April 2011
BFU725F PHILIPS-BFU725F_11 Datasheet
148Kb / 12P
   NPN wideband silicon germanium RF transistor
Rev. 2-3 November 2011
BFU725F NXP-BFU725F Datasheet
80Kb / 11P
   NPN wideband silicon germanium RF transistor
Rev. 01-13 July 2009
BFU710F PHILIPS-BFU710F Datasheet
134Kb / 12P
   NPN wideband silicon germanium RF transistor
Rev. 1-20 April 2011
BFU790F PHILIPS-BFU790F Datasheet
129Kb / 12P
   NPN wideband silicon germanium RF transistor
Rev. 1-22 April 2011
BFU710F PHILIPS-BFU710F_15 Datasheet
134Kb / 12P
   NPN wideband silicon germanium RF transistor
Rev. 1-20 April 2011
BFU730LX PHILIPS-BFU730LX_15 Datasheet
152Kb / 13P
   NPN wideband silicon germanium RF transistor
Rev. 1-8 May 2013
BFU730F NXP-BFU730F Datasheet
136Kb / 12P
   NPN wideband silicon germanium RF transistor
Rev. 1-29 April 2011
BFU725F_N1 PHILIPS-BFU725F_N1_15 Datasheet
148Kb / 12P
   NPN wideband silicon germanium RF transistor
Rev. 2-3 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com