Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA208S-600B Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BTA208S-600B
Description  3Q Hi-Com Triac Triggering in three quadrants only
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA208S-600B Datasheet(HTML) 5 Page - NXP Semiconductors

  BTA208S-600B_11 Datasheet HTML 1Page - NXP Semiconductors BTA208S-600B_11 Datasheet HTML 2Page - NXP Semiconductors BTA208S-600B_11 Datasheet HTML 3Page - NXP Semiconductors BTA208S-600B_11 Datasheet HTML 4Page - NXP Semiconductors BTA208S-600B_11 Datasheet HTML 5Page - NXP Semiconductors BTA208S-600B_11 Datasheet HTML 6Page - NXP Semiconductors BTA208S-600B_11 Datasheet HTML 7Page - NXP Semiconductors BTA208S-600B_11 Datasheet HTML 8Page - NXP Semiconductors BTA208S-600B_11 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
BTA208S-600B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 April 2011
5 of 13
NXP Semiconductors
BTA208S-600B
3Q Hi-Com Triac
5.
Thermal characteristics
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-mb)
thermal resistance
from junction to
mounting base
full cycle; see Figure 6
--2
K/W
half cycle; see Figure 6
--2.4
K/W
Rth(j-a)
thermal resistance
from junction to
ambient
in free air; printed circuit board (FR4)
mounted
-75
-
K/W
Fig 6.
Transient thermal impedance from junction to mounting base as a function of pulse width
003aaf584
tp (s)
10−5
110
10−1
10−2
10−4
10−3
1
10−1
10
Zth(j-mb)
(K/W)
10−2
unidirectional
bidirectional
tp
P
t


Similar Part No. - BTA208S-600B_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA208S-600B PHILIPS-BTA208S-600B Datasheet
49Kb / 4P
   Three quadrant triacs high commutation
October 1999 Rev 1.200
BTA208S-600B NXP-BTA208S-600B Datasheet
86Kb / 13P
   Three-quadrant triacs high commutation
Rev. 02-31 May 2005
BTA208S-600B PHILIPS-BTA208S-600B Datasheet
53Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA208S-600B WEEN-BTA208S-600B Datasheet
314Kb / 13P
   3Q Hi-Com Triac
More results

Similar Description - BTA208S-600B_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA312-800ET NXP-BTA312-800ET_10 Datasheet
169Kb / 14P
   3Q Hi-Com Triac Triggering in three quadrants only
Rev. 02-2 December 2010
BTA208S-600F NXP-BTA208S-600F Datasheet
164Kb / 13P
   3Q Hi-Com Triac Triggering in three quadrants only
Rev. 5-13 April 2011
BTA208S-800B NXP-BTA208S-800B_11 Datasheet
176Kb / 14P
   3Q Hi-Com Triac Triggering in three quadrants only
Rev. 03-14 April 2011
BTA312-600D NXP-BTA312-600D Datasheet
293Kb / 14P
   3Q Hi-Com Triac
Rev. 02-30 November 2010
BTA204W-600B PHILIPS-BTA204W-600B Datasheet
209Kb / 15P
   3Q Hi-Com Triac
15 August 2014
BTA204-600F PHILIPS-BTA204-600F Datasheet
196Kb / 13P
   3Q Hi-Com Triac
8 August 2014
logo
WeEn Semiconductors
BTA201W-800E WEEN-BTA201W-800E Datasheet
225Kb / 16P
   3Q Hi-Com triac
BTA204-600B WEEN-BTA204-600B Datasheet
251Kb / 13P
   3Q Hi-Com Triac
BTA204S-800B WEEN-BTA204S-800B Datasheet
313Kb / 13P
   3Q Hi-Com Triac
BTA204W-600D WEEN-BTA204W-600D Datasheet
256Kb / 14P
   3Q Hi-Com Triac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com