Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP4786CZ32 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # IP4786CZ32
Description  DVI and HDMI interface ESD and overcurrent protection, DDC/CEC buffering, hot plug
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4786CZ32 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button IP4786CZ32 Datasheet HTML 4Page - NXP Semiconductors IP4786CZ32 Datasheet HTML 5Page - NXP Semiconductors IP4786CZ32 Datasheet HTML 6Page - NXP Semiconductors IP4786CZ32 Datasheet HTML 7Page - NXP Semiconductors IP4786CZ32 Datasheet HTML 8Page - NXP Semiconductors IP4786CZ32 Datasheet HTML 9Page - NXP Semiconductors IP4786CZ32 Datasheet HTML 10Page - NXP Semiconductors IP4786CZ32 Datasheet HTML 11Page - NXP Semiconductors IP4786CZ32 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
IP4786CZ32
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2011
8 of 35
NXP Semiconductors
IP4786CZ32
DVI and HDMI interface ESD and overcurrent protection
[1]
ANSI-ESDSP5.5.1-2004, ESD sensitivity testing TLP component level method 50 TDR.
[2]
The IP4786CZ32 contains a 5 V voltage regulator function for higher input voltages.
Any input voltage of 4.925 V < VCC(5V0) < 6.50 V will provide HDMI compliant output levels of 4.8 V to 5.3 V
on HDMI_5V0_CON
[1]
ANSI-ESDSP5.5.1-2004, ESD sensitivity testing TLP component level method 50 TDR.
Table 6.
HDMI_5V0_CON
Tamb =
25 °C to +85 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max Unit
rdyn
dynamic resistance
TLP
positive transient
[1] -1.0
-
Ω
negative transient
[1] -1.0
-
Ω
VCL
clamping voltage
100 ns TLP;
50
Ω pulser at 50 ns
-8
-
V
IO(max)
maximum output current
V(HDMI_5V0_CON) = 4.8 V
55
--mA
Ibck
back current
VCC(5V0) <V(HDMI_5V0_CON)
--
10
μA
IO(sc)
short-circuit output current V(HDMI_5V0_CON) = 0 V
-
125
175
mA
Vdo
dropout voltage
4.5 V < VCC(5V0) <4.925 V;
DDC = LOW
[2]
IO =10mA
-
70
-
mV
IO =55mA
-
-
125
mV
VO(LDO)
LDO output voltage
IO
≤ 55 mA;
4.925 V < VCC(5V0) <6.5 V;
DDC = LOW
[2] 4.8
5.05 5.3
V
Table 7.
UTILITY_CON
Tamb =
25 °C to +85 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max Unit
Supplies: pins VCC(5V0) and VCC(SYS)
rdyn
dynamic resistance
TLP
positive transient
[1] -1.0
-
Ω
negative transient
[1] -1.0
-
Ω
VCL
clamping voltage
100 ns TLP;
50
Ω pulser at 50 ns
-8.0
-
V
Ci
input capacitance
VCC(5V0) =0V;
VCC(SYS) =0V; Vbias =2.5 V;
AC input = 3.5 V(p-p);
f=100kHz
-8.0
10
pF
Rpd
pull-down resistance
60
100
140
k
Ω


Similar Part No. - IP4786CZ32

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
IP4786CZ32S NEXPERIA-IP4786CZ32S Datasheet
1Mb / 36P
   DVI and HDMI interface ESD and overcurrent protection, DDC/CEC buffering, hot plug detect and backdrive protection
More results

Similar Description - IP4786CZ32

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
IP4786CZ32S NEXPERIA-IP4786CZ32S Datasheet
1Mb / 36P
   DVI and HDMI interface ESD and overcurrent protection, DDC/CEC buffering, hot plug detect and backdrive protection
logo
NXP Semiconductors
IP4788CZ32 NXP-IP4788CZ32_14 Datasheet
1Mb / 33P
   DVI and HDMI interface ESD and overcurrent protection, DDC/CEC buffering, hot plug detect and backdrive protection
Rev. 2-24 November 2014
logo
Nexperia B.V. All right...
IP4787CZ32 NEXPERIA-IP4787CZ32 Datasheet
1Mb / 36P
   DVI and HDMI interface ESD protection, DDC/CEC buffering, hot plug handling and backdrive protection
logo
NXP Semiconductors
IP4777CZ38 PHILIPS-IP4777CZ38 Datasheet
129Kb / 25P
   DVI and HDMI interface ESD protection, DDC buffering, hot plug control and backdrive protection
Rev. 02-12 February 2009
IP4778CZ38 NXP-IP4778CZ38 Datasheet
153Kb / 26P
   HDMI ESD protection, DDC buffering and hot plug control
Rev. 02-12 February 2009
logo
Analog Devices
AD8192 AD-AD8192 Datasheet
975Kb / 28P
   2:1 HDMI/DVI Switch with Equalization and DDC/CEC Buffers
REV. 0
ADV3002 AD-ADV3002 Datasheet
500Kb / 28P
   4:1 HDMI/DVI Switch with Equalization, DDC/CEC Buffers and EDID Replication
REV. 0
ADV3002 AD-ADV3002_12 Datasheet
681Kb / 28P
   4:1 HDMI/DVI Switch with Equalization DDC/CEC Buffers and EDID Replication
logo
ON Semiconductor
FSHDMI08 ONSEMI-FSHDMI08 Datasheet
611Kb / 13P
   Low-Voltage, Wide-Bandwidth, HDMI Switch with DDC and CEC Multiplexer
August 2009 Rev. 1.0.4
logo
Bourns Electronic Solut...
CG0402MLU-05G BOURNS-CG0402MLU-05G Datasheet
782Kb / 1P
   HDMI 1.4 - ESD & Overcurrent Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com