Electronic Components Datasheet Search |
|
LPC1767 Datasheet(PDF) 11 Page - NXP Semiconductors |
|
LPC1767 Datasheet(HTML) 11 Page - NXP Semiconductors |
11 / 79 page LPC1769_68_67_66_65_64_63 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 7 — 5 April 2011 11 of 79 NXP Semiconductors LPC1769/68/67/66/65/64/63 32-bit ARM Cortex-M3 microcontroller P0[24]/AD0[1]/ I2SRX_WS/ CAP3[1] 8[2] D1[2] I/O P0[24] — General purpose digital input/output pin. I AD0[1] — A/D converter 0, input 1. I/O I2SRX_WS — Receive Word Select. It is driven by the master and received by the slave. Corresponds to the signal WS in the I2S-bus specification. (LPC1769/68/67/66/65/63 only). I CAP3[1] — Capture input for Timer 3, channel 1. P0[25]/AD0[2]/ I2SRX_SDA/ TXD3 7[2] D2[2] I/O P0[25] — General purpose digital input/output pin. I AD0[2] — A/D converter 0, input 2. I/O I2SRX_SDA — Receive data. It is driven by the transmitter and read by the receiver. Corresponds to the signal SD in the I2S-bus specification. (LPC1769/68/67/66/65/63 only). O TXD3 — Transmitter output for UART3. P0[26]/AD0[3]/ AOUT/RXD3 6[3] D3[3] I/O P0[26] — General purpose digital input/output pin. I AD0[3] — A/D converter 0, input 3. O AOUT — DAC output (LPC1769/68/67/66/65/63 only). I RXD3 — Receiver input for UART3. P0[27]/SDA0/ USB_SDA 25[4] J2[4] I/O P0[27] — General purpose digital input/output pin. Output is open-drain. I/O SDA0 — I2C0 data input/output. Open-drain output (for I2C-bus compliance). I/O USB_SDA — USB port I2C serial data (OTG transceiver, LPC1769/68/66/65 only). P0[28]/SCL0/ USB_SCL 24[4] J1[4] I/O P0[28] — General purpose digital input/output pin. Output is open-drain. I/O SCL0 — I2C0 clock input/output. Open-drain output (for I2C-bus compliance). I/O USB_SCL — USB port I2C serial clock (OTG transceiver, LPC1769/68/66/65 only). P0[29]/USB_D+ 29[5] J3[5] I/O P0[29] — General purpose digital input/output pin. I/O USB_D+ — USB bidirectional D+ line. (LPC1769/68/66/65/64 only). P0[30]/USB_D − 30[5] G4[5] I/O P0[30] — General purpose digital input/output pin. I/O USB_D − — USB bidirectional D− line. (LPC1769/68/66/65/64 only). P1[0] to P1[31] I/O Port 1: Port 1 is a 32-bit I/O port with individual direction controls for each bit. The operation of port 1 pins depends upon the pin function selected via the pin connect block. Pins 2, 3, 5, 6, 7, 11, 12, and 13 of this port are not available. P1[0]/ ENET_TXD0 95[1] D5[1] I/O P1[0] — General purpose digital input/output pin. O ENET_TXD0 — Ethernet transmit data 0. (LPC1769/68/67/66/64 only). P1[1]/ ENET_TXD1 94[1] B4[1] I/O P1[1] — General purpose digital input/output pin. O ENET_TXD1 — Ethernet transmit data 1. (LPC1769/68/67/66/64 only). P1[4]/ ENET_TX_EN 93[1] A4[1] I/O P1[4] — General purpose digital input/output pin. O ENET_TX_EN — Ethernet transmit data enable. (LPC1769/68/67/66/64 only). P1[8]/ ENET_CRS 92[1] C5[1] I/O P1[8] — General purpose digital input/output pin. I ENET_CRS — Ethernet carrier sense. (LPC1769/68/67/66/64 only). Table 4. Pin description …continued Symbol Pin Ball Type Description |
Similar Part No. - LPC1767 |
|
Similar Description - LPC1767 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |