Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU6M Datasheet(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # KBU6M
Description  High forward surge current capability
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

KBU6M Datasheet(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  KBU6M Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. KBU6M Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MASTER INSTRUMENT CORPORATION
KBU6A THRU KBU6M
VOLTAGE RANGE
CURRENT
50 to 1000 Volts
6.0 Amperes
FEATURES
l Low cost
l This series is UL recognized under component index , file
number E127707
l High forward surge current capability
l Ideal for printed circuit board
l High temperature soldering guaranteed:
260
oC/10 second, 0.375” (9.5mm) lead length at 5 lbs. (2.3kg)
tension.
MECHANICAL DATA
l Case: Transfer molded plastic
l Terminal: Lead solderable per MIL-STD-202E method 208C
l Polarity: Polarity symbols marked on case
l Mounting: Thru hole for #6 screw, 5 in.-lbs terque max
l Weight: 0.27 ounce, 7.59 gram
RS-6
0.220(5.6)
0.180(4.6)
0.052(1.3)DIA.
0.048(1.2)TYP.
0.260(6.6)
0.180(4.5)
0.760(19.3)MAX
0.700(17.8)
0.660(16.8)
0.24(6.1)
0.22(5.6)
0.19(4.8)
0.17(4.3)
X
0.185(4.7)
0.165(4.2)
45
°
0.160(4.1)
0.140(3.6)
0.935(23.7)
0.895(22.7)
0.26(6.6)
0.28(7.1)
0.069(1.7)
0.089(2.3)
AC
-
+
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%.
SYMBOLS KBU6A
KBU6B
KBU6D
KBU6G
KBU6J
KBU6K KBU6M
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
TC=100℃ (Note 2)
6.0
Maximum Average Forward
Rectified Output Current, at
TA=40℃ (Note 3)
I(AV)
4.0
Amps
Peak Forward Surge Current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
250
Amps
Rating for Fusing (t<8.3ms)
I
2t
260
A
2s
Maximum Instantaneous Forward Voltage Drop per
bridge element at 6.0A
VF
1.0
Volts
TA=25℃
5.0
µAmps
Maximum DC Reverse Current at rated
DC blocking voltage per element
TA=100℃
IR
1.0
mAmps
Typical Junction Capacitance (Note 1)
CJ
200
pF
Typical Thermal Resistance (Note 2)
RθJC
4.7
℃/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
NOTES:
1.
Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.
2.
Unit mounted on 2.6”x1.4”x0.06” thick (6.3x3.5x0.15cm) Al. plate.
3.
Unit mounted in free air, no heatsink, P.C.B at 0.375” (9.5mm) lead length with 0.5”x0.5” (12x12cm) copper pads
Web Site: WWW.PS-PFS.COM


Similar Part No. - KBU6M

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
KBU6M NJSEMI-KBU6M Datasheet
88Kb / 1P
   SINGLE-PHASE SILICON BRIDGE
logo
Semtech Corporation
KBU6M SEMTECH-KBU6M Datasheet
159Kb / 2P
   4.0A/6.0A/8.0A SINGLE - PHASE SILICON BRIDGE?
logo
Galaxy Semi-Conductor H...
KBU6M BILIN-KBU6M Datasheet
76Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
America Semiconductor, ...
KBU6M AMERICASEMI-KBU6M Datasheet
584Kb / 2P
   BRIDGE RECTIFIERS
logo
Diotec Semiconductor
KBU6M DIOTEC-KBU6M Datasheet
689Kb / 2P
   Single Phase Bridge Rectifier
More results

Similar Description - KBU6M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMD12HE MCC-SMD12HE Datasheet
402Kb / 3P
   High surge forward current capability
UD2KB05 MCC-UD2KB05 Datasheet
488Kb / 3P
   High surge forward current capability
logo
DIOTEC Electronics Corp...
UF4001 DEC-UF4001 Datasheet
660Kb / 2P
   High forward surge current capability
logo
Shenzhen Ping Sheng Ele...
KBL005 PFS-KBL005_1 Datasheet
257Kb / 2P
   High forward surge current capability
KBPC1505WN PFS-KBPC1505WN_1 Datasheet
212Kb / 2P
   High forward surge current capability
KBPC15005N PFS-KBPC15005N_1 Datasheet
220Kb / 2P
   High forward surge current capability
KBPC25005W PFS-KBPC25005W_1 Datasheet
215Kb / 2P
   High forward surge current capability
KBPC2505NW PFS-KBPC2505NW_1 Datasheet
215Kb / 2P
   High forward surge current capability
logo
Mospec Semiconductor
KBU804 MOSPEC-KBU804 Datasheet
177Kb / 2P
   High forward surge current capability
logo
Micro Commercial Compon...
UD4KB05 MCC-UD4KB05 Datasheet
483Kb / 3P
   High surge forward current capability
logo
Mospec Semiconductor
KBP005 MOSPEC-KBP005 Datasheet
184Kb / 2P
   High forward surge current capability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com