Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA8576D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA8576D
Description  Automotive 40 x 4 LCD segment driver for low multiplex rates up to 1:4
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8576D Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA8576D Datasheet HTML 1Page - NXP Semiconductors PCA8576D Datasheet HTML 2Page - NXP Semiconductors PCA8576D Datasheet HTML 3Page - NXP Semiconductors PCA8576D Datasheet HTML 4Page - NXP Semiconductors PCA8576D Datasheet HTML 5Page - NXP Semiconductors PCA8576D Datasheet HTML 6Page - NXP Semiconductors PCA8576D Datasheet HTML 7Page - NXP Semiconductors PCA8576D Datasheet HTML 8Page - NXP Semiconductors PCA8576D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
PCA8576D
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 4 April 2011
4 of 42
NXP Semiconductors
PCA8576D
Automotive 40 x 4 LCD segment driver for low multiplex rates
6.2 Pin description
[1]
The substrate (rear side of the die) is connected to VSS and should be electrically isolated.
Table 3.
Pin description
Symbol
Pin
Description
PCA8576DU
SDA
1, 58, 59
I2C-bus serial data input and output
SCL
2, 3
I2C-bus serial clock input
CLK
5
external clock input or output
VDD
6
supply voltage
SYNC
4
cascade synchronization input or output
OSC
7
internal oscillator enable input
A0 to A2
8 to 10
subaddress inputs
SA0
11
I2C-bus address input; bit 0
VSS
12[1]
ground supply voltage
VLCD
13
LCD supply voltage
BP0, BP2, BP1,
BP3
14 to 17
LCD backplane outputs
S0 to S39
18 to 57
LCD segment outputs


Similar Part No. - PCA8576D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8576C NXP-PCA8576C Datasheet
343Kb / 44P
   Universal LCD driver for low multiplex rates
Rev. 1-22 July 2010
PCA8576CH/Q900/1 NXP-PCA8576CH/Q900/1 Datasheet
343Kb / 44P
   Universal LCD driver for low multiplex rates
Rev. 1-22 July 2010
PCA8576F NXP-PCA8576F Datasheet
428Kb / 54P
   Automotive 40 횞 4 LCD driver
Rev. 3-3 December 2014
PCA8576FUG NXP-PCA8576FUG Datasheet
395Kb / 48P
   4 횞 40 LCD segment driver for Chip-On-Glass
Rev. 1-12 January 2015
PCA8576FUG NXP-PCA8576FUG Datasheet
752Kb / 103P
   Automotive 102 x 4 Chip-On-Glass LCD segment driver
Rev. 2 ??25 September 2014
More results

Similar Description - PCA8576D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA85262 NXP-PCA85262 Datasheet
495Kb / 55P
   Automotive 32 x 4 LCD driver for low multiplex rates
Rev. 3-12 November 2018
PCA85162 NXP-PCA85162_V01 Datasheet
651Kb / 51P
   32 x 4 automotive LCD driver for low multiplex rates
Rev. 4.2 - 23 October 2023
PCA8537 NXP-PCA8537 Datasheet
2Mb / 82P
   Automotive LCD driver for multiplex rates up to 1:8
Rev. 1-31 May 2012
PCA85233 NXP-PCA85233 Datasheet
547Kb / 54P
   Automotive 80 횞 4 LCD driver for low multiplex rates
Rev. 5-12 November 2018
PCF8537 NXP-PCF8537 Datasheet
2Mb / 82P
   Industrial LCD driver for multiplex rates up to 1:8
Rev. 1-31 May 2012
PCF8545 NXP-PCF8545 Datasheet
798Kb / 68P
   Universal LCD driver for multiplex rates up to 1:8
Rev. 2-4 October 2021
logo
ON Semiconductor
AX2061 ONSEMI-AX2061 Datasheet
187Kb / 18P
   LCD Driver for Low Multiplex Rates
March, 2016 ??Rev. 3
logo
NXP Semiconductors
PCA85232 NXP-PCA85232 Datasheet
391Kb / 54P
   LCD driver for low multiplex rates
Rev. 1-8 December 2010
PCF85132 NXP-PCF85132 Datasheet
1Mb / 54P
   LCD driver for low multiplex rates
Rev. 1-23 November 2010
OM4068 PHILIPS-OM4068 Datasheet
156Kb / 28P
   LCD driver for low multiplex rates
1998 Jun 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com