Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF210AA Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCF210AA
Description  SPI Real time clock/calendar Time keeping application
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF210AA Datasheet(HTML) 4 Page - NXP Semiconductors

  PCF210AA Datasheet HTML 1Page - NXP Semiconductors PCF210AA Datasheet HTML 2Page - NXP Semiconductors PCF210AA Datasheet HTML 3Page - NXP Semiconductors PCF210AA Datasheet HTML 4Page - NXP Semiconductors PCF210AA Datasheet HTML 5Page - NXP Semiconductors PCF210AA Datasheet HTML 6Page - NXP Semiconductors PCF210AA Datasheet HTML 7Page - NXP Semiconductors PCF210AA Datasheet HTML 8Page - NXP Semiconductors PCF210AA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
PCF2123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 27 April 2011
4 of 63
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
7.
Pinning information
7.1 Pinning
For mechanical details, see Figure 30 on page 45.
Top view. For mechanical details, see Figure 31 on
page 46.
Fig 2.
Pin configuration for HVQFN16 (PCF2123BS/1)
Fig 3.
Pin configuration for TSSOP14 (PCF2123TS/1)
001aai550
PCF2123BS
Transparent top view
CE
SDI
INT
SCL
TEST
CLKOE
OSCO
CLKOUT
4
9
3
10
2
11
1
12
terminal 1
index area
PCF2123TS
OSCI
VDD
OSCO
CLKOUT
n.c.
CLKOE
TEST
n.c.
INT
SCL
CE
SDI
VSS
SDO
001aai551
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Viewed from active side. For mechanical details, see Figure 33 on page 48 and Figure 34 on
page 49.
Fig 4.
Pin configuration for PCF2123Ux (bare die)
001aai544
7
6
OSCI
VDD
PCF2123U
8
OSCO
9
TEST
10
INT
11
CE
12
VSS
5
CLKOUT
4
CLKOE
3
SCL
2
SDI
1
SDO


Similar Part No. - PCF210AA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2100CP PHILIPS-PCF2100CP Datasheet
206Kb / 24P
   LCD drivers
1997 Mar 28
PCF2100CP PHILIPS-PCF2100CP Datasheet
147Kb / 24P
   LCD drivers
1997 Mar 28
PCF2100CP PHILIPS-PCF2100CP Datasheet
205Kb / 24P
   Supply voltage 2.25 to 6.0V
1997 Mar 28
PCF2100CT PHILIPS-PCF2100CT Datasheet
206Kb / 24P
   LCD drivers
1997 Mar 28
PCF2100CT PHILIPS-PCF2100CT Datasheet
147Kb / 24P
   LCD drivers
1997 Mar 28
More results

Similar Description - PCF210AA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA2125 NXP-PCA2125 Datasheet
1Mb / 40P
   SPI Real time clock / calendar
Rev.00.11-30 January 2007
PCF2123 NXP-PCF2123 Datasheet
239Kb / 54P
   SPI Real time clock/calendar
Rev. 01-19 November 2008
PCA2125 NXP-PCA2125_08 Datasheet
189Kb / 36P
   SPI Real-time clock/calendar
Rev. 01-28 July 2008
PCF2123 NXP-PCF2123_09 Datasheet
1Mb / 55P
   SPI Real time clock/calendar
Rev. 02-4 December 2009
logo
Micro Analog systems
MCP795WXX MAS-MCP795WXX Datasheet
969Kb / 54P
   SPI Real-Time Clock Calendar
logo
NXP Semiconductors
PCF8563 NXP-PCF8563_11 Datasheet
466Kb / 45P
   Real-time clock/calendar
Rev. 9-16 June 2011
PCF8563TF4.118 NXP-PCF8563TF4.118 Datasheet
492Kb / 50P
   Real-time clock/calendar
Rev. 10-3 April 2012
PCF8563 PHILIPS-PCF8563 Datasheet
692Kb / 30P
   Real-time clock/calendar
16 April 1999
PCA21125 NXP-PCA21125 Datasheet
1Mb / 42P
   SPI-bus Real-Time Clock and calendar
Rev. 01-16 November 2009
logo
Xicor Inc.
X1205 XICOR-X1205 Datasheet
407Kb / 22P
   Real Time Clock/Calendar
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com