Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19-223-R6G6C-A01-2T Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # 19-223-R6G6C-A01-2T
Description  Chip LED with Bi-Color(Multi-Color)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

19-223-R6G6C-A01-2T Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  19-223-R6G6C-A01-2T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 19-223-R6G6C-A01-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 19-223-R6G6C-A01-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 19-223-R6G6C-A01-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 19-223-R6G6C-A01-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 19-223-R6G6C-A01-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 19-223-R6G6C-A01-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 19-223-R6G6C-A01-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 19-223-R6G6C-A01-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
19-223/R6G6C-A01/2T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 1
Page: 2 of 11
Device No: SZDSE-192-A25
Prepared date: 7-Nov-2006
Prepared by: Xiaoyan
Package Outline Dimensions
Note: The tolerances unless mentioned is ±0.1mm ,Unit = mm


Similar Part No. - 19-223-R6G6C-A01-2T

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
19-223-R6G6C-A01-2T TO-GRACE-19-223-R6G6C-A01-2T Datasheet
802Kb / 11P
   Chip LED with Bi-Color(Multi-Color)
More results

Similar Description - 19-223-R6G6C-A01-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-226-R6G7C-A01-2T EVERLIGHT-19-226-R6G7C-A01-2T Datasheet
209Kb / 12P
   Chip LED with Bi-Color (Multi-Color)
19-22-R6G6C-A01-2T EVERLIGHT-19-22-R6G6C-A01-2T Datasheet
199Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
19-123-Y2ST1D-C30-2T EVERLIGHT-19-123-Y2ST1D-C30-2T_11 Datasheet
309Kb / 14P
   Chip LED with Bi-Color(Multi-Color)
19-223-Y2G6C-A01-2T EVERLIGHT-19-223-Y2G6C-A01-2T Datasheet
174Kb / 11P
   Chip LED with Bi-Color(Multi-Color)
logo
HK TO-GRACE TECHNOLOGY ...
18-225-R6G6C-A01-3T TO-GRACE-18-225-R6G6C-A01-3T Datasheet
971Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
11-22-R6G6C-QSANP-2T TO-GRACE-11-22-R6G6C-QSANP-2T Datasheet
829Kb / 11P
   Chip LED with Bi-Color (Multi-Color)
19-22-R6G6C-A01-2T TO-GRACE-19-22-R6G6C-A01-2T Datasheet
842Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
19-223-R7BHC-A30-2T TO-GRACE-19-223-R7BHC-A30-2T Datasheet
994Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
logo
Everlight Electronics C...
19-223-Y2G6C-A01-2T EVERLIGHT-19-223-Y2G6C-A01-2T_11 Datasheet
350Kb / 11P
   Chip LED with Bi-Color(Multi-Color)
11-22-R6G6C-QSANP-2T EVERLIGHT-11-22-R6G6C-QSANP-2T Datasheet
178Kb / 11P
   Chip LED with Bi-Color (Multi-Color)
19-223-R7BHC-A30-2T EVERLIGHT-19-223-R7BHC-A30-2T Datasheet
219Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com