Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P5CD081UA Datasheet(PDF) 10 Page - NXP Semiconductors

Part # P5CD081UA
Description  Secure dual interface and contact PKI smart card controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5CD081UA Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button P5CD081UA Datasheet HTML 6Page - NXP Semiconductors P5CD081UA Datasheet HTML 7Page - NXP Semiconductors P5CD081UA Datasheet HTML 8Page - NXP Semiconductors P5CD081UA Datasheet HTML 9Page - NXP Semiconductors P5CD081UA Datasheet HTML 10Page - NXP Semiconductors P5CD081UA Datasheet HTML 11Page - NXP Semiconductors P5CD081UA Datasheet HTML 12Page - NXP Semiconductors P5CD081UA Datasheet HTML 13Page - NXP Semiconductors P5CD081UA Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
P5CD016_021_041_51_Cx081_FAM_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product short data sheet
PUBLIC
Rev. 3.2 — 14 March 2011
150332
10 of 20
NXP Semiconductors
P5CD016/021/041/051 and P5Cx081
Secure dual interface and contact PKI smart card controller
5.
Ordering information
Table 3.
Ordering information
Type number
Package
Name
Description
Version
P5CC081UA
FFC
8 inch wafer (sawn; 150
μm thickness; on film frame carrier;
electronic fail die marking according to SECSII format)
not applicable
P5CD016UA
P5CD021UA
P5CD041UA
P5CD051UA
P5CD081UA
P5CN081UA
P5CD016UE
FFC
8 inch wafer (sawn; 75
μm thickness; on film frame carrier;
electronic fail die marking according to SECSII format)
not applicable
P5CD021UE
P5CD041UE
P5CD051UE
P5CD081UE
P5CD016HN
HVQFN32
plastic thermal enhanced very thin quad flat package; no leads;
32 terminals; body 5
× 5 × 0.85 mm
SOT617-1
P5CD021HN
P5CC081HN
P5CN081HN
P5CD016A4
MOB4
contactless chip card module (super 35 mm tape format, module
thickness 320
μm)
SOT500-2
P5CD041A4
P5CD051A4
P5CD081A4
P5CD016A6
MOB6
contactless chip card module (super 35 mm tape format, module
thickness 250
μm)
SOT500-3
P5CD041A6
P5CD051A6
P5CD081A6
P5CC081XS
PCM1.1
contact chip card module (super 35 mm tape format, 8-contact)
SOT658-1
P5CC081XD
Pd-PCM1.1
palladium plated contact chip card module (super 35 mm tape
format, 8-contact)
SOT658-1
P5CD016X1
PDM1.1
dual interface chip card module (plug-in type; super 35 mm tape
format, 8-contact)
SOT658-3
P5CD021X1
P5CD041X1
P5CD051X1
P5CD081X1
P5CD016X0
PDM1.1
dual interface chip card module (super 35 mm tape format,
8-contact)
SOT658-3
P5CD021X0
P5CD041X0
P5CD051X0
P5CD081X0


Similar Part No. - P5CD081UA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CD080 NXP-P5CD080 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CD080A4 NXP-P5CD080A4 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CD080A6 NXP-P5CD080A6 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CD080UA NXP-P5CD080UA Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CD080UE NXP-P5CD080UE Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
More results

Similar Description - P5CD081UA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CX012 NXP-P5CX012 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CC008V1A NXP-P5CC008V1A Datasheet
151Kb / 15P
   Secure contact PKI smart card controller
Rev. 3-22 August 2012
P60C080 NXP-P60C080 Datasheet
105Kb / 12P
   Secure high-performance contact interface smart card controller
Rev. 1??1 October 2010
P60D080 NXP-P60D080 Datasheet
217Kb / 12P
   Secure high-performance dual interface smart card controller
Rev. 1?? September 2010
TDA8020HL PHILIPS-TDA8020HL Datasheet
114Kb / 24P
   Dual smart card interface
2001 Aug 15
logo
Texas Instruments
PCI7420 TI-PCI7420 Datasheet
1Mb / 248P
[Old version datasheet]   DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
logo
Linear Technology
LTC4558 LINER-LTC4558_15 Datasheet
157Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4558 LINER-LTC4558 Datasheet
159Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4557 LINER-LTC4557 Datasheet
231Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4557 LINER-LTC4557_15 Datasheet
230Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com