Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG3005ELD Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PMEG3005ELD
Description  0.5 A low VF MEGA Schottky barrier rectifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG3005ELD Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PMEG3005ELD Datasheet HTML 4Page - NXP Semiconductors PMEG3005ELD Datasheet HTML 5Page - NXP Semiconductors PMEG3005ELD Datasheet HTML 6Page - NXP Semiconductors PMEG3005ELD Datasheet HTML 7Page - NXP Semiconductors PMEG3005ELD Datasheet HTML 8Page - NXP Semiconductors PMEG3005ELD Datasheet HTML 9Page - NXP Semiconductors PMEG3005ELD Datasheet HTML 10Page - NXP Semiconductors PMEG3005ELD Datasheet HTML 11Page - NXP Semiconductors PMEG3005ELD Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PMEG3005ELD
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 12 April 2011
8 of 14
NXP Semiconductors
PMEG3005ELD
0.5 A low VF MEGA Schottky barrier rectifier
FR4 PCB, standard footprint
Tj = 150 °C
(1)
δ =1; DC
(2)
δ = 0.5; f = 20 kHz
(3)
δ = 0.2; f = 20 kHz
(4)
δ = 0.1; f = 20 kHz
FR4 PCB, mounting pad for cathode 1 cm2
Tj = 150 °C
(1)
δ =1; DC
(2)
δ = 0.5; f = 20 kHz
(3)
δ = 0.2; f = 20 kHz
(4)
δ = 0.1; f = 20 kHz
Fig 10. Average forward current as a function of
ambient temperature; typical values
Fig 11. Average forward current as a function of
ambient temperature; typical values
Ceramic PCB, Al2O3, standard footprint
Tj = 150 °C
(1)
δ =1; DC
(2)
δ = 0.5; f = 20 kHz
(3)
δ = 0.2; f = 20 kHz
(4)
δ = 0.1; f = 20 kHz
Tj = 150 °C
(1)
δ =1; DC
(2)
δ = 0.5; f = 20 kHz
(3)
δ = 0.2; f = 20 kHz
(4)
δ = 0.1; f = 20 kHz
Fig 12. Average forward current as a function of
ambient temperature; typical values
Fig 13. Average forward current as a function of
solder point temperature; typical values
Tamb (°C)
0
50
100
150
175
125
75
25
006aac553
0.25
0.50
0.75
IF(AV)
(A)
0.00
(1)
(2)
(3)
(4)
Tamb (°C)
0
50
100
150
175
125
75
25
006aac554
0.25
0.50
0.75
IF(AV)
(A)
0.00
(1)
(2)
(3)
(4)
Tamb (°C)
0
50
100
150
175
125
75
25
006aac555
0.25
0.50
0.75
IF(AV)
(A)
0.00
(1)
(2)
(3)
(4)
Tsp (°C)
0
50
100
150
175
125
75
25
006aac556
0.25
0.50
0.75
IF(AV)
(A)
0.00
(1)
(2)
(3)
(4)


Similar Part No. - PMEG3005ELD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG3005ELD NEXPERIA-PMEG3005ELD Datasheet
1Mb / 14P
   0.5 A low VF MEGA Schottky barrier rectifier
Rev. 1 - 12 April 2011
logo
NXP Semiconductors
PMEG3005ELD PHILIPS-PMEG3005ELD_15 Datasheet
775Kb / 14P
   0.5 A low VF MEGA Schottky barrier rectifier
Rev. 1-12 April 2011
More results

Similar Description - PMEG3005ELD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3005ELD PHILIPS-PMEG3005ELD_15 Datasheet
775Kb / 14P
   0.5 A low VF MEGA Schottky barrier rectifier
Rev. 1-12 April 2011
logo
Nexperia B.V. All right...
PMEG3005ELD NEXPERIA-PMEG3005ELD Datasheet
1Mb / 14P
   0.5 A low VF MEGA Schottky barrier rectifier
Rev. 1 - 12 April 2011
PMEG3005EB NEXPERIA-PMEG3005EB Datasheet
182Kb / 8P
   0.5 A very low VF MEGA Schottky barrier rectifier
7 April 2021
PMEG3005EL NEXPERIA-PMEG3005EL Datasheet
185Kb / 8P
   0.5 A very low VF MEGA Schottky barrier rectifier
7 April 2021
logo
NXP Semiconductors
PMEG2005ESF PHILIPS-PMEG2005ESF_15 Datasheet
194Kb / 14P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
13 February 2015
PMEG3005ESF PHILIPS-PMEG3005ESF_15 Datasheet
194Kb / 14P
   30 V, 0.5 A low VF MEGA Schottky barrier rectifier
6 February 2015
PMEG2005EPK PHILIPS-PMEG2005EPK Datasheet
1Mb / 13P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
Rev. 1-12 January 2012
logo
Nexperia B.V. All right...
PMEG2005EGW-Q NEXPERIA-PMEG2005EGW-Q Datasheet
220Kb / 11P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
10 August 2022
PMEG2005BELD-Q NEXPERIA-PMEG2005BELD-Q Datasheet
243Kb / 12P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
17 May 2021
PMEG2005EPK NEXPERIA-PMEG2005EPK Datasheet
1Mb / 15P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
Rev. 2 - 14 March 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com