Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P5CN081UA Datasheet(PDF) 1 Page - NXP Semiconductors

Part # P5CN081UA
Description  Secure dual interface and contact PKI smart card controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5CN081UA Datasheet(HTML) 1 Page - NXP Semiconductors

  P5CN081UA Datasheet HTML 1Page - NXP Semiconductors P5CN081UA Datasheet HTML 2Page - NXP Semiconductors P5CN081UA Datasheet HTML 3Page - NXP Semiconductors P5CN081UA Datasheet HTML 4Page - NXP Semiconductors P5CN081UA Datasheet HTML 5Page - NXP Semiconductors P5CN081UA Datasheet HTML 6Page - NXP Semiconductors P5CN081UA Datasheet HTML 7Page - NXP Semiconductors P5CN081UA Datasheet HTML 8Page - NXP Semiconductors P5CN081UA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1.
General description
1.1 CMOS14 SmartMX family features overview
The CMOS14 SmartMX family members are a modular set of devices featuring:
16 KB, 20 KB, 40 KB, 52 KB and 80 KB EEPROM
ROM memory size extended to 264 KB
RAM memory size extended to 7.5 KB (CXRAM 5 KB, FXRAM 2.5 KB)
High-performance secure Public Key Infrastructure (PKI) coprocessor (RSA, ECC)
Secure dual/triple-DES coprocessor
Secure AES coprocessor
Memory Management Unit (MMU)
ISO/IEC 7816 contact interface
Optional ISO/IEC 14443 A Contactless Interface Unit (CIU)
EEPROM with typically 500000 cycles endurance and a minimum of 25 years
retention time
Broad spectrum of delivery types
Optional certified crypto library modules for RSA, ECC, DES, AES, SHA and PRNG
The P5CD016/041/051 and P5Cx081 products provide improved SmartMX family
performance with the following additional features:
CPU kernel accelerated by factor 2, at the same time maintaining full instruction
compatibility
FameXE coprocessor (clock up to 72 MHz) with reduced power consumption in all
three voltage classes
Memory Management Unit (MMU) with 8 instead of 5 cache segments
Full binary ROM Code compatibility to P5Cx012/02x/040/073/080/144 family
1.2 CMOS14 SmartMX family properties
The long-established CMOS14 SmartMX family features a significantly enhanced secure
smart card IC architecture. Extended instructions for Java and C code, linear addressing,
high speed at low power and a universal memory management unit are among many
other improvements added to the classic 80C51 core architecture. In the
P5CD016/041/051 and P5Cx081 product family, NXP Semiconductors’ proven
P5CD016/021/041/051 and
P5Cx081 family
Secure dual interface and contact PKI smart card controller
Rev. 3.2 — 14 March 2011
150332
Product short data sheet
PUBLIC


Similar Part No. - P5CN081UA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CN080 NXP-P5CN080 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CN080UA NXP-P5CN080UA Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
More results

Similar Description - P5CN081UA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CX012 NXP-P5CX012 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CC008V1A NXP-P5CC008V1A Datasheet
151Kb / 15P
   Secure contact PKI smart card controller
Rev. 3-22 August 2012
P60C080 NXP-P60C080 Datasheet
105Kb / 12P
   Secure high-performance contact interface smart card controller
Rev. 1??1 October 2010
P60D080 NXP-P60D080 Datasheet
217Kb / 12P
   Secure high-performance dual interface smart card controller
Rev. 1?? September 2010
TDA8020HL PHILIPS-TDA8020HL Datasheet
114Kb / 24P
   Dual smart card interface
2001 Aug 15
logo
Texas Instruments
PCI7420 TI-PCI7420 Datasheet
1Mb / 248P
[Old version datasheet]   DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
logo
Linear Technology
LTC4558 LINER-LTC4558_15 Datasheet
157Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4558 LINER-LTC4558 Datasheet
159Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4557 LINER-LTC4557 Datasheet
231Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4557 LINER-LTC4557_15 Datasheet
230Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com