Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PX1011B Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PX1011B
Description  PCI Express stand-alone X1 PHY Receiver detection
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PX1011B Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PX1011B Datasheet HTML 4Page - NXP Semiconductors PX1011B Datasheet HTML 5Page - NXP Semiconductors PX1011B Datasheet HTML 6Page - NXP Semiconductors PX1011B Datasheet HTML 7Page - NXP Semiconductors PX1011B Datasheet HTML 8Page - NXP Semiconductors PX1011B Datasheet HTML 9Page - NXP Semiconductors PX1011B Datasheet HTML 10Page - NXP Semiconductors PX1011B Datasheet HTML 11Page - NXP Semiconductors PX1011B Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
PX1011B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 18 April 2011
8 of 32
NXP Semiconductors
PX1011B
PCI Express stand-alone X1 PHY
8.
Functional description
The main function of the PHY is to convert digital data into electrical signals and vice
versa. The PCI Express PHY handles the low level PCI Express protocol and signaling.
The PX1011B PCI Express PHY consists of the Physical Coding Sub-layer (PCS), a
Serializer and De-serializer (SerDes) and a set of I/Os (pads). The PCI Express PHY
handles the low level PCI Express protocol and signaling. This includes features such as
Clock and Data Recovery (CDR), data serialization and de-serialization, 8b/10b encoding,
analog buffers, elastic buffer and receiver detection.
The PXPIPE interface between the MAC and PX1011B is a superset of the PHY Interface
for the PCI Express (PIPE) specification. The following feature have been added:
Source synchronous clocks for RX and TX data to simplify timing closure.
The 8-bit data width PXPIPE interface operates at 250 MHz with SSTL_2 class I
signaling. PX1011B does not integrate SSTL_2 termination resistors inside the IC.
The PCI Express link consists of a differential input pair and a differential output pair. The
data rate of these signals is 2.5 Gbit/s.
8.1 Receiving data
Incoming data enters the chip at the RX interface. The receiver converts these signals
from small amplitude differential signals into rail-to-rail digital signals. The carrier detect
circuit detects whether data is present on the line and passes this information through to
the SerDes and PCS.
If a valid stream of data is present the Clock and Data Recovery unit (CDR) first recovers
the clock from the data and then uses this clock for re-timing the data (i.e., recovering the
data).
Table 12.
PCI Express PHY power supplies
Symbol
Pin
Type
Signaling
Description
VDDA1
D5
power
1.2 V analog power supply for serializer and
de-serializer
VDDA2
D4
power
3.3 V analog power supply for serializer and
de-serializer
VDDD1
E3, E5
power
3.3 V power supply for JTAG I/O
VDDD2
C3, C5, C7, E7,
G5, G7
power
2.5 V power supply for SSTL_2 I/O
VDDD3
E6, F5, F6
power
1.2 V power supply for core
VDD
D3
power
1.2 V power supply for high-speed serial
PCI Express I/O pads and PVT
VSS
A1, B2, B5, B8,
C2, C4, C6, D1,
D2, D7, E2, E8,
F2, F7, G1, G2,
G4, G6, H2, H5,
H8
ground
ground


Similar Part No. - PX1011B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PX1011B NXP-PX1011B Datasheet
224Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 02-19 March 2008
PX1011B NXP-PX1011B Datasheet
223Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 03-20 October 2008
PX1011B-EL1/G NXP-PX1011B-EL1/G Datasheet
224Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 02-19 March 2008
PX1011B-EL1/G NXP-PX1011B-EL1/G Datasheet
223Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 03-20 October 2008
PX1011B-EL1/N NXP-PX1011B-EL1/N Datasheet
223Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 03-20 October 2008
More results

Similar Description - PX1011B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PX1011B NXP-PX1011B_08 Datasheet
223Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 03-20 October 2008
PX1011B NXP-PX1011B Datasheet
224Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 02-19 March 2008
PX1011A NXP-PX1011A Datasheet
247Kb / 32P
   PCI Express stand-alone X1 PHY
Rev. 02-18 May 2006
PX1041A NXP-PX1041A Datasheet
179Kb / 36P
   PCI Express stand-alone X4 PHY
Rev. 01 - 21 June 2007
logo
GENESYS LOGIC
GL9711 GENESYS-GL9711 Datasheet
404Kb / 42P
   PCI ExpressTM PIPE x1 PHY
logo
Texas Instruments
XIO1100 TI-XIO1100 Datasheet
456Kb / 36P
[Old version datasheet]   X1 PCI Express Serial Link
XIO1100 TI-XIO1100_V01 Datasheet
1Mb / 41P
[Old version datasheet]   X1 PCI Express Serial Link
logo
PHOENIX CONTACT
2730213 PHOENIX-2730213 Datasheet
50Kb / 1P
   Connection element - IBS PCI STAND ALONE CONNECTOR
11/05/2018
logo
AAEON Technology
PER-T099 AAEON-PER-T099 Datasheet
205Kb / 1P
   PCI-Express [x1] (SINGLE LANE) Slot Or PCI-Express Mini Card Slot
logo
NXP Semiconductors
PCA8514 PHILIPS-PCA8514 Datasheet
322Kb / 64P
   Stand-alone OSD
1995 Nov 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com