Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PX1011BI-G Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PX1011BI-G
Description  PCI Express stand-alone X1 PHY Receiver detection
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PX1011BI-G Datasheet(HTML) 2 Page - NXP Semiconductors

  PX1011BI-G Datasheet HTML 1Page - NXP Semiconductors PX1011BI-G Datasheet HTML 2Page - NXP Semiconductors PX1011BI-G Datasheet HTML 3Page - NXP Semiconductors PX1011BI-G Datasheet HTML 4Page - NXP Semiconductors PX1011BI-G Datasheet HTML 5Page - NXP Semiconductors PX1011BI-G Datasheet HTML 6Page - NXP Semiconductors PX1011BI-G Datasheet HTML 7Page - NXP Semiconductors PX1011BI-G Datasheet HTML 8Page - NXP Semiconductors PX1011BI-G Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
PX1011B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 18 April 2011
2 of 32
NXP Semiconductors
PX1011B
PCI Express stand-alone X1 PHY
2.3 JTAG interface
JTAG (IEEE 1149.1) boundary scan interface
Built-In Self Test (BIST) controller tests SerDes and I/O blocks at speed
3.3 V CMOS signaling
2.4 Power management
Dissipates < 300 mW in L0 normal mode
Support power management of L0, L0s and L1
2.5 Clock
100 MHz external reference clock with
±300 ppm tolerance
Supports spread spectrum clock to reduce EMI
On-chip reference clock termination
2.6 Miscellaneous
LFBGA81 leaded or lead-free packages
Operating ambient temperature
Commercial: 0
°C to +70 °C
Industrial:
−40 °C to +85 °C
ESD protection voltage for Human Body Model (HBM): 2000 V
3.
Quick reference data
Table 1.
Quick reference data
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VDDD1
digital supply voltage 1
for JTAG I/O
3.0
3.3
3.6
V
VDDD2
digital supply voltage 2
for SSTL_2 I/O
2.3
2.5
2.7
V
VDDD3
digital supply voltage 3
for core
1.15
1.2
1.3
V
VDD
supply voltage
for high-speed
serial I/O and PVT
1.15
1.2
1.3
V
VDDA1
analog supply voltage 1
for serializer
1.15
1.2
1.3
V
VDDA2
analog supply voltage 2
for serializer
3.0
3.3
3.6
V
fclk(ref)
reference clock frequency
99.97
100
100.03
MHz
Tamb
ambient temperature
operating
commercial
0
-
+70
°C
industrial
−40
-
+85
°C


Similar Part No. - PX1011BI-G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PX1011BI-EL1/G NXP-PX1011BI-EL1/G Datasheet
224Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 02-19 March 2008
PX1011BI-EL1/G NXP-PX1011BI-EL1/G Datasheet
223Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 03-20 October 2008
PX1011BI-EL1G NXP-PX1011BI-EL1G Datasheet
224Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 02-19 March 2008
More results

Similar Description - PX1011BI-G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PX1011B NXP-PX1011B_08 Datasheet
223Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 03-20 October 2008
PX1011B NXP-PX1011B Datasheet
224Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 02-19 March 2008
PX1011A NXP-PX1011A Datasheet
247Kb / 32P
   PCI Express stand-alone X1 PHY
Rev. 02-18 May 2006
PX1041A NXP-PX1041A Datasheet
179Kb / 36P
   PCI Express stand-alone X4 PHY
Rev. 01 - 21 June 2007
logo
GENESYS LOGIC
GL9711 GENESYS-GL9711 Datasheet
404Kb / 42P
   PCI ExpressTM PIPE x1 PHY
logo
Texas Instruments
XIO1100 TI-XIO1100 Datasheet
456Kb / 36P
[Old version datasheet]   X1 PCI Express Serial Link
XIO1100 TI-XIO1100_V01 Datasheet
1Mb / 41P
[Old version datasheet]   X1 PCI Express Serial Link
logo
PHOENIX CONTACT
2730213 PHOENIX-2730213 Datasheet
50Kb / 1P
   Connection element - IBS PCI STAND ALONE CONNECTOR
11/05/2018
logo
AAEON Technology
PER-T099 AAEON-PER-T099 Datasheet
205Kb / 1P
   PCI-Express [x1] (SINGLE LANE) Slot Or PCI-Express Mini Card Slot
logo
NXP Semiconductors
PCA8514 PHILIPS-PCA8514 Datasheet
322Kb / 64P
   Stand-alone OSD
1995 Nov 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com