Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFV110N25TS Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXFV110N25TS
Description  Trench Gate Power HiperFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFV110N25TS Datasheet(HTML) 5 Page - IXYS Corporation

  IXFV110N25TS Datasheet HTML 1Page - IXYS Corporation IXFV110N25TS Datasheet HTML 2Page - IXYS Corporation IXFV110N25TS Datasheet HTML 3Page - IXYS Corporation IXFV110N25TS Datasheet HTML 4Page - IXYS Corporation IXFV110N25TS Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2008 IXYS CORPORATION, All rights reserved
IXYS REF: T_110N25T(8W)08-11-08-A
Fig. 14. Resistive Turn-on
Rise Time vs. Drain Current
20
21
22
23
24
25
26
27
28
29
20
30
40
50
60
70
80
90
100
110
120
ID - Amperes
RG = 2Ω
VGS = 15V
VDS = 125V
TJ = 125ºC
TJ = 25ºC
Fig. 15. Resistive Turn-on
Switching Times vs. Gate Resistance
20
25
30
35
40
45
50
2
345
678
9
10
RG - Ohms
19
20
21
22
23
24
25
26
27
28
29
30
31
t r
td(on) - - - -
TJ = 125ºC, VGS = 15V
VDS = 125V
I D = 110A, 55A
Fig. 16. Resistive Turn-off
Switching Times vs. Junction Temperature
14
16
18
20
22
24
26
28
30
32
34
36
38
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
50
52
54
56
58
60
62
64
66
68
70
72
74
t f
td(off) - - - -
RG = 2Ω, VGS = 15V
VDS = 125V
I D = 55A
I D = 110A
Fig. 17. Resistive Turn-off
Switching Times vs. Drain Current
21
22
23
24
25
26
27
28
29
30
20
30
40
50
60
70
80
90
100
110
120
ID - Amperes
45
50
55
60
65
70
75
80
85
90
t f
td(off) - - - -
RG = 2Ω, VGS = 15V
VDS = 125V
TJ = 25ºC
TJ = 125ºC
TJ = 125ºC
TJ = 25ºC
Fig. 13. Resistive Turn-on
Rise Time vs. Junction Temperature
21
22
23
24
25
26
27
28
29
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
RG = 2Ω
VGS = 15V
VDS = 125V
I D = 110A
I D = 55A
Fig. 18. Resistive Turn-off
Switching Times vs. Gate Resistance
10
20
30
40
50
60
70
80
90
100
2
3
45
6
7
89
10
RG - Ohms
40
60
80
100
120
140
160
180
200
220
t f
td(off) - - - -
TJ = 125ºC, VGS = 15V
VDS = 125V
I D = 55A, 110A
IXFV110N25T
IXFV110N25TS


Similar Part No. - IXFV110N25TS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFV110N10P IXYS-IXFV110N10P Datasheet
314Kb / 5P
   PolarHT HiPerFET Power MOSFET
IXFV110N10PS IXYS-IXFV110N10PS Datasheet
314Kb / 5P
   PolarHT HiPerFET Power MOSFET
More results

Similar Description - IXFV110N25TS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFA102N15T IXYS-IXFA102N15T Datasheet
224Kb / 6P
   Trench Gate Power MOSFET HiperFET
FMM60-02TF IXYS-FMM60-02TF Datasheet
101Kb / 2P
   Trench Gate HiperFET N-Channel Power MOSFET
FMM50-025TF IXYS-FMM50-025TF Datasheet
101Kb / 2P
   Trench Gate HiperFET N-Channel Power MOSFET
IXFH86N30T IXYS-IXFH86N30T Datasheet
182Kb / 6P
   Trench HiperFET Power MOSFET
IXFH230N10T IXYS-IXFH230N10T Datasheet
171Kb / 6P
   Trench HiperFET Power MOSFET
IXFN360N10T IXYS-IXFN360N10T Datasheet
181Kb / 6P
   GigaMOS Trench HiperFET Power MOSFET
IXFK360N10T IXYS-IXFK360N10T Datasheet
188Kb / 6P
   GigaMOS Trench HiperFET Power MOSFET
IXFK420N10T IXYS-IXFK420N10T Datasheet
186Kb / 6P
   GigaMOS Trench HiperFET Power MOSFET
IXFN420N10T IXYS-IXFN420N10T Datasheet
185Kb / 6P
   GigaMOS Trench HiperFET Power MOSFET
IXTP160N085T IXYS-IXTP160N085T Datasheet
141Kb / 5P
   Trench Gate Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com