Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23-21B-S2C-AN1P2-2A Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # 23-21B-S2C-AN1P2-2A
Description  Reverse Package Chip LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

23-21B-S2C-AN1P2-2A Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button 23-21B-S2C-AN1P2-2A Datasheet HTML 2Page - Everlight Electronics Co., Ltd 23-21B-S2C-AN1P2-2A Datasheet HTML 3Page - Everlight Electronics Co., Ltd 23-21B-S2C-AN1P2-2A Datasheet HTML 4Page - Everlight Electronics Co., Ltd 23-21B-S2C-AN1P2-2A Datasheet HTML 5Page - Everlight Electronics Co., Ltd 23-21B-S2C-AN1P2-2A Datasheet HTML 6Page - Everlight Electronics Co., Ltd 23-21B-S2C-AN1P2-2A Datasheet HTML 7Page - Everlight Electronics Co., Ltd 23-21B-S2C-AN1P2-2A Datasheet HTML 8Page - Everlight Electronics Co., Ltd 23-21B-S2C-AN1P2-2A Datasheet HTML 9Page - Everlight Electronics Co., Ltd 23-21B-S2C-AN1P2-2A Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2008-09-20 00:16:11.0
EVERLIGHT ELECTRONICS CO.,LTD.
23-21B/S2C-AN1P2/2A
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 7 of 10
Device No: SZDSE-23B-S02
Prepared date: 12-Jun -2007
Prepared by:Yuan Shaoxiang
Carrier Tape Dimensions: Loaded quantity 2000 PCS per reel
Note: The tolerances unless mentioned is ±0.1mm , Unit = mm
Moisture Resistant Packaging
Label
Desiccant
Label
Aluminum moisture-proof bag


Similar Part No. - 23-21B-S2C-AN1P2-2A

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
23-21B-S2C-AN1P2-2A TO-GRACE-23-21B-S2C-AN1P2-2A Datasheet
1Mb / 10P
   Reverse Package Chip LED
More results

Similar Description - 23-21B-S2C-AN1P2-2A

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
23-21-G6C-AL2N1-2T EVERLIGHT-23-21-G6C-AL2N1-2T Datasheet
227Kb / 10P
   Reverse Package Chip LED
23-21-R6C-AM1N2AY-2A EVERLIGHT-23-21-R6C-AM1N2AY-2A Datasheet
234Kb / 10P
   Reverse Package Chip LED
24-21-GHC-YR2T1-2A EVERLIGHT-24-21-GHC-YR2T1-2A Datasheet
161Kb / 10P
   Reverse Package Chip LED
24-21SYGC EVERLIGHT-24-21SYGC Datasheet
159Kb / 9P
   Reverse Package Chip LED
24-21SURC-S530-A3-TR8 EVERLIGHT-24-21SURC-S530-A3-TR8 Datasheet
182Kb / 9P
   Reverse Package Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
23-215A-BHC-DN2P2E-5A TO-GRACE-23-215A-BHC-DN2P2E-5A Datasheet
754Kb / 11P
   Reverse Package Chip LED
logo
Everlight Electronics C...
23-21-R6C-AM1N2AY-2A EVERLIGHT-23-21-R6C-AM1N2AY-2A_11 Datasheet
240Kb / 10P
   Reverse Package Chip LED
23-21C-T1D-CP2Q2TY-2A EVERLIGHT-23-21C-T1D-CP2Q2TY-2A Datasheet
181Kb / 12P
   Reverse Package Chip LED
23-21-BHC-AN1P2 EVERLIGHT-23-21-BHC-AN1P2 Datasheet
137Kb / 10P
   Reverse Package Chip LED
23-21-GHC-YR2T1 EVERLIGHT-23-21-GHC-YR2T1 Datasheet
151Kb / 10P
   Reverse Package Chip LED
23-215A-BHC-DN2P2E-5A EVERLIGHT-23-215A-BHC-DN2P2E-5A Datasheet
180Kb / 11P
   Reverse Package Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com