Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23-21-G6C-AL2N1-2T Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # 23-21-G6C-AL2N1-2T
Description  Reverse Package Chip LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

23-21-G6C-AL2N1-2T Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button 23-21-G6C-AL2N1-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 23-21-G6C-AL2N1-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 23-21-G6C-AL2N1-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 23-21-G6C-AL2N1-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 23-21-G6C-AL2N1-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 23-21-G6C-AL2N1-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 23-21-G6C-AL2N1-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 23-21-G6C-AL2N1-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd 23-21-G6C-AL2N1-2T Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
23-21/G6C-AL2N1/2T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 1
Page: 10 of 10
Device No:SZDSE-231-G03
Prepared date: 24-Feb-2006
Prepared by: Zhang huali
4.Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 350℃ for 3 seconds
within once in less than the soldering iron capacity 25W. Leave two seconds and more intervals, and
do soldering of each terminal. Be careful because the damage of the product is often started at the time
of the hand solder.
5.Repairing
Repair should not be done after the LEDs have been soldered. When repairing is unavoidable,
a double-head soldering iron should be used (as below figure). It should be confirmed beforehand
whether the characteristics of the LEDs will or will not be damaged by repairing.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http://www.everlight.com


Similar Part No. - 23-21-G6C-AL2N1-2T

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
23-21-G6C-AL2N1-2T TO-GRACE-23-21-G6C-AL2N1-2T Datasheet
782Kb / 10P
   Reverse Package Chip LED
More results

Similar Description - 23-21-G6C-AL2N1-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
23-21-R6C-AM1N2AY-2A EVERLIGHT-23-21-R6C-AM1N2AY-2A Datasheet
234Kb / 10P
   Reverse Package Chip LED
24-21-GHC-YR2T1-2A EVERLIGHT-24-21-GHC-YR2T1-2A Datasheet
161Kb / 10P
   Reverse Package Chip LED
24-21SYGC EVERLIGHT-24-21SYGC Datasheet
159Kb / 9P
   Reverse Package Chip LED
24-21SURC-S530-A3-TR8 EVERLIGHT-24-21SURC-S530-A3-TR8 Datasheet
182Kb / 9P
   Reverse Package Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
23-215A-BHC-DN2P2E-5A TO-GRACE-23-215A-BHC-DN2P2E-5A Datasheet
754Kb / 11P
   Reverse Package Chip LED
logo
Everlight Electronics C...
23-21-R6C-AM1N2AY-2A EVERLIGHT-23-21-R6C-AM1N2AY-2A_11 Datasheet
240Kb / 10P
   Reverse Package Chip LED
23-21C-T1D-CP2Q2TY-2A EVERLIGHT-23-21C-T1D-CP2Q2TY-2A Datasheet
181Kb / 12P
   Reverse Package Chip LED
23-21-BHC-AN1P2 EVERLIGHT-23-21-BHC-AN1P2 Datasheet
137Kb / 10P
   Reverse Package Chip LED
23-21-GHC-YR2T1 EVERLIGHT-23-21-GHC-YR2T1 Datasheet
151Kb / 10P
   Reverse Package Chip LED
23-215A-BHC-DN2P2E-5A EVERLIGHT-23-215A-BHC-DN2P2E-5A Datasheet
180Kb / 11P
   Reverse Package Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com