Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK400-020 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # STK400-020
Description  AF Power Amplifier (Split Power Supply) (20W20W20W, THD = 0.4%)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK400-020 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  STK400-020 Datasheet HTML 1Page - Sanyo Semicon Device STK400-020 Datasheet HTML 2Page - Sanyo Semicon Device STK400-020 Datasheet HTML 3Page - Sanyo Semicon Device STK400-020 Datasheet HTML 4Page - Sanyo Semicon Device STK400-020 Datasheet HTML 5Page - Sanyo Semicon Device STK400-020 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
STK400-030
No. 5703—2/6
Notes.
All tests are conducted using a constant-voltage regulated power supply unless otherwise specified.
Available time for load shorted and output noise voltage are measured using the transformer power supply specified on page 1.
The output noise voltage is the peak value of an average-reading meter with an rms value scale (VTVM). A regulated AC supply (50Hz) should be used to eliminate the
effects of AC primary line flicker noise.
Equivalent Circuit
Sample Application Circuit
Frequency response
fL, fH
VCC = ±23V, PO = 1.0W,
20 to 50k
Hz
Input impedance
ri
VCC = ±23V, f = 1kHz,
PO = 1.0W
–55
k
Output noise voltage
VNO
VCC = ±28V, Rg = 10kΩ
1.2
mVrms
Quiescent current
ICCO
VCC = ±28V
30
90
150
mA
Neutral voltage
VN
VCC = ±28V
−70
0
+70
mV
Parameter
Symbol
Conditions
min
typ
max
Unit
+0
−3 dB


Similar Part No. - STK400-020

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK400-020 SANYO-STK400-020 Datasheet
184Kb / 7P
   3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%
STK400-020 SANYO-STK400-020 Datasheet
259Kb / 8P
   AF Power Amplifier (Split Power Supply) (25 W 25 W min, THD = 0.4%)?
STK400-020 SANYO-STK400-020 Datasheet
186Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) 15 W 15 W, THD = 0.08%??????
STK400-020 SANYO-STK400-020 Datasheet
403Kb / 10P
   3-Channel AF Power Amplifier (Split Power Supply) (15 W 15 W 15 W min, THD = 0.4 %)
STK400-020 SANYO-STK400-020 Datasheet
528Kb / 9P
   AF Power Amplifier (Split Power Supply) (30 W 30 W min, THD = 0.4%)
More results

Similar Description - STK400-020

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4412 SANYO-STK4412 Datasheet
217Kb / 7P
   2-Channel AF Power Amplifier (20W20W min, THD = 1.0%)
STK4132II SANYO-STK4132II Datasheet
330Kb / 8P
   2ch AF Power Amplifier (Split Power Supply) 20W 20 W, THD =1%??????????
STK405-030 SANYO-STK405-030 Datasheet
151Kb / 6P
   2ch AF Power Amplifier (Split Power Supply) 20W 20 W min, THD =10%?????????
STK4050II SANYO-STK4050II Datasheet
82Kb / 3P
   AF Power Amplifier (Split Power Supply) (200W min, THD = 0.4%)
STK4036II SANYO-STK4036II Datasheet
69Kb / 3P
   AF Power Amplifier (Split Power Supply) (50W min, THD = 0.4%)
STK4030II SANYO-STK4030II Datasheet
104Kb / 4P
   AF Power Amplifier (Split Power Supply) (35W min, THD = 0.4%)?
STK441 SANYO-STK441 Datasheet
152Kb / 4P
   20W MIN 2 CHANNEL AF POWER AMPLIFIER
STK4803 SANYO-STK4803 Datasheet
162Kb / 3P
   20W MIN 2 CHANNEL AF POWER AMPLIFIER
STK4032II SANYO-STK4032II Datasheet
43Kb / 3P
   AF Power Amplifier (Split Power Supply) (40W min, THD = 0.4%)???
logo
LinkCom Manufacturing C...
20-LSP LINKCOM-20-LSP Datasheet
451Kb / 3P
   20W LED Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com