Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGH30N120B3 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXGH30N120B3
Description  GenX3 1200V IGBTs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH30N120B3 Datasheet(HTML) 5 Page - IXYS Corporation

  IXGH30N120B3 Datasheet HTML 1Page - IXYS Corporation IXGH30N120B3 Datasheet HTML 2Page - IXYS Corporation IXGH30N120B3 Datasheet HTML 3Page - IXYS Corporation IXGH30N120B3 Datasheet HTML 4Page - IXYS Corporation IXGH30N120B3 Datasheet HTML 5Page - IXYS Corporation IXGH30N120B3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
IXGA30N120B3 IXGP30N120B3
IXGH30N120B3
Fig. 12. Inductive Switching
Energy Loss vs. Gate Resistance
2
4
6
8
10
12
14
16
18
5
7
9
11
13
15
171921
2325
RG - Ohms
4
6
8
10
12
14
16
18
20
Eoff
Eon - - - -
TJ = 125ºC , VGE = 15V
VCE = 960V
I C = 60A
I C = 30A
Fig. 17. Inductive Turn-off
Switching Times vs. Junction Temperature
125
175
225
275
325
375
425
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
100
130
160
190
220
250
280
t f
td(off) - - - -
RG = 5Ω , VGE = 15V
VCE = 960V
I C = 60A, 30A
Fig. 15. Inductive Turn-off
Switching Times vs. Gate Resistance
220
260
300
340
380
420
460
5
7
9
111315
171921
2325
RG - Ohms
50
150
250
350
450
550
650
t f
td(off) - - - -
TJ = 125ºC, VGE = 15V
VCE = 960V
I C = 60A
I C = 30A
Fig. 13. Inductive Switching
Energy Loss vs. Collector Current
0
2
4
6
8
10
12
14
16
15
20
25
30
35
40
45
50
55
60
IC - Amperes
0
2
4
6
8
10
12
14
16
Eoff
Eon - - - -
RG = 5Ω , VGE = 15V
VCE = 960V
TJ = 125ºC
TJ = 25ºC
Fig. 14. Inductive Switching
Energy Loss vs. Junction Temperature
0
2
4
6
8
10
12
14
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
2
4
6
8
10
12
14
16
Eoff
Eon - - - -
RG = 5Ω , VGE = 15V
VCE = 960V
I C = 60A
I C = 30A
Fig. 16. Inductive Turn-off
Switching Times vs. Collector Current
100
150
200
250
300
350
400
450
15
20
25
30
35
40
45
50
55
60
IC - Amperes
50
100
150
200
250
300
350
400
t f
td(off) - - - -
RG = 5Ω , VGE = 15V
VCE = 960V
TJ = 125ºC
TJ = 25ºC


Similar Part No. - IXGH30N120B3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH30N120B3D1 IXYS-IXGH30N120B3D1 Datasheet
221Kb / 7P
   GenX3 1200V IGBT
More results

Similar Description - IXGH30N120B3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA20N120A3 IXYS-IXGA20N120A3 Datasheet
241Kb / 6P
   GenX3 1200V IGBTs
IXGK120N120B3 IXYS-IXGK120N120B3 Datasheet
129Kb / 2P
   GenX3 1200V IGBTs
IXGA12N120A3 IXYS-IXGA12N120A3 Datasheet
207Kb / 5P
   GenX3 1200V IGBTs
IXGK82N120A3 IXYS-IXGK82N120A3 Datasheet
187Kb / 5P
   GenX3 1200V IGBTs
IXGK82N120B3 IXYS-IXGK82N120B3 Datasheet
225Kb / 6P
   GenX3 1200V IGBTs
IXYK100N120C3 IXYS-IXYK100N120C3 Datasheet
208Kb / 6P
   1200V XPTTM IGBTs GenX3
IXGK50N120C3H1 IXYS-IXGK50N120C3H1 Datasheet
224Kb / 6P
   GenX3 1200V IGBTs w/ Diode
IXGK55N120A3H1 IXYS-IXGK55N120A3H1 Datasheet
128Kb / 2P
   GenX3 1200V IGBTs w/ Diode
IXGK320N60B3 IXYS-IXGK320N60B3 Datasheet
201Kb / 6P
   GenX3 600V IGBTs
IXGK120N60B3 IXYS-IXGK120N60B3 Datasheet
202Kb / 6P
   GenX3 600V IGBTs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com