Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGP36N60A3 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXGP36N60A3
Description  GenX3 600V IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGP36N60A3 Datasheet(HTML) 3 Page - IXYS Corporation

  IXGP36N60A3 Datasheet HTML 1Page - IXYS Corporation IXGP36N60A3 Datasheet HTML 2Page - IXYS Corporation IXGP36N60A3 Datasheet HTML 3Page - IXYS Corporation IXGP36N60A3 Datasheet HTML 4Page - IXYS Corporation IXGP36N60A3 Datasheet HTML 5Page - IXYS Corporation IXGP36N60A3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2008 IXYS CORPORATION, All rights reserved
IXGA36N60A3 IXGP36N60A3
IXGH36N60A3
Fig. 1. Output Characteristics
@ 25ºC
0
5
10
15
20
25
30
35
40
45
50
55
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VCE - Volts
VGE = 15V
13V
11V
9V
7V
5V
Fig. 2. Extended Output Characteristics
@ 25ºC
0
30
60
90
120
150
180
210
240
270
300
0246
8
10
12
14
16
VCE - Volts
VGE = 15V
13V
11V
7V
5V
9V
Fig. 3. Output Characteristics
@ 125ºC
0
5
10
15
20
25
30
35
40
45
50
55
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VCE - Volts
VGE = 15V
13V
11V
9V
7V
5V
Fig. 4. Dependence of VCE(sat) on
Junction Temperature
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGE = 15V
I C = 60A
I C = 30A
I C = 15A
Fig. 5. Collector-to-Emitter Voltage
vs. Gate-to-Emitter Voltage
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
5
6
7
8
9
10
11
12
13
14
15
VGE - Volts
I C = 60A
30A
15A
TJ = 25ºC
Fig. 6. Input Admittance
0
20
40
60
80
100
120
140
160
180
200
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
VGE - Volts
TJ = 125ºC
25ºC
- 40ºC


Similar Part No. - IXGP36N60A3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGP36N60A3 IXYS-IXGP36N60A3 Datasheet
839Kb / 4P
   600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
IXGP36N60A3 IXYS-IXGP36N60A3_09 Datasheet
839Kb / 4P
   600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
More results

Similar Description - IXGP36N60A3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH56N60A3 IXYS-IXGH56N60A3 Datasheet
183Kb / 6P
   GenX3 600V IGBT
IXGH90N60B3 IXYS-IXGH90N60B3 Datasheet
180Kb / 6P
   GenX3 600V IGBT
IXGB200N60B3 IXYS-IXGB200N60B3 Datasheet
204Kb / 6P
   GenX3 600V IGBT
IXGA30N60C3 IXYS-IXGA30N60C3 Datasheet
281Kb / 6P
   GenX3 600V IGBT
IXGA48N60A3 IXYS-IXGA48N60A3 Datasheet
228Kb / 6P
   GenX3 600V IGBT
IXGH64N60A3 IXYS-IXGH64N60A3 Datasheet
200Kb / 6P
   GenX3 600V IGBT
IXGL200N60B3 IXYS-IXGL200N60B3 Datasheet
217Kb / 6P
   GenX3 600V IGBT
IXGH60N60C3 IXYS-IXGH60N60C3 Datasheet
171Kb / 6P
   GenX3 600V IGBT
IXGH72N60C3 IXYS-IXGH72N60C3 Datasheet
172Kb / 6P
   GenX3 600V IGBT
IXGA48N60C3 IXYS-IXGA48N60C3 Datasheet
229Kb / 6P
   GenX3 600V IGBT
IXGH56N60B3 IXYS-IXGH56N60B3 Datasheet
187Kb / 6P
   GenX3 600V IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com