Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF02M Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # DF02M
Description  Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DF02M Datasheet(HTML) 1 Page - Fairchild Semiconductor

  DF02M Datasheet HTML 1Page - Fairchild Semiconductor DF02M Datasheet HTML 2Page - Fairchild Semiconductor DF02M Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
DF005M - DF10M Rev. C1
1
August 2010
DF005M - DF10M
Bridge Rectifiers
Features
• Surge overload rating: 50 amperes peak.
• Glass passivated junction.
• Low leakage.
• UL certified, UL #E111753 and E326243.
Absolute Maximum Ratings * T
A = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Thermal Characteristics
* Device mounted on PCB with 0.5
× 0.5” (13 × 13mm).
Electrical Characteristics T
A = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
005M 01M
02M
04M
06M
08M
10M
VRRM
Maximum Repetitive Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS Bridge Input Voltage
35
70
140
280
420
560
700
V
VR
DC Reverse Voltage (Rated VR)
50
100
200
400
600
800
1000
V
IF(AV)
Average Rectified Forward Current,
@ TA = 40°C
1.5
A
IFSM
Non-repetitive Peak Forward Surge Current
8.3 ms Single Half-Sine-Wave
50
A
TSTG
Storage Temperature Range
-55 to +150
°C
TJ
Operating Junction Temperature
-55 to +150
°C
Symbol
Parameter
Value
Units
PD
Power Dissipation
3.1
W
RθJA
Thermal Resistance, Junction to Ambient, * per leg
40
°C/W
Symbol
Parameter
Value
Units
VF
Forward Voltage, per element @ 1.0A
1.1
V
IR
Reverse Current, per element @ rated VR
TA = 25°C
TA = 125°C
5.0
500
μA
μA
I2t Rating for Fusing
t < 8.35ms
10
A2s
CT
Total Capacitance, per leg
VR = 4.0V, f = 1.0MHz
25
pF
DIP


Similar Part No. - DF02M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DF02M FAIRCHILD-DF02M Datasheet
33Kb / 2P
   1.5 Ampere Bridge Rectifiers
logo
Diodes Incorporated
DF02M DIODES-DF02M Datasheet
106Kb / 3P
   1.0A GLASS PASSIVATED BRIDGE RECTIFIERS
DS21201 Rev. 15 - 2
DF02M DIODES-DF02M Datasheet
61Kb / 2P
   1.0A GLASS PASSIVATED BRIDGE RECTIFIERS
DS21201 Rev. H-2
logo
Shenzhen Luguang Electr...
DF02M LUGUANG-DF02M Datasheet
141Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Fuji Electric
DF02M FUJI-DF02M Datasheet
660Kb / 1P
   1 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
More results

Similar Description - DF02M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com