Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FNB40560 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FNB40560
Description  Smart Power Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FNB40560 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FNB40560 Datasheet HTML 3Page - Fairchild Semiconductor FNB40560 Datasheet HTML 4Page - Fairchild Semiconductor FNB40560 Datasheet HTML 5Page - Fairchild Semiconductor FNB40560 Datasheet HTML 6Page - Fairchild Semiconductor FNB40560 Datasheet HTML 7Page - Fairchild Semiconductor FNB40560 Datasheet HTML 8Page - Fairchild Semiconductor FNB40560 Datasheet HTML 9Page - Fairchild Semiconductor FNB40560 Datasheet HTML 10Page - Fairchild Semiconductor FNB40560 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
www.fairchildsemi.com
FNB40560/B2 Rev. C
Switching Loss (Typical)
Figure 5. Switching Loss Characteristics
Control Part
Note:
5. Short-circuit current protection is functioning only at the low-sides.
6. TTH is the temperature of thermister itselt. To know case temperature (TC), please make the experiment considering your application.
Symbol
Parameter
Conditions
Min.
Typ.
Max. Units
IQCCH
Quiescent VCC Supply
Current
VCC(H) = 15V, IN(UH,VH,WH) = 0V
VCC(H) - COM
-
-
0.10
mA
IQCCL
VCC(L) = 15V, IN(UL,VL, WL) = 0V
VCC(L) - COM
-
-
2.65
mA
IPCCH
Operating VCC Supply
Current
VCC(H) = 15V, fPWM = 20kHz,
duty=50%, applied to one PWM
signal input for High-side
VCC(H) - COM
-
-
0.15
mA
IPCCL
VCC(L) = 15V, fPWM = 20kHz,
duty=50%, applied to one PWM
signal input for Low-side
VCC(L) - COM
-
-
3.65
mA
IQBS
Quiescent VBS Supply
Current
VBS = 15V, IN(UH, VH, WH) = 0V
VB(U) - VS(U), VB(V) -
VS(V), VB(W) - VS(W)
-
-
0.30
mA
IPBS
Operating VBS Supply
Current
VCC = VBS = 15V, fPWM = 20kHz,
duty=50%, applied to one PWM
signal input for High-side
VB(U) - VS(U), VB(V) -
VS(V), VB(W) - VS(W)
-
-
2.00
mA
VFOH
Fault Output Voltage
VSC = 0V, VFO Circuit: 4.7kW to 5V Pull-up
4.5
-
-
V
VFOL
VSC = 1V, VFO Circuit: 4.7kW to 5V Pull-up
-
-
0.5
V
VSC(ref)
Short Circuit Trip Level VCC = 15V (Note 5)
0.45
0.5
0.55
V
UVCCD
Supply Circuit
Under-Voltage
Protection
Detection Level
10.5
-
13.0
V
UVCCR
Reset Level
11.0
-
13.5
V
UVBSD
Detection Level
10.0
-
12.5
V
UVBSR
Reset Level
10.5
-
13.0
V
tFOD
Fault-out Pulse Width
30
-
-
ms
VIN(ON)
ON Threshold Voltage
Applied between IN(UH), IN(VH), IN(WH), IN(UL), IN(VL),
IN(WL) - COM
-
-
2.6
V
VIN(OFF) OFF Threshold Voltage
0.8
-
-
V
RTH
Resistance of
Thermister
@TTH=25°C, (Note 6)
-
47
-
k
W
@TTH=100°C
-
2.9
-
k
W
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
40
80
120
160
200
Inductive Load, V
PN=300V, VCC=15V, TJ=25
IGBT Turn-ON, E
on
IGBT Turn-OFF, E
off
FRD Turn-OFF, E
rec
COLLECTOR CURRENT, I
c [AMPERES]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
40
80
120
160
200
Inductive Load, V
PN=300V, VCC=15V, TJ=150
IGBT Turn-ON, E
on
IGBT Turn-OFF, E
off
FRD Turn-OFF, E
rec
COLLECTOR CURRENT, I
c [AMPERES]


Similar Part No. - FNB40560

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FNB40560 ONSEMI-FNB40560 Datasheet
942Kb / 16P
   Motion SPM 45 Series
September-2017, Rev. 3
logo
Fairchild Semiconductor
FNB40560B2 FAIRCHILD-FNB40560B2 Datasheet
992Kb / 16P
   Motion SPMR 45 Series
logo
ON Semiconductor
FNB40560B2 ONSEMI-FNB40560B2 Datasheet
942Kb / 16P
   Motion SPM 45 Series
September-2017, Rev. 3
logo
Fairchild Semiconductor
FNB40560 FAIRCHILD-FNB40560_15 Datasheet
992Kb / 16P
   Motion SPMR 45 Series
More results

Similar Description - FNB40560

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSBS10CH60 FAIRCHILD-FSBS10CH60 Datasheet
553Kb / 16P
   Smart Power Module
FSB32560 FAIRCHILD-FSB32560 Datasheet
264Kb / 16P
   Smart Power Module
FSBB20CH60L FAIRCHILD-FSBB20CH60L Datasheet
251Kb / 16P
   Smart Power Module
FSBF10CH60BT FAIRCHILD-FSBF10CH60BT Datasheet
402Kb / 17P
   Smart Power Module
FSBF15CH60BT FAIRCHILD-FSBF15CH60BT Datasheet
429Kb / 17P
   Smart Power Module
FSBF5CH60B FAIRCHILD-FSBF5CH60B Datasheet
404Kb / 17P
   Smart Power Module
FNA40560 FAIRCHILD-FNA40560 Datasheet
920Kb / 15P
   Smart Power Module
FNB41560 FAIRCHILD-FNB41560 Datasheet
910Kb / 15P
   Smart Power Module
logo
ON Semiconductor
FSB50250AB ONSEMI-FSB50250AB Datasheet
1Mb / 12P
   Smart Power Module
January 2012 Rev. A
logo
Fairchild Semiconductor
FNA41060_1010 FAIRCHILD-FNA41060_1010 Datasheet
1Mb / 16P
   Smart Power Module
FNA40860 FAIRCHILD-FNA40860 Datasheet
920Kb / 15P
   Smart Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com