Electronic Components Datasheet Search |
|
FNA41560B2 Datasheet(PDF) 7 Page - Fairchild Semiconductor |
|
FNA41560B2 Datasheet(HTML) 7 Page - Fairchild Semiconductor |
7 / 16 page 7 www.fairchildsemi.com FNA41560/B2 Rev. C Switching Loss (Typical) Figure 5. Switching Loss Characteristics Control Part Note: 4. Short-circuit current protection is functioning only at the low-sides. 5. TTH is the temperature of thermister itselt. To know case temperature (TC), please make the experiment considering your application. Symbol Parameter Conditions Min. Typ. Max. Units IQCCH Quiescent VCC Supply Current VCC(H) = 15V, IN(UH,VH,WH) = 0V VCC(H) - COM - - 0.10 mA IQCCL VCC(L) = 15V, IN(UL,VL, WL) = 0V VCC(L) - COM - - 2.65 mA IPCCH Operating VCC Supply Current VCC(H) = 15V, fPWM = 20kHz, duty=50%, applied to one PWM signal input for High-side VCC(H) - COM - - 0.15 mA IPCCL VCC(L) = 15V, fPWM = 20kHz, duty=50%, applied to one PWM signal input for Low-side VCC(L) - COM - - 3.65 mA IQBS Quiescent VBS Supply Current VBS = 15V, IN(UH, VH, WH) = 0V VB(U) - VS(U), VB(V) - VS(V), VB(W) - VS(W) - - 0.30 mA IPBS Operating VBS Supply Current VCC = VBS = 15V, fPWM = 20kHz, duty=50%, applied to one PWM signal input for High-side VB(U) - VS(U), VB(V) - VS(V), VB(W) - VS(W) - - 2.00 mA VFOH Fault Output Voltage VSC = 0V, VFO Circuit: 4.7kW to 5V Pull-up 4.5 - - V VFOL VSC = 1V, VFO Circuit: 4.7kW to 5V Pull-up - - 0.5 V VSC(ref) Short Circuit Trip Level VCC = 15V (Note 4) 0.45 0.5 0.55 V UVCCD Supply Circuit Under-Voltage Protection Detection Level 10.5 - 13.0 V UVCCR Reset Level 11.0 - 13.5 V UVBSD Detection Level 10.0 - 12.5 V UVBSR Reset Level 10.5 - 13.0 V tFOD Fault-out Pulse Width 30 - - ms VIN(ON) ON Threshold Voltage Applied between IN(UH), IN(VH), IN(WH), IN(UL), IN(VL), IN(WL) - COM - - 2.6 V VIN(OFF) OFF Threshold Voltage 0.8 - - V RTH Resistance of Thermister @TTH=25°C, (Note 5) - 47 - k W @TTH=100°C - 2.9 - k W 0 2 4 6 8 10 12 14 16 0 100 200 300 400 500 600 700 800 900 Inductive Load, V PN=300V, VCC=15V, TJ=150℃ IGBT Turn-ON, E on IGBT Turn-OFF, E off FRD Turn-OFF, E rec COLLECTOR CURRENT, I c [AMPERES] 0 2 4 6 8 10 12 14 16 0 100 200 300 400 500 600 700 800 900 Inductive Load, V PN=300V, VCC=15V, TJ=25℃ IGBT Turn-ON, E on IGBT Turn-OFF, E off FRD Turn-OFF, E rec COLLECTOR CURRENT, I c [AMPERES] |
Similar Part No. - FNA41560B2 |
|
Similar Description - FNA41560B2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |