Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSB50250UTD Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSB50250UTD
Description  Smart Power Module (SPM짰)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50250UTD Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSB50250UTD Datasheet HTML 1Page - Fairchild Semiconductor FSB50250UTD Datasheet HTML 2Page - Fairchild Semiconductor FSB50250UTD Datasheet HTML 3Page - Fairchild Semiconductor FSB50250UTD Datasheet HTML 4Page - Fairchild Semiconductor FSB50250UTD Datasheet HTML 5Page - Fairchild Semiconductor FSB50250UTD Datasheet HTML 6Page - Fairchild Semiconductor FSB50250UTD Datasheet HTML 7Page - Fairchild Semiconductor FSB50250UTD Datasheet HTML 8Page - Fairchild Semiconductor FSB50250UTD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2010 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FSB50250UTD Rev. A
Motion-SPM
April 2010
TM
FSB50250UTD
Smart Power Module (SPM®)
Features
• 500V RDS(on)=4.2W(max) 3-phase FRFET inverter including
high voltage integrated circuit (HVIC)
• 3 divided negative dc-link terminals for inverter current sens-
ing applications
• HVIC for gate driving and undervoltage protection
• 3/5V CMOS/TTL compatible, active-high interface
• Optimized for low electromagnetic interference
• Isolation voltage rating of 1500Vrms for 1min.
• Embedded bootstrap diode in the package
General Description
FSB50250UTD is a tiny smart power module (SPM®) based on
FRFET technology as a compact inverter solution for small
power motor drive applications such as fan motors and water
suppliers. It is composed of 6 fast-recovery MOSFET (FRFET),
and
3
half-bridge
HVICs
for
FRFET
gate
driving.
FSB50250UTD provides low electromagnetic interference (EMI)
characteristics with optimized switching speed. Moreover, since
it employs FRFET as a power switch, it has much better
ruggedness and larger safe operation area (SOA) than that of
an IGBT-based power module or one-chip solution. The
package is optimized for the thermal performance and
compactness for the use in the built-in motor application and
any other application where the assembly space is concerned.
FSB50250UTD is the most solution for the compact inverter
providing the energy efficiency, compactness, and low
electromagnetic interference.
Absolute Maximum Ratings
Symbol
Parameter
Conditions
Rating
Units
VPN
DC Link Input Voltage,
Drain-source Voltage of each FRFET
500
V
ID25
Each FRFET Drain Current, Continuous
TC = 25°C
1.1
A
ID80
Each FRFET Drain Current, Continuous
TC = 80°C
0.8
A
IDP
Each FRFET Drain Current, Peak
TC = 25°C, PW < 100ms
2.8
A
PD
Maximum Power Dissipation
TC = 25°C, Each FRFET
13
W
VCC
Control Supply Voltage
Applied between VCC and COM
20
V
VBS
High-side Bias Voltage
Applied between VB(U)-U, VB(V)-V, VB(W)-W
20
V
VIN
Input Signal Voltage
Applied between IN and COM
-0.3 ~ VCC+0.3
V
TJ
Operating Junction Temperature
-40 ~ 150
°C
TSTG
Storage Temperature
-40 ~ 125
°C
RqJC
Junction to Case Thermal Resistance
Each FRFET under inverter operating con-
dition (Note 1)
9.3
°C/W
VISO
Isolation Voltage
60Hz, Sinusoidal, 1 minute, Connection
pins to heatsink
1500
Vrms


Similar Part No. - FSB50250UTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSB50250UD FAIRCHILD-FSB50250UD Datasheet
868Kb / 9P
   Smart Power Module (SPM짰)
FSB50250US FAIRCHILD-FSB50250US Datasheet
304Kb / 8P
   Smart Power Module (SPM짰)
More results

Similar Description - FSB50250UTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSB50250 FAIRCHILD-FSB50250_07 Datasheet
317Kb / 8P
   Smart Power Module (SPM짰)
FSB50325S FAIRCHILD-FSB50325S_07 Datasheet
297Kb / 8P
   Smart Power Module (SPM짰)
FSB50250AB FAIRCHILD-FSB50250AB Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
FSB50250A FAIRCHILD-FSB50250A Datasheet
1Mb / 10P
   Smart Power Module(SPM짰)
FSB50450A FAIRCHILD-FSB50450A Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
FSB50450UD FAIRCHILD-FSB50450UD Datasheet
864Kb / 9P
   Smart Power Module (SPM짰)
FSB50325T FAIRCHILD-FSB50325T_07 Datasheet
283Kb / 8P
   Smart Power Module (SPM짰)
FSB50550U FAIRCHILD-FSB50550U Datasheet
349Kb / 8P
   Smart Power Module (SPM짰)
FSB50450S_0705 FAIRCHILD-FSB50450S_0705 Datasheet
297Kb / 8P
   Smart Power Module (SPM짰)
FSB50550US FAIRCHILD-FSB50550US Datasheet
304Kb / 8P
   Smart Power Module (SPM짰)
FSB50325A FAIRCHILD-FSB50325A Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com