Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSBB30CH60_0503 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSBB30CH60_0503
Description  Smart Power Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBB30CH60_0503 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSBB30CH60_0503 Datasheet HTML 1Page - Fairchild Semiconductor FSBB30CH60_0503 Datasheet HTML 2Page - Fairchild Semiconductor FSBB30CH60_0503 Datasheet HTML 3Page - Fairchild Semiconductor FSBB30CH60_0503 Datasheet HTML 4Page - Fairchild Semiconductor FSBB30CH60_0503 Datasheet HTML 5Page - Fairchild Semiconductor FSBB30CH60_0503 Datasheet HTML 6Page - Fairchild Semiconductor FSBB30CH60_0503 Datasheet HTML 7Page - Fairchild Semiconductor FSBB30CH60_0503 Datasheet HTML 8Page - Fairchild Semiconductor FSBB30CH60_0503 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
www.fairchildsemi.com
FSBB30CH60 Rev. B
Pin Descriptions
Pin Number
Pin Name
Pin Description
1VCC(L)
Low-side Common Bias Voltage for IC and IGBTs Driving
2
COM
Common Supply Ground
3IN(UL)
Signal Input for Low-side U Phase
4IN(VL)
Signal Input for Low-side V Phase
5IN(WL)
Signal Input for Low-side W Phase
6VFO
Fault Output
7CFOD
Capacitor for Fault Output Duration Time Selection
8CSC
Capacitor (Low-pass Filter) for Short-Current Detection Input
9IN(UH)
Signal Input for High-side U Phase
10
VCC(UH)
High-side Bias Voltage for U Phase IC
11
VB(U)
High-side Bias Voltage for U Phase IGBT Driving
12
VS(U)
High-side Bias Voltage Ground for U Phase IGBT Driving
13
IN(VH)
Signal Input for High-side V Phase
14
VCC(VH)
High-side Bias Voltage for V Phase IC
15
VB(V)
High-side Bias Voltage for V Phase IGBT Driving
16
VS(V)
High-side Bias Voltage Ground for V Phase IGBT Driving
17
IN(WH)
Signal Input for High-side W Phase
18
VCC(WH)
High-side Bias Voltage for W Phase IC
19
VB(W)
High-side Bias Voltage for W Phase IGBT Driving
20
VS(W)
High-side Bias Voltage Ground for W Phase IGBT Driving
21
NU
Negative DC–Link Input for U Phase
22
NV
Negative DC–Link Input for V Phase
23
NW
Negative DC–Link Input for W Phase
24
U
Output for U Phase
25
V
Output for V Phase
26
W
Output for W Phase
27
P
Positive DC–Link Input


Similar Part No. - FSBB30CH60_0503

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSBB30CH60C FAIRCHILD-FSBB30CH60C Datasheet
523Kb / 17P
   Smart Power Module
FSBB30CH60CT FAIRCHILD-FSBB30CH60CT Datasheet
664Kb / 15P
   Motion SPMR 3 Series
logo
ON Semiconductor
FSBB30CH60CT ONSEMI-FSBB30CH60CT Datasheet
784Kb / 17P
   Motion SPM 3 Series
January 2014 Rev. C3
logo
Fairchild Semiconductor
FSBB30CH60D FAIRCHILD-FSBB30CH60D Datasheet
1Mb / 15P
   Motion SPMR 3 Series
FSBB30CH60F FAIRCHILD-FSBB30CH60F Datasheet
295Kb / 16P
   Smart Power Module
More results

Similar Description - FSBB30CH60_0503

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSBS10CH60 FAIRCHILD-FSBS10CH60 Datasheet
553Kb / 16P
   Smart Power Module
FSB32560 FAIRCHILD-FSB32560 Datasheet
264Kb / 16P
   Smart Power Module
FSBB20CH60L FAIRCHILD-FSBB20CH60L Datasheet
251Kb / 16P
   Smart Power Module
FSBF10CH60BT FAIRCHILD-FSBF10CH60BT Datasheet
402Kb / 17P
   Smart Power Module
FSBF15CH60BT FAIRCHILD-FSBF15CH60BT Datasheet
429Kb / 17P
   Smart Power Module
FSBF5CH60B FAIRCHILD-FSBF5CH60B Datasheet
404Kb / 17P
   Smart Power Module
FNA40560 FAIRCHILD-FNA40560 Datasheet
920Kb / 15P
   Smart Power Module
FNB41560 FAIRCHILD-FNB41560 Datasheet
910Kb / 15P
   Smart Power Module
logo
ON Semiconductor
FSB50250AB ONSEMI-FSB50250AB Datasheet
1Mb / 12P
   Smart Power Module
January 2012 Rev. A
logo
Fairchild Semiconductor
FNA41060_1010 FAIRCHILD-FNA41060_1010 Datasheet
1Mb / 16P
   Smart Power Module
FNA40860 FAIRCHILD-FNA40860 Datasheet
920Kb / 15P
   Smart Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com