Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBL08 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KBL08
Description  Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KBL08 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KBL08 Datasheet HTML 1Page - Fairchild Semiconductor KBL08 Datasheet HTML 2Page - Fairchild Semiconductor KBL08 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KBL005 - KBL10 Rev. C2
1
May 2009
KBL005 - KBL10
Bridge Rectifiers
Features
• Ideal for printed circuit board .
• Reliable low cost construction.
• High surge current capability.
• UL certified, UL #E326243.
Absolute Maximum Ratings * T
A = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may by impaired.
Thermal Characteristics
* Device mounted on PCB with 0.375 " (9.5 mm) lead length and 0.5 x 0.5" (13 x 13 mm) copper pads.
Electrical Characteristics TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
005
01
02
04
06
08
10
VRRM
Maximum Repetitive Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS Bridge Input Voltage
35
70
140
280
420
560
700
V
VR
DC Reverse Voltage (Rated VR)
50
100
200
400
600
800
1000
V
IF(AV)
Average Recitified Forward Current, @ TA = 50°C
4.0
A
IFSM
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half-Sine-Wave
200
A
TSTG
Storage Temperature Range
-55 to +150
°C
TJ
Operating Junction Temperature
-55 to +150
°C
Symbol
Parameter
Value
Units
PD
Power Dissipation
6.58
W
RθJA
Thermal Resistance, Junction to Ambient, * per leg
19
°C/W
RθJL
Thermal Resistance, Junction to Lead, * per leg
2.4
°C/W
Symbol
Parameter
Value
Units
VF
Forward Voltage, per bridge @ 4.0A
1.1
V
IR
Reverse Current, total bridge @ Rated VR
TA = 25°C
TA = 100°C
5.0
500
µA
µA
KBL
- ~ ~
+


Similar Part No. - KBL08

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBL08 SEMTECH-KBL08 Datasheet
128Kb / 2P
   4.0A SINGLE - PHASE SILICON BRIDGE
logo
Galaxy Semi-Conductor H...
KBL08 BILIN-KBL08 Datasheet
137Kb / 3P
   Silicon Bridge Rectifiers
logo
TAITRON Components Inco...
KBL08 TAITRON-KBL08 Datasheet
140Kb / 5P
   4A Bridge Rectifier
logo
SynSemi, Inc.
KBL08 SYNSEMI-KBL08 Datasheet
410Kb / 2P
   Glass Passivated Single-Phase Bridge Recitifiers
logo
Shanghai Lunsure Electr...
KBL08 CHENYI-KBL08 Datasheet
155Kb / 2P
   SINGLE PHASE GLASS BRIDGE RECTIFIER
More results

Similar Description - KBL08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com