Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU6K Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KBU6K
Description  Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KBU6K Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KBU6K Datasheet HTML 1Page - Fairchild Semiconductor KBU6K Datasheet HTML 2Page - Fairchild Semiconductor KBU6K Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KBU6A - KBU6M Rev. C1
1
July 2010
KBU6A - KBU6M
Bridge Rectifiers
Features
• High surge current capability.
• Reliable construction technique.
• Ideal for printed circuit board.
• UL Certificate # E326243.
Absolute Maximum Ratings* TA= 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Thermal Characteristics
* Device mounted on PCB with 0.375 " (9.5 mm) lead length and 0.5 x 0.5" (12 x 12 mm) copper pads.
Electrical Characteristics TA= 25°C unless otherwise noted
Symbol
Parameter
Value
Units
6A
6B
6D
6G
6J
6K
6M
VRRM
Maximum Repetitive Reverse Voltage
50
100
200
400
600
800 1000
V
VRMS
Maximum RMS Bridge Input Voltage
35
70
140
280
420
560
700
V
VR
DC Reverse Voltage (Rated VR)
50
100
200
400
600
800 1000
V
IF(AV)
Average Rectified Forward Current, @ TA= 65°C
6.0
A
IFSM
Non-repetitive Peak Forward Surge Current
250
A
TSTG
Storage Temperature Range
-55 to +150
°C
TJ
Operating Junction Temperature
-55 to +150
°C
Symbol
Parameter
Value
Units
PD
Power Dissipation
6.7
W
RθJA
Thermal Resistance, Junction to Ambient,* per leg
8.6
°C/W
RθJL
Thermal Resistance, Junction to Lead,* per leg
4.0
°C/W
Symbol
Parameter
Value
Units
VF
Forward Voltage, per bridge @ 6.0 A
1.0
V
IR
Reverse Current, total bridge @ rated VR
TA= 25°C
TA= 100°C
5.0
500
µA
µA
KBU
+
~ ~
-


Similar Part No. - KBU6K

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
KBU6K BILIN-KBU6K Datasheet
131Kb / 3P
   Silicon Bridge Rectifiers
logo
Pan Jit International I...
KBU6K PANJIT-KBU6K Datasheet
124Kb / 2P
   SILICON SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
KBU6K PANJIT-KBU6K Datasheet
47Kb / 2P
   SILICON SINGLE-PHASE BRIDGE RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
KBU6K KISEMICONDUCTOR-KBU6K Datasheet
61Kb / 2P
   6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
GeneSiC Semiconductor, ...
KBU6K GENESIC-KBU6K Datasheet
295Kb / 3P
   Single Phase Silicon Bridge Rectifier
More results

Similar Description - KBU6K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com