Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23-21-R8C-AN2Q1B-2T Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # 23-21-R8C-AN2Q1B-2T
Description  1206 Package Chip LED (1.1 mm Height)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

23-21-R8C-AN2Q1B-2T Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  23-21-R8C-AN2Q1B-2T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 23-21-R8C-AN2Q1B-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 23-21-R8C-AN2Q1B-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 23-21-R8C-AN2Q1B-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 23-21-R8C-AN2Q1B-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 23-21-R8C-AN2Q1B-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 23-21-R8C-AN2Q1B-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 23-21-R8C-AN2Q1B-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 23-21-R8C-AN2Q1B-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2008-09-20 00:16:11.0
EVERLIGHT ELECTRONICS CO.,LTD.
23-21/R8C-AN2Q1B/2T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.1
Page: 5 of 10
Device No:SZDSE-231-R01
Prepared date:20-Mar-2007
Prepared by:Men Qingling
Typical Electro-Optical Characteristics Curves


Similar Part No. - 23-21-R8C-AN2Q1B-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
23-21-R8C-AN2Q1B-2T EVERLIGHT-23-21-R8C-AN2Q1B-2T Datasheet
232Kb / 10P
   1206 Package Chip LED ( 1.1mm Height )
logo
HK TO-GRACE TECHNOLOGY ...
23-21-R8C-AN2Q1B-2T TO-GRACE-23-21-R8C-AN2Q1B-2T Datasheet
1Mb / 10P
   1206 Package Chip LED ( 1.1mm Height )
logo
Everlight Electronics C...
23-21-R8C-AN2Q1B-2T EVERLIGHT-23-21-R8C-AN2Q1B-2T_11 Datasheet
232Kb / 10P
   1206 Package Chip LED ( 1.1mm Height )
More results

Similar Description - 23-21-R8C-AN2Q1B-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
15-21-GHC-YR1S1-2T EVERLIGHT-15-21-GHC-YR1S1-2T_05 Datasheet
204Kb / 10P
   1206 Package Chip LED (1.1 mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
15-21-G6C-BK1L2VY-2T TO-GRACE-15-21-G6C-BK1L2VY-2T Datasheet
805Kb / 10P
   1206 Package Chip LED (1.1 mm Height)
logo
Everlight Electronics C...
15-21-S2C-AL2M2VY-2T EVERLIGHT-15-21-S2C-AL2M2VY-2T Datasheet
211Kb / 10P
   1206 Package Chip LED (1.1 mm Height)
15-21-S2C-AQ2R2B-2T EVERLIGHT-15-21-S2C-AQ2R2B-2T Datasheet
210Kb / 10P
   1206 Package Chip LED (1.1 mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
15-21-GHC-YR1S1-2T TO-GRACE-15-21-GHC-YR1S1-2T Datasheet
755Kb / 10P
   1206 Package Chip LED (1.1 mm Height)
logo
Everlight Electronics C...
15-21-S3C-AP1Q2-2T EVERLIGHT-15-21-S3C-AP1Q2-2T Datasheet
168Kb / 10P
   1206 Package Chip LED (1.1 mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
15-21-G6C-FP1Q1L-2T TO-GRACE-15-21-G6C-FP1Q1L-2T Datasheet
801Kb / 10P
   1206 Package Chip LED (1.1 mm Height)
15-21-S2C-AQ2R2B-2T TO-GRACE-15-21-S2C-AQ2R2B-2T Datasheet
764Kb / 10P
   1206 Package Chip LED (1.1 mm Height)
15-21-S2C-AL2M2VY-2T TO-GRACE-15-21-S2C-AL2M2VY-2T Datasheet
768Kb / 10P
   1206 Package Chip LED (1.1 mm Height)
15-21-S3C-AP1Q2-2T TO-GRACE-15-21-S3C-AP1Q2-2T Datasheet
1Mb / 10P
   1206 Package Chip LED (1.1 mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com