Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25-21-BHC-APR-2T Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # 25-21-BHC-APR-2T
Description  Chip LED with Inner Lens
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

25-21-BHC-APR-2T Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button 25-21-BHC-APR-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 25-21-BHC-APR-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 25-21-BHC-APR-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 25-21-BHC-APR-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 25-21-BHC-APR-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 25-21-BHC-APR-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 25-21-BHC-APR-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 25-21-BHC-APR-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd 25-21-BHC-APR-2T Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2008-09-20 00:16:12.0
EVERLIGHT ELECTRONICS CO.,LTD.
25-21/BHC-APR/2T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 8 of 10
Device No.: SZDSE-251-B05
Prepared date: 26-Apr.-2007
Prepared by: CaiXiangMei
Reliability Test Items And Conditions
The reliability of products shall be satisfied with items listed below.
Confidence level:90%
LTPD:10%
No.
Items
Test Condition
Test
Hours/Cycles
Sample
Size
Ac/Re
1
Reflow Soldering
Temp. : 260℃±5℃
Min.5 sec.
6 Min.
22 Pcs.
0/1
2
Temperature Cycle
H : +100℃ 15min
∫ 5 min
L : -40℃ 15min
300 Cycles 22 PCS.
0/1
3
Thermal Shock
H : +100℃ 5min
∫ 10 sec
L : -10℃ 5min
300 Cycles 22 PCS.
0/1
4
High Temperature
Storage
Temp. : 100℃
1000 Hrs.
22 PCS.
0/1
5
Low Temperature
Storage
Temp. : -40℃
1000 Hrs.
22 PCS.
0/1
6
DC Operating Life
IF = 20 mA
1000 Hrs.
22 PCS.
0/1
7
High Temperature /
High Humidity
85℃/85%R.H.
1000 Hrs.
22 PCS.
0/1


Similar Part No. - 25-21-BHC-APR-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
25-21-BHC-APR-2T EVERLIGHT-25-21-BHC-APR-2T Datasheet
228Kb / 11P
   1206 Package Chip LED with Inner Lens(1.1mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
25-21-BHC-APR-2T TO-GRACE-25-21-BHC-APR-2T Datasheet
1Mb / 11P
   1206 Package Chip LED with Inner Lens(1.1mm Height)
logo
Everlight Electronics C...
25-21-BHC-APR-2T EVERLIGHT-25-21-BHC-APR-2T_11 Datasheet
228Kb / 11P
   1206 Package Chip LED with Inner Lens(1.1mm Height)
More results

Similar Description - 25-21-BHC-APR-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
BHC-APR EVERLIGHT-BHC-APR Datasheet
194Kb / 10P
   Chip LED with Inner Lens
T1D-APQHY EVERLIGHT-T1D-APQHY Datasheet
206Kb / 11P
   Chip LED with Inner Lens
25-21-T1D-ANQHY EVERLIGHT-25-21-T1D-ANQHY Datasheet
158Kb / 11P
   Chip LED with Inner Lens
HIR11-21C EVERLIGHT-HIR11-21C Datasheet
255Kb / 10P
   Chip Infrared LED With Inner Lens
logo
List of Unclassifed Man...
QBLP651-S1 ETC1-QBLP651-S1 Datasheet
614Kb / 9P
   Inner Lens Chip LED
QBLP651 ETC-QBLP651 Datasheet
979Kb / 14P
   LED with Inner Lens
logo
HK TO-GRACE TECHNOLOGY ...
11-21-GHC-YT1U2-2T TO-GRACE-11-21-GHC-YT1U2-2T Datasheet
672Kb / 10P
   1206 Package Chip LED with Inner Lens
logo
Everlight Electronics C...
11-21-G6C-FN2P2B-2T EVERLIGHT-11-21-G6C-FN2P2B-2T Datasheet
254Kb / 10P
   1206 Package Chip LED with Inner lens
25-21-W1D-APQHY-2A EVERLIGHT-25-21-W1D-APQHY-2A Datasheet
162Kb / 10P
   Reverse Package Chip LED with Inner lens
11-21-R6C-AP1Q2LZ-2T EVERLIGHT-11-21-R6C-AP1Q2LZ-2T Datasheet
235Kb / 10P
   1206 Package Chip LED with Inner lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com