Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK400-060 Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # STK400-060
Description  AF Power Amplifier (Split Power Supply) (50 W 50 W 50 W min, THD = 0.4%)?
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK400-060 Datasheet(HTML) 9 Page - Sanyo Semicon Device

  STK400-060 Datasheet HTML 1Page - Sanyo Semicon Device STK400-060 Datasheet HTML 2Page - Sanyo Semicon Device STK400-060 Datasheet HTML 3Page - Sanyo Semicon Device STK400-060 Datasheet HTML 4Page - Sanyo Semicon Device STK400-060 Datasheet HTML 5Page - Sanyo Semicon Device STK400-060 Datasheet HTML 6Page - Sanyo Semicon Device STK400-060 Datasheet HTML 7Page - Sanyo Semicon Device STK400-060 Datasheet HTML 8Page - Sanyo Semicon Device STK400-060 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image


Similar Part No. - STK400-060

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK400-060 SANYO-STK400-060 Datasheet
184Kb / 7P
   3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%
STK400-060 SANYO-STK400-060 Datasheet
259Kb / 8P
   AF Power Amplifier (Split Power Supply) (25 W 25 W min, THD = 0.4%)?
STK400-060 SANYO-STK400-060 Datasheet
186Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) 15 W 15 W, THD = 0.08%??????
STK400-060 SANYO-STK400-060 Datasheet
403Kb / 10P
   3-Channel AF Power Amplifier (Split Power Supply) (15 W 15 W 15 W min, THD = 0.4 %)
STK400-060 SANYO-STK400-060 Datasheet
528Kb / 9P
   AF Power Amplifier (Split Power Supply) (30 W 30 W min, THD = 0.4%)
More results

Similar Description - STK400-060

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK401-090 SANYO-STK401-090 Datasheet
516Kb / 9P
   AF Power Amplifier (Split Power Supply) (50 W 50 W min, THD = 0.4%)
STK400-290 SANYO-STK400-290 Datasheet
536Kb / 10P
   AF Power Amplifier (Split Power Supply) (50 W 50 W 50W min, THD = 0.08%)
STK4036X SANYO-STK4036X Datasheet
132Kb / 5P
   AF Power Amplifier (Split Power Supply) (50 W min, THD = 0.008%)?
STK4036V SANYO-STK4036V Datasheet
266Kb / 9P
   AF Power Amplifier (Split Power Supply) (50 W min, THD = 0.08%)?
STK4036XI SANYO-STK4036XI Datasheet
285Kb / 5P
   AF Power Amplifier (Split Power Supply) (50 W min, THD = 0.008%)?
STK401-040 SANYO-STK401-040 Datasheet
259Kb / 8P
   AF Power Amplifier (Split Power Supply) (25 W 25 W min, THD = 0.4%)?
STK401-120 SANYO-STK401-120 Datasheet
245Kb / 8P
   AF Power Amplifier (Split Power Supply) (80 W 80 W min, THD = 0.4%)?
STK401-070 SANYO-STK401-070 Datasheet
258Kb / 9P
   AF Power Amplifier (Split Power Supply) (40 W 40 W min, THD = 0.4%)?
STK401-080 SANYO-STK401-080 Datasheet
256Kb / 9P
   AF Power Amplifier (Split Power Supply) (45 W 45 W min, THD = 0.4%)???
STK401-110 SANYO-STK401-110 Datasheet
243Kb / 8P
   AF Power Amplifier (Split Power Supply) (70 W 70 W min, THD = 0.4%)?
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com