Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27-21-BHC-AP1Q2-3C Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 27-21-BHC-AP1Q2-3C
Description  Chip LED with Right Angle Lens
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

27-21-BHC-AP1Q2-3C Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  27-21-BHC-AP1Q2-3C Datasheet HTML 1Page - Everlight Electronics Co., Ltd 27-21-BHC-AP1Q2-3C Datasheet HTML 2Page - Everlight Electronics Co., Ltd 27-21-BHC-AP1Q2-3C Datasheet HTML 3Page - Everlight Electronics Co., Ltd 27-21-BHC-AP1Q2-3C Datasheet HTML 4Page - Everlight Electronics Co., Ltd 27-21-BHC-AP1Q2-3C Datasheet HTML 5Page - Everlight Electronics Co., Ltd 27-21-BHC-AP1Q2-3C Datasheet HTML 6Page - Everlight Electronics Co., Ltd 27-21-BHC-AP1Q2-3C Datasheet HTML 7Page - Everlight Electronics Co., Ltd 27-21-BHC-AP1Q2-3C Datasheet HTML 8Page - Everlight Electronics Co., Ltd 27-21-BHC-AP1Q2-3C Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2008-09-20 00:16:12.0
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 1
Page: 1 of 10
Device No:SZDSE-271-B17
Prepared date: 15-Apr-2008
Prepared by: Xiao XiaoLi
Technical Data Sheet
Chip LED with Right Angle Lens
27-21/BHC-AP1Q2/3C
Features
․Package in 8mm tape on 7〞diameter reel.
․Compatible with automatic placement equipment.
․Compatible with infrared and vapor phase reflow
solder process.
․Mono-color type.
․Pb-free.
․The product itself will remain within RoHS compliant version
Descriptions
․The 27-21 SMD LED is much smaller than lead
frame type components, thus enable smaller
board size, higher packing density, reduced
storage space and finally smaller equipment to be
obtained.
․Besides, lightweight makes them ideal for
miniature applications. etc.
Applications
․Backlighting in dashboard and switch.
․Telecommunication: indicator and backlighting in
telephone and fax.
․Flat backlight for LCD, switch and symbol.
․General use.
Device Selection Guide
Chip
Part No.
Material
Emitted Color
Resin Color
27-21/BHC-AP1Q2 /3C
InGaN
Blue
Water Clear


Similar Part No. - 27-21-BHC-AP1Q2-3C

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
27-21-BHC-AP1Q2-3C TO-GRACE-27-21-BHC-AP1Q2-3C Datasheet
1Mb / 10P
   Chip LED with Right Angle Lens
More results

Similar Description - 27-21-BHC-AP1Q2-3C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
12-21-T3D-AQ2S2M-2C EVERLIGHT-12-21-T3D-AQ2S2M-2C Datasheet
167Kb / 12P
   Chip LED with Right Angle Lens
27-21-T1D-CQ1R2NW-3C EVERLIGHT-27-21-T1D-CQ1R2NW-3C Datasheet
172Kb / 12P
   Chip LED with Right Angle Lens
48-213-BHC-ZM2P1QY-3C EVERLIGHT-48-213-BHC-ZM2P1QY-3C Datasheet
149Kb / 10P
   Chip LED with Right Angle Lens
12-21C-BHC-AN1P2-2C EVERLIGHT-12-21C-BHC-AN1P2-2C Datasheet
198Kb / 10P
   Chip LED with Right Angle Lens
12-215-BHC-AN1P2-3C EVERLIGHT-12-215-BHC-AN1P2-3C_04 Datasheet
143Kb / 10P
   Chip LED with Right Angle Lens
12-215-G6C-AL2M2B-3C EVERLIGHT-12-215-G6C-AL2M2B-3C Datasheet
137Kb / 10P
   Chip LED with Right Angle Lens
12-215-Y2C-CP1Q2B-3C EVERLIGHT-12-215-Y2C-CP1Q2B-3C Datasheet
149Kb / 10P
   Chip LED with Right Angle Lens
27-21SURC EVERLIGHT-27-21SURC Datasheet
163Kb / 9P
   Chip LED with Right Angle Lens
27-21SYGC EVERLIGHT-27-21SYGC_05 Datasheet
151Kb / 9P
   Chip LED with Right Angle Lens
12-215-BHC-XL1M2HY-3C EVERLIGHT-12-215-BHC-XL1M2HY-3C Datasheet
139Kb / 10P
   Chip LED with Right Angle Lens
12-21C-BHC-YL1M2HY-2C EVERLIGHT-12-21C-BHC-YL1M2HY-2C_11 Datasheet
203Kb / 10P
   Chip LED with Right Angle Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com